Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTA144TE Datasheet(PDF) 3 Page - Rohm

Part # DTA144TE
Description  Digital transistors (built in resistor)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTA144TE Datasheet(HTML) 3 Page - Rohm

  DTA144TE Datasheet HTML 1Page - Rohm DTA144TE Datasheet HTML 2Page - Rohm DTA144TE Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
371
Transistors
DTA144TE/DTA144TUA/DTA144TKA/DTA144TCA/DTA144TSA
FElectrical characteristic curves


Similar Part No. - DTA144TE

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA144TE ROHM-DTA144TE Datasheet
144Kb / 3P
   -100mA / -50V Digital transistors (with built-in resistor)
logo
SeCoS Halbleitertechnol...
DTA144TE SECOS-DTA144TE Datasheet
153Kb / 2P
   PNP Digital Transistors
logo
Tiger Electronic Co.,Lt...
DTA144TE TGS-DTA144TE Datasheet
168Kb / 2P
   Digital transistors (built-in resistors)
logo
Taiwan Semiconductor Co...
DTA144TE TSC-DTA144TE Datasheet
209Kb / 3P
   PNP Small Signal Transistor
logo
Rohm
DTA144TE ROHM-DTA144TE Datasheet
1Mb / 11P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
More results

Similar Description - DTA144TE

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC614T ROHM-DTC614T Datasheet
66Kb / 3P
   Digital transistors (built-in resistor)
DTA114TE ROHM-DTA114TE Datasheet
85Kb / 4P
   Digital transistors (built in resistor)
DTB143TK ROHM-DTB143TK Datasheet
62Kb / 3P
   Digital transistors (built in resistor)
DTC115TH ROHM-DTC115TH Datasheet
59Kb / 2P
   Digital transistors (built in resistor)
DTD143TK ROHM-DTD143TK Datasheet
61Kb / 3P
   Digital transistors (built-in resistor)
DTC115GUA ROHM-DTC115GUA Datasheet
64Kb / 3P
   Digital transistors (built-in resistor)
DTB123YU ROHM-DTB123YU Datasheet
77Kb / 4P
   Digital transistors (built-in resistor)
DTC115TE ROHM-DTC115TE Datasheet
73Kb / 3P
   Digital transistors (built in resistor)
DTC614TUT106 ROHM-DTC614TUT106 Datasheet
59Kb / 3P
   Digital transistors (built-in resistor)
DTA124TM ROHM-DTA124TM Datasheet
55Kb / 3P
   Digital transistors (built in resistor)
DTC643TU ROHM-DTC643TU Datasheet
83Kb / 3P
   Digital transistors (built-in resistor)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com