Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5566-08B Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 5566-08B
Description  4.20mm (.165") Pitch Mini-Fit Jr.??Header, Dual Row, Vertical, without Snap-in Plastic Peg PCB Lock, 8 Circuits, PA Polyamide Nylon 6/6 94V-2, Tin (Sn) Plating, with Drain Holes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

5566-08B Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  5566-08B Datasheet HTML 1Page - Molex Electronics Ltd. 5566-08B Datasheet HTML 2Page - Molex Electronics Ltd. 5566-08B Datasheet HTML 3Page - Molex Electronics Ltd. 5566-08B Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 05/21/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0039293086
Status:
Active
Overview:
minifit_jr
Description:
4.20mm (.165") Pitch Mini-Fit Jr.™ Header, Dual Row, Vertical, without Snap-in Plastic
Peg PCB Lock, 8 Circuits, PA Polyamide Nylon 6/6 94V-2, Tin (Sn) Plating, with Drain
Holes
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
Agency Certification
CSA
LR19980
TUV
R72081037
UL
E29179
General
Product Family
PCB Headers
Series
5566
Application
Wire-to-Board
Comments
Current = 13A max. per circuit when header is mated
to a receptacle loaded with 45750 Mini-Fit Plus HCS™
Crimp Terminal Crimpted to to 16 AWG wire. . See
Molex product specification PS-45750-001 for additional
current de-rating information.. High Temperature,
Square Pin, Solder Type
Overview
minifit_jr
Product Name
Mini-Fit Jr.™
Physical
Breakaway
No
Circuits (Loaded)
8
Circuits (maximum)
8
Color - Resin
Natural
Durability (mating cycles max)
30
First Mate / Last Break
No
Flammability
94V-2
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Metal
Brass
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
Nylon
Number of Rows
2
Orientation
Vertical
PC Tail Length (in)
0.138 In
PC Tail Length (mm)
3.50 mm
PCB Locator
Yes
PCB Retention
None
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Bag
Pitch - Mating Interface (in)
0.165 In
Pitch - Mating Interface (mm)
4.20 mm
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
5566Series
Mates With
5557 Mini-Fit Jr.™ Receptacle Housing


Similar Part No. - 5566-08B

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
5566-08B MOLEX11-5566-08B Datasheet
50Kb / 2P
   Mini-Fit짰 Jr. Header, Dual Row, Vertical, without Snap-in Plastic Peg PCB Lock, 8 Circuits, PA Polyamide Nylon 6/6 94V-2, Tin (Sn) Plating, with Drain Holes
5566-08B-210 MOLEX3-5566-08B-210 Datasheet
412Kb / 4P
   4.20mm (.165") Pitch Mini-Fit Jr. Header, Dual Row, Vertical, without Snap-in Plastic Peg PCB Lock
5566-08B-210 MOLEX11-5566-08B-210 Datasheet
50Kb / 2P
   Mini-Fit짰 Jr. Header, Dual Row, Vertical, without Snap-in Plastic Peg PCB Lock, 8 Circuits, PA Polyamide Nylon 6/6 94V-0, Tin (Sn) Plating, with Drain Holes
5566-08B2 MOLEX3-5566-08B2 Datasheet
407Kb / 4P
   4.20mm (.165") Pitch Mini-Fit Jr.??Header, Dual Row, Vertical, with Snap-in Plastic Peg PCB Lock, 8 Circuits, PA Polyamide Nylon 6/6 94V-2, Tin (Sn) Plating, with Drain Holes
5566-08B2 MOLEX11-5566-08B2 Datasheet
50Kb / 2P
   Mini-Fit짰 Jr. Header, Dual Row, Vertical, with Snap-in Plastic Peg PCB Lock, 8 Circuits, PA Polyamide Nylon 6/6 94V-2, Tin (Sn) Plating, with Drain Holes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com