Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

22-28-6054 Datasheet(PDF) 9 Page - Molex Electronics Ltd.

Part # 22-28-6054
Description  2.54mm (.100") Pitch KK짰 Header, Breakaway, Right Angle, 5 Circuits, 0.76關m (30關") Gold (Au) Selective Plating, Mating Pin Length 9.17mm (.361")
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

22-28-6054 Datasheet(HTML) 9 Page - Molex Electronics Ltd.

Back Button 22-28-6054 Datasheet HTML 4Page - Molex Electronics Ltd. 22-28-6054 Datasheet HTML 5Page - Molex Electronics Ltd. 22-28-6054 Datasheet HTML 6Page - Molex Electronics Ltd. 22-28-6054 Datasheet HTML 7Page - Molex Electronics Ltd. 22-28-6054 Datasheet HTML 8Page - Molex Electronics Ltd. 22-28-6054 Datasheet HTML 9Page - Molex Electronics Ltd. 22-28-6054 Datasheet HTML 10Page - Molex Electronics Ltd. 22-28-6054 Datasheet HTML 11Page - Molex Electronics Ltd. 22-28-6054 Datasheet HTML 12Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
REV:
ECR / ECN INFORMATION:
SHEET No.
EC No.:
UCP2009-1603
K13
DATE:
4/23/2009
TITLE:
KK 100 HEADER ASSEMBLY
FLAT RIGHT ANGLE
BREAKAWAY
- 7 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD- 42376-001
MKIPPER
JBELL
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
A-42376-0352 / 0386
HEADER NUMBER:
42312-0002/0036
PIN NUMBER:
42663-DAB208
PIN LENGTH: L
.765/19.43
MATING LENGTH: M
.405/10.29
GOLD POINT: G
.180/4.57
PIN HEIGHT: Y
.248/6.30
PC TAIL LENGTH: P
.135/3.43
TIN: T
.135/3.43
CKTS:
2-36
KINKS:
PER SMES-42003
REMOVED BACKWALLS:
NONE
VOIDED CKTS:
NONE
PACKAGING:
BULK PK-40873-0043
CKTS
MATERIAL
NUMBER
ENG
NUMBER
CKTS
MATERIAL
NUMBER
ENG
NUMBER
02
22-28-7023
42376-0352
20
22-28-7203
42376-0370
03
22-28-7033
42376-0353
21
22-28-7213
42376-0371
04
22-28-7043
42376-0354
22
22-28-7223
42376-0372
05
22-28-7053
42376-0355
23
22-28-7233
42376-0373
06
22-28-7063
42376-0356
24
22-28-7243
42376-0374
07
22-28-7073
42376-0357
25
22-28-7253
42376-0375
08
22-28-7083
42376-0358
26
22-28-7263
42376-0376
09
22-28-7093
42376-0359
27
22-28-7273
42376-0377
10
22-28-7103
42376-0360
28
22-28-7283
42376-0378
11
22-28-7113
42376-0361
29
22-28-7293
42376-0379
12
22-28-7123
42376-0362
30
22-28-7303
42376-0380
13
22-28-7133
42376-0363
31
22-28-7313
42376-0381
14
22-28-7143
42376-0364
32
22-28-7323
42376-0382
15
22-28-7153
42376-0365
33
22-28-7333
42376-0383
16
22-28-7163
42376-0366
34
22-28-7343
42376-0384
17
22-28-7173
42376-0367
35
22-28-7353
42376-0385
18
22-28-7183
42376-0368
36
22-28-7363
42376-0386
19
22-28-7193
42376-0369
A-42376-0387 / 0421
HEADER NUMBER:
42312-0002/0036
PIN NUMBER:
42663-DAB228
PIN LENGTH: L
.765/19.43
MATING LENGTH: M
.405/10.29
GOLD POINT: G
.180/4.57
PIN HEIGHT: Y
.248/6.30
PC TAIL LENGTH: P
.135/3.43
TIN: T
.135/3.43
CKTS:
2-36
KINKS:
PER SMES-42003
REMOVED BACKWALLS:
NONE
VOIDED CKTS:
NONE
PACKAGING:
BULK PK-40873-0043
CKTS
MATERIAL
NUMBER
ENG
NUMBER
CKTS
MATERIAL
NUMBER
ENG
NUMBER
02
22-28-7025
42376-0387
20
22-28-7205
42376-0405
03
22-28-7035
42376-0388
21
22-28-7215
42376-0406
04
22-28-7045
42376-0389
22
22-28-7225
42376-0407
05
22-28-7055
42376-0390
23
22-28-7235
42376-0408
06
22-28-7065
42376-0391
24
22-28-7245
42376-0409
07
22-28-7075
42376-0392
25
22-28-7255
42376-0410
08
22-28-7085
42376-0393
26
22-28-7265
42376-0411
09
22-28-7095
42376-0394
27
22-28-7275
42376-0412
10
22-28-7105
42376-0395
28
22-28-7285
42376-0413
11
22-28-7115
42376-0396
29
22-28-7295
42376-0414
12
22-28-7125
42376-0397
30
22-28-7305
42376-0415
13
22-28-7135
42376-0398
31
22-28-7315
42376-0416
14
22-28-7145
42376-0399
32
22-28-7325
42376-0417
15
22-28-7155
42376-0400
33
22-28-7335
42376-0418
16
22-28-7165
42376-0401
34
22-28-7345
42376-0419
17
22-28-7175
42376-0402
35
22-28-7355
42376-0420
18
22-28-7185
42376-0403
36
22-28-7365
42376-0421
19
22-28-7195
42376-0404


Similar Part No. - 22-28-6054

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
22-28-6054 MOLEX11-22-28-6054 Datasheet
59Kb / 2P
   KK짰 254 Breakaway Header, Right-Angle, 5 Circuits, 0.76關m (30關") Gold (Au) Selective Plating, Mating Pin Length 9.17mm (.361")
22-28-6054 MOLEX-22-28-6054 Datasheet
296Kb / 12P
   KK 100 HEADER ASSEMBLY FLAT RIGHT ANGLE BREAKAWAY |
12/7/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com