Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0038002484 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 0038002484
Description  5.08mm (.200") Pitch KK짰 Header, Vertical, Round Pin, 4 Circuits, Tin (Sn) Plating, Pin Length 39.68mm (1.562")
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

0038002484 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  0038002484 Datasheet HTML 1Page - Molex Electronics Ltd. 0038002484 Datasheet HTML 2Page - Molex Electronics Ltd. 0038002484 Datasheet HTML 3Page - Molex Electronics Ltd. 0038002484 Datasheet HTML 4Page - Molex Electronics Ltd. 0038002484 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image


Similar Part No. - 0038002484

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0038002400 MOLEX3-0038002400 Datasheet
202Kb / 4P
   2.54mm (.100") Pitch KK짰 Connector, IDT, High Pressure Cat Ear Contact System, Green ID Stripe, 10 Circuit
0038002401 MOLEX3-0038002401 Datasheet
202Kb / 4P
   2.54mm (.100") Pitch KK짰 Connector, IDT, High Pressure Cat Ear Contact System, Green ID Stripe, 11 Circuit
0038002402 MOLEX3-0038002402 Datasheet
202Kb / 4P
   2.54mm (.100") Pitch KK짰 Connector, IDT, High Pressure Cat Ear Contact System, Green ID Stripe, 12 Circuit
0038002403 MOLEX3-0038002403 Datasheet
202Kb / 4P
   2.54mm (.100") Pitch KK짰 Connector, IDT, High Pressure Cat Ear Contact System, Green ID Stripe, 13 Circuit
0038002404 MOLEX3-0038002404 Datasheet
202Kb / 4P
   2.54mm (.100") Pitch KK짰 Connector, IDT, High Pressure Cat Ear Contact System, Green ID Stripe, 14 Circuit
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com