Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTC114TKA Datasheet(PDF) 2 Page - Rohm

Part # DTC114TKA
Description  Digital transistors (built in resistor)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTC114TKA Datasheet(HTML) 2 Page - Rohm

  DTC114TKA Datasheet HTML 1Page - Rohm DTC114TKA Datasheet HTML 2Page - Rohm DTC114TKA Datasheet HTML 3Page - Rohm DTC114TKA Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DTC114TM / DTC114TE / DTC114TUA
Transistors
DTC114TKA / DTC114TSA
Rev.A
2/3
Absolute maximum ratings (Ta=25
°C)
Parameter
Symbol
VCBO
50
50
5
100
150
200
300
150
−55 to +150
E
M
UAKASA
V
VCEO
VEBO
V
V
mA
mW
°C
°C
IC
PC
Tj
Tstg
Unit
Limits(DTA114T
)
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Collector power dissipation
Junction temperature
Storage temperature
Electrical characteristics (Ta=25
°C)
Parameter
Symbol
BVCBO
BVCEO
BVEBO
ICBO
IEBO
hFE
VCE(sat)
R1
fT
Min.
50
50
5
100
7
250
10
250
VIC
=50µA
IC
=1mA
IE
=50µA
VCB
=50V
VEB
=4V
VCE
=5V, IC=1mA
IC/IB
=10mA/1mA
VCE
=10V, IE=−5mA, f=100MHz
V
V
µA
µA
V
k
MHz
Typ.
0.5
0.5
600
0.3
13
Max.
Unit
Conditions
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
DC current transfer ratio
Collector-emitter saturation voltage
Input resistance
Transition frequency
∗ Transition frequency of the device
Packaging specifications
DTC114TE
DTC114TM
Type
DTC114TUA
DTC114TKA
DTC114TSA
Package
Package type
TL
EMT3
3000
Taping
T2L
VMT3
8000
Taping
UMT3
T106
3000
Taping
SMT3
T146
3000
Taping
SPT
TP
5000
Taping
Code
Basic ordering
unit (pieces)


Similar Part No. - DTC114TKA

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
DTC114TKA JIANGSU-DTC114TKA Datasheet
96Kb / 2P
   Digital transistors (built-in resistors)
logo
SeCoS Halbleitertechnol...
DTC114TKA SECOS-DTC114TKA Datasheet
199Kb / 2P
   NPN Digital Transistors (Built-in Resistors)
logo
Rohm
DTC114TKA ROHM-DTC114TKA Datasheet
85Kb / 3P
   100mA / 50V Digital transistors (with built-in resistors)
logo
Rectron Semiconductor
DTC114TKA RECTRON-DTC114TKA Datasheet
348Kb / 3P
   SOT-23-3L DIGITAL TRANSISTOR TRANSISTORS(NPN)
logo
Micro Commercial Compon...
DTC114TKA MCC-DTC114TKA Datasheet
1Mb / 2P
   NPN Digital Transistor
More results

Similar Description - DTC114TKA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC614T ROHM-DTC614T Datasheet
66Kb / 3P
   Digital transistors (built-in resistor)
DTA114TE ROHM-DTA114TE Datasheet
85Kb / 4P
   Digital transistors (built in resistor)
DTB143TK ROHM-DTB143TK Datasheet
62Kb / 3P
   Digital transistors (built in resistor)
DTC115TH ROHM-DTC115TH Datasheet
59Kb / 2P
   Digital transistors (built in resistor)
DTD143TK ROHM-DTD143TK Datasheet
61Kb / 3P
   Digital transistors (built-in resistor)
DTC115GUA ROHM-DTC115GUA Datasheet
64Kb / 3P
   Digital transistors (built-in resistor)
DTB123YU ROHM-DTB123YU Datasheet
77Kb / 4P
   Digital transistors (built-in resistor)
DTC115TE ROHM-DTC115TE Datasheet
73Kb / 3P
   Digital transistors (built in resistor)
DTC614TUT106 ROHM-DTC614TUT106 Datasheet
59Kb / 3P
   Digital transistors (built-in resistor)
DTA124TM ROHM-DTA124TM Datasheet
55Kb / 3P
   Digital transistors (built in resistor)
DTC643TU ROHM-DTC643TU Datasheet
83Kb / 3P
   Digital transistors (built-in resistor)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com