Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A-42375-0386 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # A-42375-0386
Description  2.54mm (.100") Pitch KK짰 Header, Breakaway, Vertical, 36 Circuits, 0.38關m (15關") Gold (Au) Selective Plating, Mating Pin Length 6.09mm (.240"), with Kinked PC Tails
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

A-42375-0386 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  A-42375-0386 Datasheet HTML 1Page - Molex Electronics Ltd. A-42375-0386 Datasheet HTML 2Page - Molex Electronics Ltd. A-42375-0386 Datasheet HTML 3Page - Molex Electronics Ltd. A-42375-0386 Datasheet HTML 4Page - Molex Electronics Ltd. A-42375-0386 Datasheet HTML 5Page - Molex Electronics Ltd. A-42375-0386 Datasheet HTML 6Page - Molex Electronics Ltd. A-42375-0386 Datasheet HTML 7Page - Molex Electronics Ltd. A-42375-0386 Datasheet HTML 8Page - Molex Electronics Ltd. A-42375-0386 Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
This document was generated on 03/21/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0022285363
Status:
Active
Description:
2.54mm (.100") Pitch KK® Header, Breakaway, Vertical, 36 Circuits, 0.38µm (15µ")
Gold (Au) Selective Plating, Mating Pin Length 6.09mm (.240"), with Kinked PC Tails
Documents:
3D Model
Product Specification PS-10-07 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
42375
Application
Board-to-Board, Wire-to-Board
Product Name
KK®
Physical
Breakaway
Yes
Circuits (Loaded)
36
Circuits (maximum)
36
Color - Resin
Black
Durability (mating cycles max)
100
First Mate / Last Break
No
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
None
Material - Metal
Brass
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
1
Orientation
Vertical
PC Tail Length (in)
0.135 In
PC Tail Length (mm)
3.43 mm
PCB Locator
No
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Bag
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Plating min: Mating (µin)
15
Plating min: Mating (µm)
0.375
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.5
Polarized to Mating Part
No
Polarized to PCB
No
Shrouded
No
Stackable
No
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
0°C to +75°C
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
42375Series
Mates With
2695 , 6471 , 7880 , 4455 , 7720 , 70430
, 7859 , L ink:90148, 90147 , 70400a ,
70066a , 40556


Similar Part No. - A-42375-0386

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
A-42375-0387 MOLEX2-A-42375-0387 Datasheet
526Kb / 36P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, 2 Circuits, 0.76關m (30關) Gold (Au) Selective Plating, Mating Pin Length 6.09mm (.240)
A-42375-0388 MOLEX2-A-42375-0388 Datasheet
526Kb / 36P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, 3 Circuits, 0.76關m (30關) Gold (Au) Selective Plating, Mating Pin Length 6.09mm (.240), with Kinked PC Tails
A-42375-0389 MOLEX2-A-42375-0389 Datasheet
526Kb / 36P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, 4 Circuits, 0.76關m (30關) Gold (Au) Selective Plating, Mating Pin Length 6.09mm (.240"), with Kinked PC Tails
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com