Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTC124TSA Datasheet(PDF) 2 Page - Rohm

Part # DTC124TSA
Description  Digital transistors (built-in resistor)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTC124TSA Datasheet(HTML) 2 Page - Rohm

  DTC124TSA Datasheet HTML 1Page - Rohm DTC124TSA Datasheet HTML 2Page - Rohm DTC124TSA Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DTC124TH / DTC124TE / DTC124TUA /
Transistors
DTC124TKA / DTC124TSA
!
!
!
!Absolute maximum ratings
(Ta = 25
°C)
Parameter
Symbol
VCBO
50
50
5
100
150
200
300
150
−55 ~ +150
EUA
KA
SA
V
V
V
mA
mW
°C
°C
VCEO
VEBO
IC
Pc
Tj
Tstg
Unit
Collector-base voltage
Emitter-base voltage
Collector-emitter voltage
Collector current
Collector power dissipation
Junction temperature
Storage temperature
H
Limits(DTC124T )
!Electrical characteristics
(Ta = 25
°C)
Parameter
Symbol
BVCBO
VCE(sat)
V
V
V
V
BVCEO
BVEBO
ICBO
IEBO
hFE
R1
fT
Unit
Collector-base breakdown voltage
Emitter-base breakdown voltage
Collector-emitter breakdown voltage
Collector-emitter saturation voltage
Collector cutoff current
Emitter cutoff current
DC current transfer ratio
Input resistance
Transition frequency
Min.
Typ.
Max.
Conditions
50
50
5
−−
−−
100
15.4
250
22
250
0.5
0.5
0.3
600
28.6
µA
µA
k
MHZ
IC
=50µA
IC/IB
=5mA/0.5mA
IE
=50µA
VCB
=50V
VCE
=5V,IC=1mA
VCE
=10V,IE=−5mA,f=100MHZ
VEB
=4V
IC
=1mA
Transition frequency of the device
!Packaging specifications
TL
T2L
UMT3
EMT3
EMT3H
SMT3
SST3
DTC124TE
DTC124TH
Part No.
DTC124TUA
3000
T106
3000
T146
3000
TP
5000
DTC124TKA
DTC124TSA
Package
Packaging type
Code
Basic ordering unit (pieces)
Taping
Taping
Taping
Taping
Taping
8000


Similar Part No. - DTC124TSA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC124TSA ROHM-DTC124TSA Datasheet
53Kb / 4P
   Digital transistors (built-in resistor)
More results

Similar Description - DTC124TSA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC614T ROHM-DTC614T Datasheet
66Kb / 3P
   Digital transistors (built-in resistor)
DTA114TE ROHM-DTA114TE Datasheet
85Kb / 4P
   Digital transistors (built in resistor)
DTB143TK ROHM-DTB143TK Datasheet
62Kb / 3P
   Digital transistors (built in resistor)
DTC115TH ROHM-DTC115TH Datasheet
59Kb / 2P
   Digital transistors (built in resistor)
DTD143TK ROHM-DTD143TK Datasheet
61Kb / 3P
   Digital transistors (built-in resistor)
DTC115GUA ROHM-DTC115GUA Datasheet
64Kb / 3P
   Digital transistors (built-in resistor)
DTB123YU ROHM-DTB123YU Datasheet
77Kb / 4P
   Digital transistors (built-in resistor)
DTC115TE ROHM-DTC115TE Datasheet
73Kb / 3P
   Digital transistors (built in resistor)
DTC614TUT106 ROHM-DTC614TUT106 Datasheet
59Kb / 3P
   Digital transistors (built-in resistor)
DTA124TM ROHM-DTA124TM Datasheet
55Kb / 3P
   Digital transistors (built in resistor)
DTC643TU ROHM-DTC643TU Datasheet
83Kb / 3P
   Digital transistors (built-in resistor)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com