Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTC143XUA Datasheet(PDF) 2 Page - Rohm

Part # DTC143XUA
Description  Digital transistors (built-in resistors)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTC143XUA Datasheet(HTML) 2 Page - Rohm

  DTC143XUA Datasheet HTML 1Page - Rohm DTC143XUA Datasheet HTML 2Page - Rohm DTC143XUA Datasheet HTML 3Page - Rohm DTC143XUA Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DTC143XM / DTC143XE / DTC143XUA
Transistors
DTC143XKA / DTC143XSA
!
!
!
!
Absolute maximum ratings (Ta=25
°C)
Limits(DTC143X
)
Parameter
Symbol
VCC
150
200
300
50
−7~+20
100
100
150
−55~+150
E
M
UAKASA
V
V
mA
mW
°C
°C
VIN
IO
IC(Max.)
Pd
Tj
Tstg
Unit
Supply voltage
Input voltage
Output current
Power dissipation
Junction temperature
Storage temperature
!
!
!
!
Electrical characteristics (Ta=25
°C)
Parameter
Symbol
VI(off)
VI(on)
VO(on)
II
IO(off)
R1
GI
R2/R1
fT
Min.
2.5
3.29
30
1.7
0.1
4.7
2.1
250
0.3
0.3
1.8
0.5
6.11
2.6
V
VCC
=5V, IO=100µA
VO
=0.3V, IO=20mA
IO/II
=10mA/0.5mA
VI
=5V
VCC
=50V, VI=0V
VO
=5V, IO=10mA
VCE
=10V, IE=−5mA, f=100MHz
V
mA
µA
k
−−
MHz
Typ.
Max.
Unit
Conditions
Input voltage
Output voltage
Input current
Output current
Input resistance
DC current gain
Resistance ratio
Transition frequency
∗ Transition frequency of the device
!
!
!
!
Packaging specifications
TL
UMT3
EMT3
SMT3
SPT
DTC143XE
DTC143XM
Type
DTC143XUA
3000
T2L
VMT3
8000
T106
3000
T146
3000
TP
5000
DTC143XKA
DTC143XSA
Package
Packaging type
Taping
Taping
Taping
Taping
Taping
Code
Basic ordering
unit (pieces)


Similar Part No. - DTC143XUA

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
DTC143XUA SECOS-DTC143XUA Datasheet
200Kb / 2P
   NPN Digital Transistors (Built-in Resistors)
logo
Shanghai Leiditech Elec...
DTC143XUA LEIDITECH-DTC143XUA Datasheet
2Mb / 6P
   Built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors
logo
Rohm
DTC143XUA ROHM-DTC143XUA Datasheet
148Kb / 3P
   100mA / 50V Digital transistors (with built-in resistors)
logo
Rectron Semiconductor
DTC143XUA RECTRON-DTC143XUA Datasheet
1,014Kb / 16P
   DIGITAL TRANSISTOR (NPN)
DTC143XUA RECTRON-DTC143XUA Datasheet
367Kb / 3P
   SOT-323 DIGITAL TRANSISTORS TRANSISTOR (NPN)
More results

Similar Description - DTC143XUA

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
DTC144EKA LRC-DTC144EKA Datasheet
76Kb / 2P
   Digital transistors(built-in resistors)
logo
Rohm
DTA123EM ROHM-DTA123EM Datasheet
88Kb / 4P
   Digital transistors (built-in resistors)
logo
Leshan Radio Company
LDTC114EET1 LRC-LDTC114EET1 Datasheet
206Kb / 3P
   Digital transistors (built-in resistors)
logo
Tiger Electronic Co.,Lt...
DTA143TM TGS-DTA143TM Datasheet
332Kb / 3P
   Digital transistors (built-in resistors)
DTA144TE TGS-DTA144TE Datasheet
168Kb / 2P
   Digital transistors (built-in resistors)
DTC143TM TGS-DTC143TM Datasheet
208Kb / 2P
   Digital transistors (built-in resistors)
DTC143XM TGS-DTC143XM Datasheet
213Kb / 2P
   Digital transistors (built-in resistors)
logo
E-Tech Electronics LTD
DTB143EK ETL-DTB143EK Datasheet
110Kb / 2P
   Digital transistors (built-in resistors)
DTD143E ETL-DTD143E Datasheet
121Kb / 2P
   Digital transistors (built-in resistors)
logo
Leshan Radio Company
DTA123EKA LRC-DTA123EKA Datasheet
75Kb / 2P
   Digital transistors(built-in resistors)
DTC114EKA LRC-DTC114EKA Datasheet
78Kb / 2P
   Digital transistors(built-in resistors)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com