Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0039300103 Datasheet(PDF) 5 Page - Molex Electronics Ltd.

Part # 0039300103
Description  4.20mm (.165") Pitch Mini-Fit Jr.??Header, Dual Row, Right Angle, with Snap-in Plastic Peg PCB Lock, 10 Circuits, PA Polyamide Nylon 6/6 94V-2, 0.76關m (30關") Gold (Au) Selective Plating
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

0039300103 Datasheet(HTML) 5 Page - Molex Electronics Ltd.

  0039300103 Datasheet HTML 1Page - Molex Electronics Ltd. 0039300103 Datasheet HTML 2Page - Molex Electronics Ltd. 0039300103 Datasheet HTML 3Page - Molex Electronics Ltd. 0039300103 Datasheet HTML 4Page - Molex Electronics Ltd. 0039300103 Datasheet HTML 5Page - Molex Electronics Ltd. 0039300103 Datasheet HTML 6Page - Molex Electronics Ltd. 0039300103 Datasheet HTML 7Page - Molex Electronics Ltd. 0039300103 Datasheet HTML 8Page - Molex Electronics Ltd. 0039300103 Datasheet HTML 9Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
REVISION:
ECR/ECN INFORMATION:
SHEET No.
EC No:
UCP2010-0398
L3
DATE:
2009/09/02
TITLE:
MINI-FIT JR.
® RIGHT ANGLE
HEADER ASSEMBLIES
WITH MOUNTING PEGS
- 3 -
DOCUMENT NUMBER:
Drawn By:
Checked By:
Approved By:
SDA-5569-NA2*-*
JJAGUILAR
JBELL
FSMITH
Filename: SPOMASTER.DOC
Revision: 1
Location: Workmanager General Docs Class.
Date: 4-15-2002
PART
NUMBER
ENG.
NUMBER
CKT.
SIZE
PLATING
(NOTE 2)
HSG
MAT'L
PART
NUMBER
ENG.
NUMBER
CKT.
SIZE
PLATING
(NOTE 2)
HSG
MAT'L
39-30-0023
5569-02A2GS
2
39-30-0024
5569-02A2GS-210
2
39-30-0043
5569-04A2GS
4
39-30-0044
5569-04A2GS-210
4
39-30-0063
5569-06A2GS
6
39-30-0064
5569-06A2GS-210
6
39-30-0083
5569-08A2GS
8
39-30-0084
5569-08A2GS-210
8
39-30-0103
5569-10A2GS
10
39-30-0104
5569-10A2GS-210
10
39-30-0123
5569-12A2GS
12
39-30-0124
5569-12A2GS-210
12
39-30-0143
5569-14A2GS
14
39-30-0144
5569-14A2GS-210
14
39-30-0163
5569-16A2GS
16
39-30-0164
5569-16A2GS-210
16
39-30-0183
5569-18A2GS
18
39-30-0184
5569-18A2GS-210
18
39-30-0203
5569-20A2GS
20
39-30-0204
5569-20A2GS-210
20
39-30-0223
5569-22A2GS
22
39-30-0224
5569-22A2GS-210
22
39-30-0243
5569-24A2GS
24
39-30-0244
5569-24A2GS-210
24
39-30-1023
5569-02A2GS2
2
39-30-1024 5569-02A2GS2-210
2
39-30-1043
5569-04A2GS2
4
39-30-1044 5569-04A2GS2-210
4
39-30-1063
5569-06A2GS2
6
39-30-1064 5569-06A2GS2-210
6
39-30-1083
5569-08A2GS2
8
39-30-1084 5569-08A2GS2-210
8
39-30-1103
5569-10A2GS2
10
39-30-1104 5569-10A2GS2-210
10
39-30-1123
5569-12A2GS2
12
39-30-1124 5569-12A2GS2-210
12
39-30-1143
5569-14A2GS2
14
39-30-1144 5569-14A2GS2-210
14
39-30-1163
5569-16A2GS2
16
39-30-1164 5569-16A2GS2-210
16
39-30-1183
5569-18A2GS2
18
39-30-1184 5569-18A2GS2-210
18
39-30-1203
5569-20A2GS2
20
39-30-1204 5569-20A2GS2-210
20
39-30-1223
5569-22A2GS2
22
39-30-1224 5569-22A2GS2-210
22
39-30-1243
5569-24A2GS2
24
39-30-1244 5569-24A2GS2-210
24
39-34-4026
5569-02A2GS3
2
39-34-4027 5569-02A2GS3-210
2
39-34-4046
5569-04A2GS3
4
39-34-4047 5569-04A2GS3-210
4
NOT TOOLED
5569-06A2GS3
6
NOT TOOLED
5569-06A2GS3-210
6
NOT TOOLED
5569-08A2GS3
8
NOT TOOLED
5569-08A2GS3-210
8
NOT TOOLED
5569-10A2GS3
10
NOT TOOLED
5569-10A2GS3-210
10
NOT TOOLED
5569-12A2GS3
12
NOT TOOLED
5569-12A2GS3-210
12
NOT TOOLED
5569-14A2GS3
14
NOT TOOLED
5569-14A2GS3-210
14
NOT TOOLED
5569-16A2GS3
16
NOT TOOLED
5569-16A2GS3-210
16
NOT TOOLED
5569-18A2GS3
18
NOT TOOLED
5569-18A2GS3-210
18
NOT TOOLED
5569-20A2GS3
20
NOT TOOLED
5569-20A2GS3-210
20
NOT TOOLED
5569-22A2GS3
22
NOT TOOLED
5569-22A2GS3-210
22
NOT TOOLED
5569-24A2GS3
24
NOT TOOLED
5569-24A2GS3-210
24
39-30-7025
5569-02A2S
2
39-30-7026
5569-02A2S-210
2
39-30-7045
5569-04A2S
4
39-30-7046
5569-04A2S-210
4
39-30-7065
5569-06A2S
6
39-30-7066
5569-06A2S-210
6
39-30-7085
5569-08A2S
8
39-30-7086
5569-08A2S-210
8
39-30-7105
5569-10A2S
10
39-30-7106
5569-10A2S-210
10
39-30-7125
5569-12A2S
12
39-30-7126
5569-12A2S-210
12
39-30-7145
5569-14A2S
14
39-30-7146
5569-14A2S-210
14
39-30-7165
5569-16A2S
16
39-30-7166
5569-16A2S-210
16
39-30-7185
5569-18A2S
18
39-30-7186
5569-18A2S-210
18
39-30-7205
5569-20A2S
20
39-30-7206
5569-20A2S-210
20
39-30-7225
5569-22A2S
22
39-30-7226
5569-22A2S-210
22
39-30-7245
5569-24A2S
24
39-30-7246
5569-24A2S-210
24
BULK PACKAGED PK-5569-002
94V-0
TIN
OVER
NICKEL
SEE
NOTE 2
OPTION
"S"
94V-2
TIN
OVER
NICKEL
SEE
NOTE 2
OPTION
"S"
94V-0
50 µ"
SELECT
GOLD
SEE
NOTE 2
OPTION
"GS3"
94V-2
50 µ"
SELECT
GOLD
SEE
NOTE 2
OPTION
"GS3"
15 µ"
SELECT
GOLD
SEE
NOTE 2
OPTION
"GS2"
94V-2
15 µ"
SELECT
GOLD
SEE
NOTE 2
OPTION
"GS2"
94V-0
30 µ"
SELECT
GOLD
SEE
NOTE 2
OPTION
"GS"
94V-2
30 µ"
SELECT
GOLD
SEE
NOTE 2
OPTION
"GS"
94V-0


Similar Part No. - 0039300103

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0039300100 MOLEX3-0039300100 Datasheet
280Kb / 9P
   4.20mm (.165") Pitch Mini-Fit Jr.??Header, Dual Row, Right Angle, with Snap-in Plastic Peg PCB Lock, 10 Circuits, PA Polyamide Nylon 6/6 94V-0, Tin (Sn) Plating
0039300100 MOLEX1-0039300100_18 Datasheet
36Kb / 2P
   Mini-Fit Jr. Header, Dual Row, Right Angle, with Snap-in Plastic Peg PCB Lock
0039300104 MOLEX3-0039300104 Datasheet
280Kb / 9P
   4.20mm (.165") Pitch Mini-Fit Jr. Header, Dual Row, Right Angle, with Snap-in Plastic Peg PCB Lock
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com