Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTC144VUA Datasheet(PDF) 1 Page - Rohm

Part # DTC144VUA
Description  Digital transistor (built-in resistors)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTC144VUA Datasheet(HTML) 1 Page - Rohm

  DTC144VUA Datasheet HTML 1Page - Rohm DTC144VUA Datasheet HTML 2Page - Rohm DTC144VUA Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DTC144VUA / DTC144VKA / DTC144VSA
Transistors
Rev.A
1/2
Digital transistor (built-in resistors)
DTC144VUA / DTC144VKA / DTC144VSA
Features
1) Built-in bias resistors enable the configuration of
an inverter circuit without connecting external
input resistors.
2) The bias resistors consist of thin-film resistors
with complete isolation to allow negative biasing of
the input, and parasitic effects are almost completely
eliminated.
3) Only the on / off conditions need to be set
for operation, making device design easy.
4) Higher mounting densities can be achieved.
Equivalent circuit
OUT
GND
IN
R1
R2
OUT
IN
GND
External dimensions (Unit : mm)
(3) OUT
(1) GND
ROHM : UMT3
EIAJ : SC-70
ROHM : SMT3
EIAJ : SC-59
ROHM : SPT
EIAJ : SC-72
DTC144VUA
DTC144VKA
DTC144VSA
(2) IN
Each lead has same dimensions
1.25
2.1
0.1to0.4
(2) IN
(3) OUT
(1) GND
Each lead has same dimensions
0.3to0.6
2.8
1.6
0.45
2.5
(1) (2) (3)
(3) IN
(1) GND
(2) OUT
5
Taping specifications
0.45
0.5
42
Absolute maximum ratings (Ta=25
°C)
Parameter
Symbol
Pd
Tj
Tstg
Limits
50
−10 to +40
30
100
200
300
DTC144VUA / DTC144VKA
DTC144VSA
150
−55 to +150
Unit
V
V
mA
mW
°C
°C
Power
dissipation
Supply voltage
Input voltage
Output curren
Junction temperature
Storage temperature
VCC
VI
IO
IC(Max.)


Similar Part No. - DTC144VUA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC144VUA ROHM-DTC144VUA Datasheet
71Kb / 3P
   100mA / 50V Digital transistor (with built-in resistors)
DTC144VUA ROHM-DTC144VUA Datasheet
1,007Kb / 8P
   NPN 100mA 50V Digital Transistor
DTC144VUA ROHM-DTC144VUA_1 Datasheet
71Kb / 3P
   100mA / 50V Digital transistor (with built-in resistors)
DTC144VUA ROHM-DTC144VUA_16 Datasheet
1,007Kb / 8P
   NPN 100mA 50V Digital Transistor
More results

Similar Description - DTC144VUA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA144VUA ROHM-DTA144VUA Datasheet
57Kb / 1P
   Digital transistor (built-in resistors)
DTD122JK ROHM-DTD122JK Datasheet
64Kb / 3P
   Digital transistor (built-in resistors)
DTA144VKA ROHM-DTA144VKA Datasheet
51Kb / 3P
   Digital transistor (built-in resistors)
DTB122JK ROHM-DTB122JK Datasheet
65Kb / 3P
   Digital transistor (built-in resistors)
DTD123YCHZG ROHM-DTD123YCHZG Datasheet
1Mb / 8P
   Digital transistor (built-in resistors)
logo
Unisonic Technologies
DTC143Z UTC-DTC143Z Datasheet
93Kb / 3P
   NPN DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
DTA124E UTC-DTA124E Datasheet
112Kb / 3P
   PNP DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
DTC114Y UTC-DTC114Y Datasheet
113Kb / 2P
   NPN DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
DTC124E UTC-DTC124E Datasheet
111Kb / 3P
   NPN DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
DTA143Z UTC-DTA143Z Datasheet
114Kb / 2P
   PNP DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com