Electronic Components Datasheet Search |
|
5569-06A2 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
5569-06A2 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 9 page This document was generated on 05/21/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0039301060 Status: Active Overview: minifit_jr Description: 4.20mm (.165") Pitch Mini-Fit Jr.™ Header, Dual Row, Right Angle, with Snap-in Plastic Peg PCB Lock, 6 Circuits, PA Polyamide Nylon 6/6 94V-2, Tin (Sn) Plating Documents: 3D Model Product Specification PS-5556-001 (PDF) Drawing (PDF) RoHS Certificate of Compliance (PDF) Agency Certification CSA LR19980 TUV R72081037 UL E29179 General Product Family PCB Headers Series 5569 Application Wire-to-Board Comments Current = 13A max. per circuit when header is mated to a receptacle loaded with 45750 Mini-Fit Plus HCS™ Crimp Terminal Crimpted to to 16 AWG wire. . See Molex Product specification PS-5556-001 for additional current de-rating information. Overview minifit_jr Product Name Mini-Fit Jr.™ Physical Breakaway No Circuits (Loaded) 6 Circuits (maximum) 6 Circuits Detail 6 Color - Resin Natural Durability (mating cycles max) 30 First Mate / Last Break No Flammability 94V-2 Glow-Wire Compliant No Guide to Mating Part No Keying to Mating Part None Lock to Mating Part Yes Material - Metal Brass Material - Plating Mating Tin Material - Plating Termination Tin Material - Resin Nylon Number of Rows 2 Orientation Right Angle PCB Locator Yes PCB Retention Yes PCB Thickness Recommended (in) 0.070 In PCB Thickness Recommended (mm) 1.78 mm Packaging Type Bag Pitch - Mating Interface (in) 0.165 In Pitch - Mating Interface (mm) 4.20 mm Pitch - Term. Interface (in) 0.165 In Pitch - Term. Interface (mm) 4.20 mm Plating min: Mating (µin) 200 Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 5569Series Mates With 5557 Mini-Fit Jr.™ Receptacle Housing |
Similar Part No. - 5569-06A2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |