Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0022286060 Datasheet(PDF) 7 Page - Molex Electronics Ltd.

Part # 0022286060
Description  2.54mm (.100") Pitch KK짰 Header, Breakaway, Right Angle, 6 Circuits, Tin (Sn) Plating, Mating Pin Length 9.17mm (.361")
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

0022286060 Datasheet(HTML) 7 Page - Molex Electronics Ltd.

Back Button 0022286060 Datasheet HTML 3Page - Molex Electronics Ltd. 0022286060 Datasheet HTML 4Page - Molex Electronics Ltd. 0022286060 Datasheet HTML 5Page - Molex Electronics Ltd. 0022286060 Datasheet HTML 6Page - Molex Electronics Ltd. 0022286060 Datasheet HTML 7Page - Molex Electronics Ltd. 0022286060 Datasheet HTML 8Page - Molex Electronics Ltd. 0022286060 Datasheet HTML 9Page - Molex Electronics Ltd. 0022286060 Datasheet HTML 10Page - Molex Electronics Ltd. 0022286060 Datasheet HTML 11Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
REV:
ECR / ECN INFORMATION:
SHEET No.
EC No.:
UCP2009-1603
K13
DATE:
4/23/2009
TITLE:
KK 100 HEADER ASSEMBLY
FLAT RIGHT ANGLE
BREAKAWAY
- 5 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD- 42376-001
MKIPPER
JBELL
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
A-42376-0212 / 0246
HEADER NUMBER:
42312-0002/0036
PIN NUMBER:
42663-BNA154
PIN LENGTH: L
.615/15.62
MATING LENGTH: M
.361/9.17
GOLD POINT: G
N/A
PIN HEIGHT: Y
.142/3.61
PC TAIL LENGTH: P
.135/3.43
TIN: T
OVERALL
CKTS:
2-36
KINKS:
PER SMES-42003
REMOVED BACKWALLS:
NONE
VOIDED CKTS:
NONE
PACKAGING:
BULK PK-40873-0041
CKTS
MATERIAL
NUMBER
ENG
NUMBER
CKTS
MATERIAL
NUMBER
ENG
NUMBER
02
22-28-7020
42376-0212
20
22-28-7200
42376-0230
03
22-28-7030
42376-0213
21
22-28-7210
42376-0231
04
22-28-7040
42376-0214
22
22-28-7220
42376-0232
05
22-28-7050
42376-0215
23
22-28-7230
42376-0233
06
22-28-7060
42376-0216
24
22-28-7240
42376-0234
07
22-28-7070
42376-0217
25
22-28-7250
42376-0235
08
22-28-7080
42376-0218
26
22-28-7260
42376-0236
09
22-28-7090
42376-0219
27
22-28-7270
42376-0237
10
22-28-7100
42376-0220
28
22-28-7280
42376-0238
11
22-28-7110
42376-0221
29
22-28-7290
42376-0239
12
22-28-7120
42376-0222
30
22-28-7300
42376-0240
13
22-28-7130
42376-0223
31
22-28-7310
42376-0241
14
22-28-7140
42376-0224
32
22-28-7320
42376-0242
15
22-28-7150
42376-0225
33
22-28-7330
42376-0243
16
22-28-7160
42376-0226
34
22-28-7340
42376-0244
17
22-28-7170
42376-0227
35
22-28-7350
42376-0245
18
22-28-7180
42376-0228
36
22-28-7360
42376-0246
19
22-28-7190
42376-0229
A-42376-0247 / 0281
HEADER NUMBER:
42312-0002/0036
PIN NUMBER:
42663-BNB208
PIN LENGTH: L
.615/15.62
MATING LENGTH: M
.361/9.17
GOLD POINT: G
.180/4.57
PIN HEIGHT: Y
.142/3.61
PC TAIL LENGTH: P
.135/3.43
TIN: T
.135/3.43
CKTS:
2-36
KINKS:
PER SMES-42003
REMOVED BACKWALLS:
NONE
VOIDED CKTS:
NONE
PACKAGING:
BULK PK-40873-0041
CKTS
MATERIAL
NUMBER
ENG
NUMBER
CKTS
MATERIAL
NUMBER
ENG
NUMBER
02
22-28-7022
42376-0247
20
22-28-7202
42376-0265
03
22-28-7032
42376-0248
21
22-28-7212
42376-0266
04
22-28-7042
42376-0249
22
22-28-7222
42376-0267
05
22-28-7052
42376-0250
23
22-28-7232
42376-0268
06
22-28-7062
42376-0251
24
22-28-7242
42376-0269
07
22-28-7072
42376-0252
25
22-28-7252
42376-0270
08
22-28-7082
42376-0253
26
22-28-7262
42376-0271
09
22-28-7092
42376-0254
27
22-28-7272
42376-0272
10
22-28-7102
42376-0255
28
22-28-7282
42376-0273
11
22-28-7112
42376-0256
29
22-28-7292
42376-0274
12
22-28-7122
42376-0257
30
22-28-7302
42376-0275
13
22-28-7132
42376-0258
31
22-28-7312
42376-0276
14
22-28-7142
42376-0259
32
22-28-7322
42376-0277
15
22-28-7152
42376-0260
33
22-28-7332
42376-0278
16
22-28-7162
42376-0261
34
22-28-7342
42376-0279
17
22-28-7172
42376-0262
35
22-28-7352
42376-0280
18
22-28-7182
42376-0263
36
22-28-7362
42376-0281
19
22-28-7192
42376-0264


Similar Part No. - 0022286060

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0022286061 MOLEX3-0022286061 Datasheet
310Kb / 12P
   2.54mm (.100") Pitch KK짰 Header, Breakaway, Right Angle, 6 Circuits, Tin (Sn) Plating, Mating Pin Length 10.29mm (.405")
0022286062 MOLEX3-0022286062 Datasheet
310Kb / 12P
   2.54mm (.100") Pitch KK짰 Header, Breakaway, Right Angle, 6 Circuits, 0.38關m (15關") Gold (Au) Selective Plating, Mating Pin Length 9.17mm (.361")
0022286063 MOLEX3-0022286063 Datasheet
310Kb / 12P
   2.54mm (.100") Pitch KK Header, Breakaway, Right Angle, 6 Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com