Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AE-6410-17A Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # AE-6410-17A
Description  2.54mm (.100") Pitch KK짰 Wire-to-Board Header, Vertical, with Friction Lock, 17 Circuits, Gold (Au) Plating
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

AE-6410-17A Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  AE-6410-17A Datasheet HTML 1Page - Molex Electronics Ltd. AE-6410-17A Datasheet HTML 2Page - Molex Electronics Ltd. AE-6410-17A Datasheet HTML 3Page - Molex Electronics Ltd. AE-6410-17A Datasheet HTML 4Page - Molex Electronics Ltd. AE-6410-17A Datasheet HTML 5Page - Molex Electronics Ltd. AE-6410-17A Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
This document was generated on 05/24/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0022292171
Status:
Active
Overview:
kk
Description:
2.54mm (.100") Pitch KK® Wire-to-Board Header, Vertical, with Friction Lock, 17
Circuits, Gold (Au) Plating
Documents:
3D Model
Product Specification PS-99020-0088 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-10-07 (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
6410
Application
Wire-to-Board
Overview
kk
Product Name
KK®
Physical
Breakaway
No
Circuits (Loaded)
17
Circuits (maximum)
17
Color - Resin
Natural (White)
First Mate / Last Break
No
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Metal
Brass
Material - Plating Mating
Gold
Material - Plating Termination
Gold
Material - Resin
Nylon
Number of Rows
1
Orientation
Vertical
PC Tail Length (in)
0.140 In
PC Tail Length (mm)
3.56 mm
PCB Locator
No
PCB Retention
None
PCB Thickness Recommended (in)
0.063 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Bag
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Pitch - Term. Interface (in)
0.100 In
Pitch - Term. Interface (mm)
2.54 mm
Plating min: Mating (µin)
20
Plating min: Mating (µm)
0.5
Plating min: Termination (µin)
20
Plating min: Termination (µm)
0.5
Polarized to Mating Part
Yes
Polarized to PCB
No
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
6410Series
Mates With
KK® Crimp Terminal Housing 2695 , 6471


Similar Part No. - AE-6410-17A

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
AE-6410-17A MOLEX2-AE-6410-17A Datasheet
435Kb / 6P
   2.54mm (.100) Pitch KK짰 Wire-to-Board Header, Vertical, with Friction Lock, 17 Circuits, Tin (Sn) Plating
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com