Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0022414072 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0022414072
Description  2.54mm (.100") KK짰 IDT Double Cantilever Contact, 7 Circuits, Tin (Sn), Feed-To, 24 Stranded, Solid, Fused, Topcoat, and 26 Fused and Topcoat, Green ID Strip
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

0022414072 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0022414072 Datasheet HTML 1Page - Molex Electronics Ltd. 0022414072 Datasheet HTML 2Page - Molex Electronics Ltd. 0022414072 Datasheet HTML 3Page - Molex Electronics Ltd. 0022414072 Datasheet HTML 4Page - Molex Electronics Ltd. 0022414072 Datasheet HTML 5Page - Molex Electronics Ltd. 0022414072 Datasheet HTML 6Page - Molex Electronics Ltd. 0022414072 Datasheet HTML 7Page - Molex Electronics Ltd. 0022414072 Datasheet HTML 8Page - Molex Electronics Ltd. 0022414072 Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0022414072
Status:
Active
Overview:
kk
Description:
2.54mm (.100") KK® IDT Double Cantilever Contact, 7 Circuits, Tin (Sn), Feed-To, 24
Stranded, Solid, Fused, Topcoat, and 26 Fused and Topcoat, Green ID Strip
Documents:
3D Model
Product Specification PS-7720-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
UL
E29179
General
Product Family
IDT and Solder Connectors
Series
7720
Comments
Double Cantilever contact
Crimp Quality Equipment
Yes
Overview
kk
Product Name
KK®
Physical
Circuits (Loaded)
7
Color - Resin
Natural
Durability (mating cycles max)
5
Flammability
94V-2
Gender
Female
Glow-Wire Compliant
No
Lock to Mating Part
Yes
Material - Metal
Phosphor Bronze
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Nylon
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Polarized to Mating Part
Yes
Temperature Range - Operating
0°C to +75°C
Termination Interface: Style
IDT or Pierce
Wire Size AWG
24 Solid, 24 Stranded, 24 Stranded Topcoat, 26
Stranded Topcoat
Electrical
Current - Maximum per Contact
4A
Voltage - Maximum
250V
Material Info
Old Part Number
A-7720-E07HP909B
Reference - Drawing Numbers
Packaging Specification
PK-7720-001
Product Specification
PS-7720-001
Sales Drawing
SD-7720-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
7720Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Insertion Tool for
2.54mm (.100") Pitch
KK® IDT Crimp
Terminals
0638133504
IDT - Manual Press 0011200179
IDT - Semi-automatic
- Bench-Top
Terminator
0011200412
IDT - Semi-automatic
- Bench-Top
Terminator
0011200771


Similar Part No. - 0022414072

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0022414071 MOLEX3-0022414071 Datasheet
492Kb / 20P
   2.54mm (.100") KK IDT Double Cantilever Contact, 7 Circuits, Tin (Sn), Feed-To, 26 Stranded or Solid
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com