Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A-41771-0012 Datasheet(PDF) 5 Page - Molex Electronics Ltd.

Part # A-41771-0012
Description  3.96mm (.156") Pitch KK짰 Solid Header, Vertical, without Peg, 12 Circuits, Tin (Sn) Plating
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

A-41771-0012 Datasheet(HTML) 5 Page - Molex Electronics Ltd.

  A-41771-0012 Datasheet HTML 1Page - Molex Electronics Ltd. A-41771-0012 Datasheet HTML 2Page - Molex Electronics Ltd. A-41771-0012 Datasheet HTML 3Page - Molex Electronics Ltd. A-41771-0012 Datasheet HTML 4Page - Molex Electronics Ltd. A-41771-0012 Datasheet HTML 5Page - Molex Electronics Ltd. A-41771-0012 Datasheet HTML 6Page - Molex Electronics Ltd. A-41771-0012 Datasheet HTML 7Page - Molex Electronics Ltd. A-41771-0012 Datasheet HTML 8Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
41771
REV:
ECR/ECN NFORMATION:
SHEET No.
EC No.:
UCP2010-1257
H3
DATE:
11/30/2009
TITLE:
KK 156 HEADER ASSY
FLAT VERT
W/O PEGS
- 3 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD- 41771-001
MKIPPER
SSOUSEK
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC [SIZE_A](V.1). DOC
Group
A-41771-0933/0949
Group
A-41771-0950/0966
Group
A-41771-0019/0035
Group
A-41771-0053/0069
Header No:
41770-0002/0018
Header No:
41770-0002/0018
Header No:
41770-0002/0018
Header No:
41770-0002/0018
Pin No:
43294-0415
Pin No:
43294-0416
Pin No:
2161-94 (501)
Pin No:
2161-3 (501)
Plating:
208 – GOLD
Plating:
228 – GOLD
Plating:
501 – GOLD
Plating:
501 – GOLD
Pin Length L
23.88 / .940
Pin Length L
23.88 /. 940
Pin Length L
18.29 / .720
Pin Length L
23.80 /. 937
Mating
X
16.89 / .665
Mating
X
16.89 / .665
Mating
X
11.43 / .450
Mating
X
16.89 / .665
Gold Loc G
8.89 / .350
Gold Loc G
8.89 / .350
Gold Loc G
OVERALL
Gold Loc G
OVERALL
PC Tail
P
3.68 / .145
PC Tail
P
3.68 / .145
PC Tail
P
3.56 / .140
PC Tail
P
3.61 / .142
Tin Loc
T
4.06 / .160
Tin Loc
T
4.06 / .160
Tin Loc
T
N/A
Tin Loc
T
N/A
Voided Ckts
NONE
Voided Ckts
NONE
Voided Ckts
NONE
Voided Ckts
NONE
Pack Per
PK-41771-002
Pack Per
PK-41771-002
Pack Per
PK-41771-001
Pack Per
PK-41771-002
Ckts
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
2
41771-0933
A-41771-0933
41771-0950
A-41771-0950
26-61-2020
A-41771-0019
26-61-2021
A-41771-0053
3
41771-0934
A-41771-0934
41771-0951
A-41771-0951
26-61-2030
A-41771-0020
26-61-2031
A-41771-0054
4
41771-0935
A-41771-0935
41771-0952
A-41771-0952
26-61-2040
A-41771-0021
26-61-2041
A-41771-0055
5
41771-0936
A-41771-0936
41771-0953
A-41771-0953
26-61-2050
A-41771-0022
26-61-2051
A-41771-0056
6
41771-0937
A-41771-0937
41771-0954
A-41771-0954
26-61-2060
A-41771-0023
26-61-2061
A-41771-0057
7
41771-0938
A-41771-0938
41771-0955
A-41771-0955
26-61-2070
A-41771-0024
26-61-2071
A-41771-0058
8
41771-0939
A-41771-0939
41771-0956
A-41771-0956
26-61-2080
A-41771-0025
26-61-2081
A-41771-0059
9
41771-0940
A-41771-0940
41771-0957
A-41771-0957
26-61-2090
A-41771-0026
26-61-2091
A-41771-0060
10
41771-0941
A-41771-0941
41771-0958
A-41771-0958
26-61-2100
A-41771-0027
26-61-2101
A-41771-0061
11
41771-0942
A-41771-0942
41771-0959
A-41771-0959
26-61-2110
A-41771-0028
26-61-2111
A-41771-0062
12
41771-0943
A-41771-0943
41771-0960
A-41771-0960
26-61-2120
A-41771-0029
26-61-2121
A-41771-0063
13
41771-0944
A-41771-0944
41771-0961
A-41771-0961
26-61-2130
A-41771-0030
26-61-2131
A-41771-0064
14
41771-0945
A-41771-0945
41771-0962
A-41771-0962
26-61-2140
A-41771-0031
26-61-2141
A-41771-0065
15
41771-0946
A-41771-0946
41771-0963
A-41771-0963
26-61-2150
A-41771-0032
26-61-2151
A-41771-0066
16
41771-0947
A-41771-0947
41771-0964
A-41771-0964
26-61-2160
A-41771-0033
26-61-2161
A-41771-0067
17
41771-0948
A-41771-0948
41771-0965
A-41771-0965
26-61-2170
A-41771-0034
26-61-2171
A-41771-0068
18
41771-0949
A-41771-0949
41771-0966
A-41771-0966
26-61-2180
A-41771-0035
26-61-2181
A-41771-0069


Similar Part No. - A-41771-0012

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
A-41771-0012 MOLEX-A-41771-0012 Datasheet
287Kb / 6P
   KK .156 HEADER ASSY FLAT VERT W/O PEGS
2004/03/24
A-41771-0012 MOLEX-A-41771-0012 Datasheet
287Kb / 6P
   KK .156 HEADER ASSY FLAT VERT W/O PEGS
2004/03/24
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com