Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0038002402 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0038002402
Description  2.54mm (.100") Pitch KK짰 Connector, IDT, High Pressure Cat Ear Contact System, Green ID Stripe, 12 Circuit
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

0038002402 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0038002402 Datasheet HTML 1Page - Molex Electronics Ltd. 0038002402 Datasheet HTML 2Page - Molex Electronics Ltd. 0038002402 Datasheet HTML 3Page - Molex Electronics Ltd. 0038002402 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0038002402
Status:
Active
Overview:
kk
Description:
2.54mm (.100") Pitch KK® Connector, IDT, High Pressure Cat Ear Contact System,
Green ID Stripe, 12 Circuit
Documents:
Drawing (PDF)
Product Specification PSX-7690S (PDF)
Product Specification PS-99020-0088 (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
UL
E29179
General
Product Family
IDT and Solder Connectors
Series
7690
Comments
Version H
Crimp Quality Equipment
Yes
Overview
kk
Product Name
KK®
Physical
Circuits (Loaded)
12
Color - Resin
Natural
Durability (mating cycles max)
25
Flammability
94V-2
Gender
Female
Glow-Wire Compliant
No
Lock to Mating Part
Yes
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Nylon
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Plating min: Mating (µin)
40
Plating min: Mating (µm)
1.00
Plating min: Termination (µin)
40
Plating min: Termination (µm)
1.00
Temperature Range - Operating
0°C to +75°C
Wire Size AWG
24 Stranded, 26 Solid, 26 Stranded Topcoat
Electrical
Current - Maximum per Contact
2.5A
Voltage - Maximum
250V
Solder Process Data
Lead-free Process Capability
Wave Capable (TH only)
Material Info
Old Part Number
7690SC12H
Reference - Drawing Numbers
Product Specification
PS-99020-0088, PSX-7690S
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
7690Series
Mates With
Molex KK® 2.54mm (.100") pitch headers
and 0.64mm (.025") pins


Similar Part No. - 0038002402

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0038002400 MOLEX3-0038002400 Datasheet
202Kb / 4P
   2.54mm (.100") Pitch KK짰 Connector, IDT, High Pressure Cat Ear Contact System, Green ID Stripe, 10 Circuit
0038002401 MOLEX3-0038002401 Datasheet
202Kb / 4P
   2.54mm (.100") Pitch KK짰 Connector, IDT, High Pressure Cat Ear Contact System, Green ID Stripe, 11 Circuit
0038002403 MOLEX3-0038002403 Datasheet
202Kb / 4P
   2.54mm (.100") Pitch KK짰 Connector, IDT, High Pressure Cat Ear Contact System, Green ID Stripe, 13 Circuit
0038002404 MOLEX3-0038002404 Datasheet
202Kb / 4P
   2.54mm (.100") Pitch KK짰 Connector, IDT, High Pressure Cat Ear Contact System, Green ID Stripe, 14 Circuit
0038002405 MOLEX3-0038002405 Datasheet
203Kb / 4P
   2.54mm (.100") Pitch KK짰 Connector, IDT, High Pressure Cat Ear Contact System, Green ID Stripe, 15 Circuit
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com