Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

26-48-1095 Datasheet(PDF) 5 Page - Molex Electronics Ltd.

Part # 26-48-1095
Description  3.96mm (.156") Pitch KK짰 Header, Breakaway, Vertical, Square Pin, with Friction Lock, 9 Circuits, Tin (Sn) Plating
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

26-48-1095 Datasheet(HTML) 5 Page - Molex Electronics Ltd.

  26-48-1095 Datasheet HTML 1Page - Molex Electronics Ltd. 26-48-1095 Datasheet HTML 2Page - Molex Electronics Ltd. 26-48-1095 Datasheet HTML 3Page - Molex Electronics Ltd. 26-48-1095 Datasheet HTML 4Page - Molex Electronics Ltd. 26-48-1095 Datasheet HTML 5Page - Molex Electronics Ltd. 26-48-1095 Datasheet HTML 6Page - Molex Electronics Ltd. 26-48-1095 Datasheet HTML 7Page - Molex Electronics Ltd. 26-48-1095 Datasheet HTML 8Page - Molex Electronics Ltd. 26-48-1095 Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
REV:
ECR/ECN INFORMATION:
SHEET No.
AJ
EC. NO.
DATE:
UCP2009-1378
12/8/2008
TITLE:
KK .156 HEADER ASSEMBLY
FRICTION LOCK STRAIGHT
2-24 CKTS.
- 3 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD – 41671 - 001
MKIPPER
SSOUSEK
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC [SIZE_A](V.1). DOC
Group No:
A-41671-ANA501
Group No:
A-41671-ANA503
Group No:
A-41671-AND102
Group No:
A-41671-ANB102
Pin No:
2161-1 (501)
Pin No:
2161 – 1(503)
Pin No:
2161-56 (102)
Pin No:
2161-1 (102)
Plating:
501 GOLD
Plating:
503 GOLD
Plating:
102 TIN
Plating:
102 TIN
Pin Length
L
.750 / 19.05
Pin Length
L
.750 / 19.05
Pin Length
L
.703 / 17.86
Pin Length
L
.750 / 19.05
Mating
M
.450 / 11.43
Mating
M
.450 / 11.43
Mating
M
.450 / 11.43
Mating
M
.523 / 13.28
Gold Loc
G
OVERALL
Gold Loc
G
OVERALL
Gold Loc
G
NA
Gold Loc
G
NA
PC Tail
P
.172 / 4.37
PC Tail
P
.172 / 4.37
PC Tail
P
.125 / 3.18
PC Tail
P
.099 / 2.51
Tin Loc
T
NA
Tin Loc
T
NA
Tin Loc
T
OVERALL
Tin Loc
T
OVERALL
Voided Ckts
NONE
Voided Ckts
NONE
Voided Ckts
NONE
Voided Ckts
NONE
Pack Per
PK-41671-001
Pack Per
PK-41671-001
Pack Per
PK-41671-001
Pack Per
PK-41671-001
Ckts
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
2
26-48-2025
A-41671-A02A501
26-48-9026
A-41671-A02A503
26-48-9023
A-41671-A02D102
41671-0064
A-41671-A02B102
3
26-48-2035
A-41671-A03A501
41671-0047
A-41671-A03A503
26-48-9033
A-41671-A03D102
41671-0065
A-41671-A03B102
4
26-48-2045
A-41671-A04A501
41671-0048
A-41671-A04A503
26-48-9043
A-41671-A04D102
41671-0066
A-41671-A04B102
5
26-48-2055
A-41671-A05A501
26-48-9056
A-41671-A05A503
26-48-9053
A-41671-A05D102
41671-0067
A-41671-A05B102
6
26-48-2065
A-41671-A06A501
41671-0049
A-41671-A06A503
26-48-9063
A-41671-A06D102
41671-0068
A-41671-A06B102
7
26-48-2075
A-41671-A07A501
41671-0050
A-41671-A07A503
26-48-9073
A-41671-A07D102
41671-0069
A-41671-A07B102
8
26-48-2085
A-41671-A08A501
41671-0051
A-41671-A08A503
26-48-9083
A-41671-A08D102
41671-0070
A-41671-A08B102
9
26-48-2095
A-41671-A09A501
26-48-9096
A-41671-A09A503
26-48-9093
A-41671-A09D102
26-48-6095
A-41671-A09B102
10
26-48-2105
A-41671-A10A501
26-48-9106
A-41671-A10A503
26-48-9103
A-41671-A10D102
41671-0071
A-41671-A10B102
11
26-48-2115
A-41671-A11A501
41671-0052
A-41671-A11A503
26-48-9113
A-41671-A11D102
41671-0072
A-41671-A11B102
12
26-48-2125
A-41671-A12A501
26-48-9126
A-41671-A12A503
26-48-9123
A-41671-A12D102
41671-0073
A-41671-A12B102
13
26-48-2135
A-41671-A13A501
41671-0053
A-41671-A13A503
26-48-9133
A-41671-A13D102
41671-0074
A-41671-A13B102
14
26-48-2145
A-41671-A14A501
41671-0054
A-41671-A14A503
26-48-9143
A-41671-A14D102
41671-0075
A-41671-A14B102
15
26-48-2155
A-41671-A15A501
41671-0055
A-41671-A15A503
26-48-9153
A-41671-A15D102
41671-0076
A-41671-A15B102
16
26-48-2165
A-41671-A16A501
41671-0056
A-41671-A16A503
26-48-9163
A-41671-A16D102
41671-0077
A-41671-A16B102
17
26-48-2175
A-41671-A17A501
41671-0057
A-41671-A17A503
26-48-9173
A-41671-A17D102
41671-0078
A-41671-A17B102
18
26-48-2185
A-41671-A18A501
41671-0058
A-41671-A18A503
26-48-9183
A-41671-A18D102
41671-0079
A-41671-A18B102
19
26-48-2195
A-41671-A19A501
41671-0059
A-41671-A19A503
26-48-9193
A-41671-A19D102
41671-0080
A-41671-A19B102
20
26-48-2205
A-41671-A20A501
41671-0060
A-41671-A20A503
26-48-9203
A-41671-A20D102
41671-0081
A-41671-A20B102
21
26-48-2215
A-41671-A21A501
41671-0061
A-41671-A21A503
26-48-9213
A-41671-A21D102
41671-0082
A-41671-A21B102
22
26-48-2225
A-41671-A22A501
41671-0062
A-41671-A22A503
26-48-9223
A-41671-A22D102
41671-0083
A-41671-A22B102
23
26-48-2235
A-41671-A23A501
41671-0063
A-41671-A23A503
26-48-9233
A-41671-A23D102
41671-0084
A-41671-A23B102
24
26-48-2245
A-41671-A24A501
26-48-9246
A-41671-A24A503
26-48-9243
A-41671-A24D102
26-48-6245
A-41671-A24B102


Similar Part No. - 26-48-1095

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
26-48-1095 MOLEX11-26-48-1095 Datasheet
68Kb / 2P
   KK짰 396 Breakaway Header, Vertical, Square Pin, with Friction Lock, 9 Circuits, Tin (Sn) Plating
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com