Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMT17 Datasheet(PDF) 1 Page - Rohm

Part # IMT17
Description  General purpose transistor (isolated dual transistors)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

IMT17 Datasheet(HTML) 1 Page - Rohm

  IMT17 Datasheet HTML 1Page - Rohm IMT17 Datasheet HTML 2Page - Rohm IMT17 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
IMT17
Transistors
Rev.A
1/2
General purpose transistor
(isolated dual transistors)
IMT17
Applications
External dimensions (Unit : mm)
General purpose small signal amplifier
Features
1) Two 2SA1036K chips in an SMT package.
2) Same size as SMT3 package, so same mounting
machine can be used for both.
3) Transistor elements are independent, eliminating
interference.
4) High collector current. IC =
−500mA
5) Mounting cost, and area, are reduced by one half.
ROHM : SMT6
EIAJ : SC-74
Tr2
Tr1
(4)
(5)
(6)
(3)
(2)
(1)
(1)
(2)
(3)
0.3 +
0.1
−0.05
(6)
(5)
(4)
0.95 0.95
1.9
±0.2
2.9
±0.2
1.1+0.2
0.8
±0.1
−0.1
0 to 0.1
0.15−0.06
+0.1
Abbreviated symbol: T17
All terminals have same dimensions
Structure
Packaging specifications
Epitaxial planar type
Packaging type
Taping
Code
IMT17
Part No.
T110
3000
Basic ordering unit (pieces)
PNP silicon transistor
The following characteristics apply to both Tr1 and Tr2.
Absolute maximum ratings (Ta=25
°C)
Parameter
Symbol
Limits
Unit
VCBO
−60
V
VCEO
−50
V
VEBO
−5V
IC
−500
mA
Tj
150
°C
Tstg
−55 to +150
°C
Pd
300(TOTAL)
mW
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Junction temperature
Storage temperature
Power dissipation
200mW per element must not be exceeded.
Electrical characteristics(Ta=25
°C)
Parameter
Symbol
BVCBO
BVCEO
BVEBO
ICBO
IEBO
hFE
VCE(sat)
fT
Cob
Min.
−60
−50
−5
120
200
7
−0.1
−0.1
390
−0.6
VIC
= −100µA
IC
= −1mA
IE
= −100µA
V
= −30V
V
= −4V
VCE
= −3V, IC= −100mA
VCE
= −5V, IE= 20mA, f= 100MHz
IC/IB
= −500mA/ −50mA
VCB
= −10V, IE= 0A, f= 1MHz
V
V
µA
µA
V
MHz
pF
Typ.
Max.
Unit
Conditions
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
DC current transfer ratio
Collector-emitter saturation voltage
Transition frequency
Output capacitance
Measured using pulse current.


Similar Part No. - IMT17

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
IMT17 UTC-IMT17 Datasheet
109Kb / 4P
   GENERAL PURPOSE DUAL TRANSISTOR
logo
Diodes Incorporated
IMT17 DIODES-IMT17 Datasheet
117Kb / 4P
   DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Rohm
IMT17 ROHM-IMT17 Datasheet
65Kb / 3P
   General purpose transistor (isolated dual transistors)
logo
Diodes Incorporated
IMT17-7 DIODES-IMT17-7 Datasheet
117Kb / 4P
   DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Unisonic Technologies
IMT17-AG6-R UTC-IMT17-AG6-R Datasheet
109Kb / 4P
   GENERAL PURPOSE DUAL TRANSISTOR
More results

Similar Description - IMT17

ManufacturerPart #DatasheetDescription
logo
Rohm
IMT1AT110 ROHM-IMT1AT110 Datasheet
80Kb / 4P
   General Purpose Transistor (Isolated Dual Transistors)
IMX25 ROHM-IMX25 Datasheet
89Kb / 5P
   General purpose transistor (isolated dual transistors)
IMX25T110 ROHM-IMX25T110 Datasheet
117Kb / 4P
   General purpose transistor (isolated dual transistors)
IMX9T110 ROHM-IMX9T110 Datasheet
52Kb / 4P
   General purpose transistor (isolated dual transistors)
EMT1T2R ROHM-EMT1T2R Datasheet
80Kb / 4P
   General Purpose Transistor (Isolated Dual Transistors)
UMT1N ROHM-UMT1N Datasheet
80Kb / 4P
   General Purpose Transistor (Isolated Dual Transistors)
IMX9 ROHM-IMX9 Datasheet
49Kb / 4P
   General purpose transistor (isolated dual transistors)
IMX25 ROHM-IMX25_10 Datasheet
146Kb / 4P
   General purpose transistor (isolated dual transistors)
IMT17T110 ROHM-IMT17T110 Datasheet
65Kb / 3P
   General purpose transistor (isolated dual transistors)
UMT1N ROHM-UMT1N_1 Datasheet
100Kb / 4P
   General Purpose Transistor (Isolated Dual Transistors)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com