Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMZ4 Datasheet(PDF) 1 Page - Rohm

Part # IMZ4
Description  General purpose transistor (dual transistors)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

IMZ4 Datasheet(HTML) 1 Page - Rohm

  IMZ4 Datasheet HTML 1Page - Rohm IMZ4 Datasheet HTML 2Page - Rohm IMZ4 Datasheet HTML 3Page - Rohm IMZ4 Datasheet HTML 4Page - Rohm IMZ4 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
IMZ4
Transistors
Rev.A
1/4
General purpose transistor
(dual transistors)
IMZ4
Features
1) Includes a 2SA1036K and a 2SC411K
transistor in a SMT package.
2) Mounting possible with SMT3 automatic
mounting machines.
3) Transistor elements are independent,
eliminating interference.
4) High collector current.
IC=500mA
5) Mounting cost and area can be cut in half.
Equivalent circuit
Tr2
Tr1
(4)
(5)
(6)
(3)
(2)
(1)
External dimensions (Unit : mm)
ROHM : SMT6
EIAJ : SC-74
(1)
(2)
(3)
0.3 +
0.1
−0.05
(6)
(5)
(4)
0.95 0.95
1.9
±0.2
2.9
±0.2
1.1+0.2
0.8
±0.1
−0.1
0 to 0.1
0.15−0.06
+0.1
Abbreviated symbol: Z4
All terminals have same dimensions
Structure
Epitaxial planar type
NPN / PNP silicon transistor
Absolute maximum ratings (Ta=25
°C)
Parameter
Symbol
Limits
Unit
Tr1 (NPN)
Tr2 (PNP)
VCBO
40
−40
V
VCEO
32
−32
V
VEBO
5
−5
V
IC
500
−500
mA
Tj
150
°C
Tstg
−55 to +150
°C
Pd
300 (TOTAL)
mW
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Junction temperature
Storage temperature
Collector power dissipation
200mW per element must not be exceeded.


Similar Part No. - IMZ4

ManufacturerPart #DatasheetDescription
logo
Rohm
IMZ4 ROHM-IMZ4 Datasheet
153Kb / 4P
   General purpose transistor (dual transistors)
IMZ4T108 ROHM-IMZ4T108 Datasheet
153Kb / 4P
   General purpose transistor (dual transistors)
More results

Similar Description - IMZ4

ManufacturerPart #DatasheetDescription
logo
Rohm
EMZ7 ROHM-EMZ7 Datasheet
82Kb / 4P
   General purpose transistor(dual transistors)
EMZ7 ROHM-EMZ7_1 Datasheet
119Kb / 5P
   General purpose transistor (dual transistors)
EMZ1T2R ROHM-EMZ1T2R Datasheet
88Kb / 5P
   General purpose transistor (dual transistors)
IMZ4T108 ROHM-IMZ4T108 Datasheet
153Kb / 4P
   General purpose transistor (dual transistors)
UMZ1NTR ROHM-UMZ1NTR Datasheet
88Kb / 5P
   General purpose transistor (dual transistors)
IMX17 ROHM-IMX17_1 Datasheet
91Kb / 4P
   General purpose transistor (dual transistors)
EMX1FHA ROHM-EMX1FHA Datasheet
1Mb / 8P
   General purpose transistor (dual transistors)
UMZ1N ROHM-UMZ1N Datasheet
102Kb / 5P
   General purpose transistor (dual transistors)
EMZ7 ROHM-EMZ7_08 Datasheet
65Kb / 5P
   General purpose transistor (dual transistors)
EMZ7T2R ROHM-EMZ7T2R Datasheet
122Kb / 5P
   General purpose transistor (dual transistors)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com