Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

026482196 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 026482196
Description  3.96mm (.156") Pitch KK짰 Header, Breakaway, Right Angle, with Friction Lock, 19 Circuits, Gold (Au) Plating
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

026482196 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  026482196 Datasheet HTML 1Page - Molex Electronics Ltd. 026482196 Datasheet HTML 2Page - Molex Electronics Ltd. 026482196 Datasheet HTML 3Page - Molex Electronics Ltd. 026482196 Datasheet HTML 4Page - Molex Electronics Ltd. 026482196 Datasheet HTML 5Page - Molex Electronics Ltd. 026482196 Datasheet HTML 6Page - Molex Electronics Ltd. 026482196 Datasheet HTML 7Page - Molex Electronics Ltd. 026482196 Datasheet HTML 8Page - Molex Electronics Ltd. 026482196 Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
REV:
ECR/ECN INFORMATION:
SHEET No.
EC No.:
UCP2009-2938
AB4
DATE:
6/15/2009
TITLE:
KK 156 HEADER ASSEMBLY
FRICTION LOCK BREAKAWAY
RIGHT ANGLE
- 2 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD- 41672 -001
MKIPPER
SSOUSEK
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
Header No:
41186-A-AN
Header No:
41186-A-AN
Header No:
41186-A-AN
Header No:
41186-A-AN
Pin No:
2161-37(102)
Pin No:
43294-0569
Pin No:
43294-0570
Pin No:
2161-37(501)
Pin Length
L
1.100 / 27.90
Pin Length
L
1.100 / 27.90
Pin Length
L
1.100 / 27.90
Pin Length
L
1.100 / 27.90
Mating
M
.450 / 11.43
Mating
M
.450 / 11.43
Mating
M
.450 / 11.43
Mating
M
.450 / 11.43
Gold:
NA
Gold:
.270 / 6.86
Gold:
.270 / 6.86
Gold:
OVERALL
Bend Height: Y
.213 / 5.41
Bend Height: Y
.213 / 5.41
Bend Height: Y
.213 / 5.41
Bend Height: Y
.213 / 5.41
PC Tail
P
.212 / 5.38
PC Tail
P
.212 / 5.38
PC Tail
P
.212 / 5.38
PC Tail
P
.212 / 5.38
Tin:
OVERALL
Tin:
.200 / 5.08
Tin:
. 200 / 5.08
Tin:
NA
Pack Per
PK-41672-001
Pack Per
PK-41672-001
Pack Per
PK-41672-001
Pack Per
PK-41672-001
Ckts
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
2
026481026
A-41672-A02A102
41672-0001
A-41672-B02A208
41672-0024
A-41672-B02A228
026482026
A-41672-A02A501
3
026481036
A-41672-A03A102
41672-0002
A-41672-B03A208
41672-0025
A-41672-B03A228
026482036
A-41672-A03A501
4
026481046
A-41672-A04A102
41672-0003
A-41672-B04A208
41672-0026
A-41672-B04A228
026482046
A-41672-A04A501
5
026481056
A-41672-A05A102
41672-0004
A-41672-B05A208
41672-0027
A-41672-B05A228
026482056
A-41672-A05A501
6
026481066
A-41672-A06A102
41672-0005
A-41672-B06A208
41672-0028
A-41672-B06A228
026482066
A-41672-A06A501
7
026481076
A-41672-A07A102
41672-0006
A-41672-B07A208
41672-0029
A-41672-B07A228
026482076
A-41672-A07A501
8
026481086
A-41672-A08A102
41672-0007
A-41672-B08A208
41672-0030
A-41672-B08A228
026482086
A-41672-A08A501
9
026481096
A-41672-A09A102
41672-0008
A-41672-B09A208
41672-0031
A-41672-B09A228
026482096
A-41672-A09A501
10
026481106
A-41672-A10A102
41672-0009
A-41672-B10A208
41672-0032
A-41672-B10A228
026482106
A-41672-A10A501
11
026481116
A-41672-A11A102
41672-0010
A-41672-B11A208
41672-0033
A-41672-B11A228
026482116
A-41672-A11A501
12
026481126
A-41672-A12A102
41672-0011
A-41672-B12A208
41672-0034
A-41672-B12A228
026482126
A-41672-A12A501
13
026481136
A-41672-A13A102
41672-0012
A-41672-B13A208
41672-0035
A-41672-B13A228
026482136
A-41672-A13A501
14
026481146
A-41672-A14A102
41672-0013
A-41672-B14A208
41672-0036
A-41672-B14A228
026482146
A-41672-A14A501
15
026481156
A-41672-A15A102
41672-0014
A-41672-B15A208
41672-0037
A-41672-B15A228
026482156
A-41672-A15A501
16
026481166
A-41672-A16A102
41672-0015
A-41672-B16A208
41672-0038
A-41672-B16A228
026482166
A-41672-A16A501
17
026481176
A-41672-A17A102
41672-0016
A-41672-B17A208
41672-0039
A-41672-B17A228
026482176
A-41672-A17A501
18
026481186
A-41672-A18A102
41672-0017
A-41672-B18A208
41672-0040
A-41672-B18A228
026482186
A-41672-A18A501
19
026481196
A-41672-A19A102
41672-0018
A-41672-B19A208
41672-0041
A-41672-B19A228
026482196
A-41672-A19A501
20
026481206
A-41672-A20A102
41672-0019
A-41672-B20A208
41672-0042
A-41672-B20A228
026482206
A-41672-A20A501
21
026481216
A-41672-A21A102
41672-0020
A-41672-B21A208
41672-0043
A-41672-B21A228
026482216
A-41672-A21A501
22
026481226
A-41672-A22A102
41672-0021
A-41672-B22A208
41672-0044
A-41672-B22A228
026482226
A-41672-A22A501
23
026481236
A-41672-A23A102
41672-0022
A-41672-B23A208
41672-0045
A-41672-B23A228
026482236
A-41672-A23A501
24
026481246
A-41672-A24A102
41672-0023
A-41672-B24A208
41672-0046
A-41672-B24A228
026482246
A-41672-A24A501


Similar Part No. - 026482196

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
026482106 MOLEX3-026482106 Datasheet
382Kb / 12P
   3.96mm (.156") Pitch KK Header, Breakaway, Right Angle, with Friction Lock, 10 Circuits
026482116 MOLEX3-026482116 Datasheet
382Kb / 12P
   3.96mm (.156") Pitch KK Header, Breakaway, Right Angle, with Friction Lock, 11 Circuits, Gold (Au) Plating
026482126 MOLEX3-026482126 Datasheet
382Kb / 12P
   3.96mm (.156") Pitch KK Header, Breakaway, Right Angle, with Friction Lock, 12 Circuits
026482136 MOLEX3-026482136 Datasheet
382Kb / 12P
   3.96mm (.156") Pitch KK짰 Header, Breakaway, Right Angle, with Friction Lock, 13 Circuits, Gold (Au) Plating
026482146 MOLEX3-026482146 Datasheet
382Kb / 12P
   3.96mm (.156") Pitch KK짰 Header, Breakaway, Right Angle, with Friction Lock, 14 Circuits, Gold (Au) Plating
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com