Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

22-43-8080 Datasheet(PDF) 6 Page - Molex Electronics Ltd.

Part # 22-43-8080
Description  2.50mm (.098") Pitch SPOX??Header, Shrouded, In-line Footprint, 8 Circuits, White
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

22-43-8080 Datasheet(HTML) 6 Page - Molex Electronics Ltd.

  22-43-8080 Datasheet HTML 1Page - Molex Electronics Ltd. 22-43-8080 Datasheet HTML 2Page - Molex Electronics Ltd. 22-43-8080 Datasheet HTML 3Page - Molex Electronics Ltd. 22-43-8080 Datasheet HTML 4Page - Molex Electronics Ltd. 22-43-8080 Datasheet HTML 5Page - Molex Electronics Ltd. 22-43-8080 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
REV:
ECR/ECN INFORMATION:
SHEET No.
EC NO:
UCP2007-1449
Q1
DATE:
12/19/2006
TITLE:
2.5 MM HEADER ASSEMBLY
- 4 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SDA-42267-*
ELHAG
LSCHMIDT
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
A-42249-NG-*
A-42249-NH-*
A-42249-NA-(154)
HOUSING
42249-NE
HOUSING
42249-NG
HOUSING
42249-N
COLOR
GREEN
COLOR
GREY
COLOR
NATURAL
PIN NO
45613-0006
PIN NO
45613-0006
PIN NO
45613-0006
PLATING
154
PLATING
154
PLATING
154
Ckt
Material No
Engineering No
Void Ckts
Ckt
Material No
Engineering No
Void Ckts
Ckt
Material No
Engineering No
Void Ckts
2
22-43-8026
A-42267-2G
2
22-43-8022
A-42267-2H
2
50-34-9252
A-42267-02A-(154)
3
22-43-8036
A-42267-3G
3
22-43-8032
A-42267-3H
3
50-34-9253
A-42267-03A-(154)
4
22-43-8046
A-42267-4G
4
A-42267-4H
4
50-34-9254
A-42267-04A-(154)
5
22-43-8056
A-42267-5G
5
A-42267-5H
5
50-34-9255
A-42267-05A-(154)
6
22-43-8066
A-42267-6G
6
22-43-8062
A-42267-6H
6
50-34-9256
A-42267-06A-(154)
7
22-43-8076
A-42267-7G
7
A-42267-7H
7
50-34-9257
A-42267-07A-(154)
8
22-43-8086
A-42267-8G
8
A-42267-8H
8
50-34-9258
A-42267-08A-(154)
9
22-43-8096
A-42267-9G
9
A-42267-9H
9
50-34-9259
A-42267-09A-(154)
10
22-43-8106
A-42267-10G
10
A-42267-10H
10
50-34-9260
A-42267-10A-(154)
11
22-43-8116
A-42267-11G
11
A-42267-11H
11
50-34-9261
A-42267-11A-(154)
12
22-43-8126
A-42267-12G
12
A-42267-12H
12
50-34-9262
A-42267-12A-(154)
13
22-43-8136
A-42267-13G
13
A-42267-13H
13
50-34-9263
A-42267-13A-(154)
14
22-43-8146
A-42267-14G
14
A-42267-14H
14
50-34-9264
A-42267-14A-(154)
15
22-43-8156
A-42267-15G
15
A-42267-15H
15
50-34-9265
A-42267-15A-(154)
22-448076
A-42267-07G-3
3


Similar Part No. - 22-43-8080

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
22-43-8080 MOLEX11-22-43-8080 Datasheet
35Kb / 2P
   2.50mm Pitch SPOX??Header, Shrouded, In-line Footprint, 8 Circuits, White
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com