Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

26-60-5150 Datasheet(PDF) 8 Page - Molex Electronics Ltd.

Part # 26-60-5150
Description  3.96mm (.156") Pitch KK짰 Solid Header, Right Angle, with Friction Lock, 15 Circuits,Tin (Sn) Plating
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

26-60-5150 Datasheet(HTML) 8 Page - Molex Electronics Ltd.

  26-60-5150 Datasheet HTML 1Page - Molex Electronics Ltd. 26-60-5150 Datasheet HTML 2Page - Molex Electronics Ltd. 26-60-5150 Datasheet HTML 3Page - Molex Electronics Ltd. 26-60-5150 Datasheet HTML 4Page - Molex Electronics Ltd. 26-60-5150 Datasheet HTML 5Page - Molex Electronics Ltd. 26-60-5150 Datasheet HTML 6Page - Molex Electronics Ltd. 26-60-5150 Datasheet HTML 7Page - Molex Electronics Ltd. 26-60-5150 Datasheet HTML 8Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
41792
REV:
ECR/ECN INFORMATION:
SHEET No.
EC No.:
UCP2008-2821
H6
DATE:
6/23/2008
TITLE:
KK 156 HEADER ASSEMBLY
FRICTION LOCK
RIGHT ANGLE W/O PEGS
- 6 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SDA- 41792
GAVERILL
MKIPPER
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC [SIZE_A](V.1). DOC
Group
A-41792-0596/0612
Group
A-41792-0613/0629
Group
A-41792-0484/0493
Group
Header No:
41790-0007/0018
Header No:
41790-0009/0018
Header No:
41790-0009/0018
Header No:
Pin No:
2161-37(154)
Pin No:
2161-37(154)
Pin No:
2161-37(154)
Pin No:
Plating:
154 – TIN
Plating:
154 – TIN
Plating:
154 – TIN
Plating:
Pin Length L
27.94 / 1.100
Pin Length L
27.94 / 1.100
Pin Length L
27.94 / 1.100
Pin Length L
Mating
M
11.43 / .450
Mating
M
11.43 / .450
Mating
M
11.43 / .450
Mating
M
Gold Loc G
N/A
Gold Loc G
N/A
Gold Loc G
N/A
Gold Loc G
Height
Y
5.41 / .213
Height
Y
5.41 / .213
Height
Y
5.41 / .213
Height
Y
PC Tail
P
3.96 / .156
PC Tail
P
3.96 / .156
PC Tail
P
3.96 / .156
PC Tail
P
Tin Loc
T
OVERALL
Tin Loc
T
OVERALL
Tin Loc
T
OVERALL
Tin Loc
T
Voided Ckts
2, 7
Voided Ckts
2, 5, 9
Voided Ckts
2, 5, 9
Voided Ckts
Pack Per
PK-41792-002
Pack Per
PK-41792-002
Pack Per
PK-41792-002
Pack Per
Ckts
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
2
3
4
5
6
7
50-29-1926
A-41792-0601
8
50-29-1927
A-41792-0602
9
50-29-1928
A-41792-0603
50-29-1945
A-41792-0620
A-41792-0630
10
50-29-1929
A-41792-0604
50-29-1946
A-41792-0621
A-41792-0631
11
50-29-1930
A-41792-0605
50-29-1947
A-41792-0622
A-41792-0632
12
50-29-1931
A-41792-0606
50-29-1948
A-41792-0623
41792-0633
A-41792-0633
13
50-29-1932
A-41792-0607
50-29-1949
A-41792-0624
A-41792-0634
14
50-29-1933
A-41792-0608
50-29-1950
A-41792-0625
A-41792-0635
15
50-29-1934
A-41792-0609
50-29-1951
A-41792-0626
A-41792-0636
16
50-29-1935
A-41792-0610
50-29-1952
A-41792-0627
A-41792-0637
17
50-29-1936
A-41792-0611
50-29-1953
A-41792-0628
A-41792-0638
18
50-29-1937
A-41792-0612
50-29-1954
A-41792-0629
A-41792-0639


Similar Part No. - 26-60-5150

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
26-60-5150 MOLEX11-26-60-5150 Datasheet
68Kb / 2P
   KK짰 396 Header, Right-Angle with Friction Lock, 15 Circuits, Tin (Sn) Plating
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com