Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

39-28-1123 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 39-28-1123
Description  4.20mm (.165") Pitch Mini-Fit Jr. Header, Dual Row, Vertical, without Snap-in Plastic Peg PCB Lock, 12 Circuits
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

39-28-1123 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  39-28-1123 Datasheet HTML 1Page - Molex Electronics Ltd. 39-28-1123 Datasheet HTML 2Page - Molex Electronics Ltd. 39-28-1123 Datasheet HTML 3Page - Molex Electronics Ltd. 39-28-1123 Datasheet HTML 4Page - Molex Electronics Ltd. 39-28-1123 Datasheet HTML 5Page - Molex Electronics Ltd. 39-28-1123 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Pitch - Mating Interface (mm)
4.20 mm
Pitch - Term. Interface (in)
0.165 In
Pitch - Term. Interface (mm)
4.20 mm
Plating min: Mating (µin)
35
Plating min: Mating (µm)
0.90
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.50
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Shrouded
Fully
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
13A
Voltage - Maximum
600V
Material Info
Old Part Number
5566-12A
Reference - Drawing Numbers
Packaging Specification
PK-5566, SPK-5566-002
Product Specification
RPS-5557-045, RPS-5566-002
Sales Drawing
SD-5566-002, SD-5566-NA**-*
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 39-28-1123

ManufacturerPart #DatasheetDescription
logo
MolexKits
39-28-1123 MOLEXKITS-39-28-1123 Datasheet
39Kb / 2P
   Vertical Header and Receptacle
39-28-1123 MOLEXKITS-39-28-1123 Datasheet
38Kb / 2P
   Vertical Header and Receptacle, 12 Circuit
logo
Molex Electronics Ltd.
39-28-1123 MOLEX11-39-28-1123 Datasheet
51Kb / 2P
   Mini-Fit짰 Jr. Header, Dual Row, Vertical, without Snap-in Plastic Peg PCB Lock, 12 Circuits, PA Polyamide Nylon 6/6 94V-2, Tin (Sn) Plating, without Drain Holes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com