Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0026481062 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0026481062
Description  3.96mm (.156") Pitch KK Header, Breakaway, Right Angle, 6 Circuits, Tin (Sn) Plating
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

0026481062 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0026481062 Datasheet HTML 1Page - Molex Electronics Ltd. 0026481062 Datasheet HTML 2Page - Molex Electronics Ltd. 0026481062 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0026481062
Status:
Active
Description:
3.96mm (.156") Pitch KK® Header, Breakaway, Right Angle, 6 Circuits, Tin (Sn) Plating
Documents:
3D Model
Product Specification PS-08-50 (PDF)
Packaging Specification (PDF)
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
41662
Application
Board-to-Board, Wire-to-Board
MolexKits
Yes
Product Name
KK®
Physical
Breakaway
Yes
Circuits (Loaded)
6
Circuits (maximum)
6
Color - Resin
Black
Durability (mating cycles max)
25
First Mate / Last Break
No
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
None
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Polyester
Number of Rows
1
Orientation
Right Angle
PC Tail Length (in)
0.184 In
PC Tail Length (mm)
4.67 mm
PCB Locator
No
PCB Retention
None
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Bag
Pitch - Mating Interface (in)
0.156 In
Pitch - Mating Interface (mm)
3.96 mm
Plating min: Mating (µin)
200
Plating min: Mating (µm)
5
Plating min: Termination (µin)
200
Plating min: Termination (µm)
5
Polarized to Mating Part
Yes
Polarized to PCB
No
Shrouded
Partial
Stackable
No
Temperature Range - Operating
0°C to +75°C
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
41662Series
Mates With
2139 , 2145 , 6442 , 7674 , 7675 , 41695 ,
41815


Similar Part No. - 0026481062

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0026481061 MOLEX3-0026481061 Datasheet
379Kb / 15P
   3.96mm (.156") Pitch KK짰 Header, Breakaway, Vertical, 6 Circuits, Tin (Sn) Plating
0026481063 MOLEX3-0026481063 Datasheet
169Kb / 6P
   3.96mm (.156") Pitch KK Header, Breakaway, Vertical, Polarizing Wall, 6 Circuits, Tin (Sn) Plating
0026481065 MOLEX3-0026481065 Datasheet
280Kb / 10P
   3.96mm (.156") Pitch KK Header, Breakaway, Vertical, Square Pin, with Friction Lock, 6 Circuits, Tin (Sn) Plating
0026481066 MOLEX3-0026481066 Datasheet
382Kb / 12P
   3.96mm (.156") Pitch KK Header, Breakaway, Right Angle, with Friction Lock, 6 Circuits
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com