Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0026482056 Datasheet(PDF) 9 Page - Molex Electronics Ltd.

Part # 0026482056
Description  3.96mm (.156") Pitch KK Header, Breakaway, Right Angle, with Friction Lock, 5 Circuits, Gold (Au) Plating
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

0026482056 Datasheet(HTML) 9 Page - Molex Electronics Ltd.

Back Button 0026482056 Datasheet HTML 4Page - Molex Electronics Ltd. 0026482056 Datasheet HTML 5Page - Molex Electronics Ltd. 0026482056 Datasheet HTML 6Page - Molex Electronics Ltd. 0026482056 Datasheet HTML 7Page - Molex Electronics Ltd. 0026482056 Datasheet HTML 8Page - Molex Electronics Ltd. 0026482056 Datasheet HTML 9Page - Molex Electronics Ltd. 0026482056 Datasheet HTML 10Page - Molex Electronics Ltd. 0026482056 Datasheet HTML 11Page - Molex Electronics Ltd. 0026482056 Datasheet HTML 12Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
REV:
ECR/ECN INFORMATION:
SHEET No.
EC No.:
UCP2009-2938
AB4
DATE:
6/15/2009
TITLE:
KK 156 HEADER ASSEMBLY
FRICTION LOCK BREAKAWAY
RIGHT ANGLE
- 7 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD- 41672 -001
MKIPPER
SSOUSEK
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
Header No:
41186-A-AN
Header No:
41186-A-AN
Header No:
41186-A-AN
Pin No:
2161-19(102)
Pin No:
2161-52(102)
Pin No:
2161-19(154)
Pin Length
L
1.032 / 26.21
Pin Length
L
1.063 / 27.00
Pin Length
L
1.032 / 26.21
Mating
M
.461 / 11.71
Mating
M
.450 / 11.43
Mating
M
.458 / 11.63
Gold:
NA
Gold:
NA
Gold:
NA
Bend Height: Y
.213 / 5.41
Bend Height: Y
.213 / 5.41
Bend Height: Y
.221 / 5.61
PC Tail
P
.130 / 3.30
PC Tail
P
.172 / 4.69
PC Tail
P
.125 / 3.18
Tin:
OVERALL
Tin:
OVERALL
Tin:
OVERALL
Pack Per
PK-41672-001
Pack Per
PK-41672-001
Pack Per
PK-41672-001
Material No
Engineer Number
Void
Material No
Engineer Number
Void
Material No
Engineer Number
Void
026504044
A-41672-A04F102-3
3
41672-0199
A-41672-A03G102-1
1
41672-0228
A-41672-A05E154-2
2
41672-0200
A-41672-A05G102-4
4
41672-0201
A-41672-A03G102-3
3
41672-0202
A-41672-A05G102-3
3


Similar Part No. - 0026482056

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0026482052 MOLEX3-0026482052 Datasheet
177Kb / 3P
   3.96mm (.156") Pitch KK Header, Breakaway, Right Angle, 5 Circuits, Gold (Au) Plating
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com