Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KF2004-GR40A Datasheet(PDF) 1 Page - Rohm

Part # KF2004-GR40A
Description  Compact medium speed thick film thermal printhead (8dots / mm)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

KF2004-GR40A Datasheet(HTML) 1 Page - Rohm

  KF2004-GR40A Datasheet HTML 1Page - Rohm KF2004-GR40A Datasheet HTML 2Page - Rohm KF2004-GR40A Datasheet HTML 3Page - Rohm KF2004-GR40A Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KF2004-GR40A
Printheads
1/4
Compact medium speed thick film
thermal printhead (8dots / mm)
KF2004-GR40A
The KF2004-GR40A is ideal for applications that require compact, lightweight thermal printheads, such as POS and label
printer applications. The 2-, 3-, and 4-inch sizes have a resolution of 203dpi. This series is suitable for a wide range of
applications.
!
!
!
!
Applications
POS printers
Label printers
Receipt printers
General purpose compact printers
!
!
!
!
Features
1) Both ROHM’s advanced LSI technology and proprietary partial glaze are used to realize higher printing efficiency. With
a high print speed of 100mm/s, this series is also suitable for thermal transfer printing.
2) Besides the fact that harness-type direct connectors at either end allow wring to be fitted as convenient, the thermal
printheads can be applied directly to the substrate without a heat sink. Both these features give engineers greater
freedom when designing the printer mechanism.
3) One rank resistance value of 800
Ω ± 3% eliminates the inconvenience of rank selection.
!
!
!
!
External dimensions (Units : mm)
5.85
Max.
φ14.0
Max. 1.7
119 (HEATSINK WIDTH)
108 (EFFECTIVE PRINT WIDTH)
DOT #864
DOT #1
No.9
No.1
No.9
No.1
CONNECTOR B
CONNECTOR A
5
109
2-M3


Similar Part No. - KF2004-GR40A

ManufacturerPart #DatasheetDescription
logo
Rohm
KF2004-GC10A ROHM-KF2004-GC10A Datasheet
174Kb / 4P
   Compact medium speed thick film thermal printhead (8 dots / mm)
KF2004-GD10A ROHM-KF2004-GD10A Datasheet
176Kb / 4P
   Compact medium speed thick film thermal printhead (8 dots / mm)
KF2004-GD45A ROHM-KF2004-GD45A Datasheet
78Kb / 4P
   Compact medium speed thick film thermal printhead (8 dots / mm)
KF2004-GE10A ROHM-KF2004-GE10A Datasheet
171Kb / 4P
   Compact low speed thick film thermal printhead (8 dots / mm)
KF2004-GF41A ROHM-KF2004-GF41A Datasheet
78Kb / 4P
   Compact high speed thick film thermal printhead (8dots / mm)
More results

Similar Description - KF2004-GR40A

ManufacturerPart #DatasheetDescription
logo
Rohm
KF2002-GK42A ROHM-KF2002-GK42A Datasheet
89Kb / 5P
   Compact medium speed thick film thermal printhead (8dots / mm)
KD2008-CG50A ROHM-KD2008-CG50A Datasheet
202Kb / 5P
   Compact medium speed thick film thermal printhead(8dots / mm)
KD2004-CF20A ROHM-KD2004-CF20A Datasheet
92Kb / 5P
   Compact medium speed thick film thermal printhead (8dots / mm)
KD2004-CF10A ROHM-KD2004-CF10A Datasheet
61Kb / 5P
   Compact medium speed thick film thermal printhead (8dots / mm)
KF2004-GK42A ROHM-KF2004-GK42A Datasheet
78Kb / 4P
   Compact medium speed thick film thermal printhead (8dots / mm)
KF2002-GR40A ROHM-KF2002-GR40A Datasheet
85Kb / 4P
   Compact medium speed thick film thermal printhead (8dots / mm)
KD2002-CF10A ROHM-KD2002-CF10A Datasheet
60Kb / 5P
   Compact medium speed thick film thermal printhead (8dots / mm)
KD2003-CF10A ROHM-KD2003-CF10A Datasheet
61Kb / 5P
   Compact medium speed thick film thermal printhead (8dots / mm)
KF2003-GK42A ROHM-KF2003-GK42A Datasheet
80Kb / 5P
   Compact medium speed thick film thermal printhead (8dots / mm)
KD2004-CG10A ROHM-KD2004-CG10A Datasheet
64Kb / 5P
   Compact medium speed thick film thermal printhead (8dots / mm)
KD2003-CG10A ROHM-KD2003-CG10A Datasheet
63Kb / 5P
   Compact medium speed thick film thermal printhead (8dots / mm)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com