Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0026481052 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 0026481052
Description  3.96mm (.156") Pitch KK Header, Breakaway, Right Angle, 5 Circuits, Tin (Sn) Plating
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

0026481052 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  0026481052 Datasheet HTML 1Page - Molex Electronics Ltd. 0026481052 Datasheet HTML 2Page - Molex Electronics Ltd. 0026481052 Datasheet HTML 3Page - Molex Electronics Ltd. 0026481052 Datasheet HTML 4Page - Molex Electronics Ltd. 0026481052 Datasheet HTML 5Page - Molex Electronics Ltd. 0026481052 Datasheet HTML 6Page - Molex Electronics Ltd. 0026481052 Datasheet HTML 7Page - Molex Electronics Ltd. 0026481052 Datasheet HTML 8Page - Molex Electronics Ltd. 0026481052 Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
REV:
ECR/ECN INFORMATION:
SHEET No.
EC No.:
UCP2010-0149
AH7
DATE:
8/11/2009
TITLE:
KK .156 HEADER ASSEMBLY
FLAT BREAKAWAY, 2-24 CKTS.
- 2 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD- 41662 -001
MKIPPER
SSOUSEK
FSMITH
0TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
A-41662-ANA102-*
HEADER NUMBER:
41185-A-AN
PIN NUMBER:
2161-19(102)
PLATING
102
PIN LENGTH: L
26.21 / 1.032
MATING LENGTH: X
14.61 / .575
GOLD POINT: G
N/A
PIN HEIGHT: Y
4.95 / .195
PC TAIL LENGTH: Z
4.67 / .184
TIN: T
OVERALL
CKTS:
2-24
VOIDED CKTS:
SEE TABLE
PACKAGING:
BULK
PK-41662-001
MATERIAL
NUMBER
ENG
NUMBER
VOIDS
MATERIAL
NUMBER
ENG
NUMBER
VOIDS
26-48-1022
-A02A102
26-48-1192
-A19A102
26-48-1032
-A03A102
26-48-1202
-A20A102
26-48-1042
-A04A102
26-48-1212
-A21A102
26-48-1052
-A05A102
26-48-1222
-A22A102
26-48-1062
-A06A102
26-48-1232
-A23A102
26-48-1072
-A07A102
26-48-1242
-A24A102
26-48-1082
-A08A102
26-50-3117
-A11A102-51
2, 4, 6, 8,
10
26-48-1092
-A09A102
26-50-5082
-A08A102-3
3
26-48-1102
-A10A102
41662-0201
-A24A102-51
2, 4, 6
26-48-1112
-A11A102
41662-0202
-A17A102-2
2
26-48-1122
-A12A102
41662-0203
-A19A102-2
2
26-48-1132
-A13A102
41662-0204
-A14A102-51
3, 4, 7, 8,
11, 12
26-48-1142
-A14A102
41662-0205
-A05A102-3
3
26-48-1152
-A15A102
26-48-1162
-A16A102
26-48-1172
-A17A102
26-48-1182
-A18A102
A-41662-BNY208-*
HEADER NUMBER:
41185-A-AN
PIN NUMBER:
43294-0497
PLATING
208
PIN LENGTH: L
26.16 / 1.030
MATING LENGTH: X
14.61 / .575
GOLD POINT: G
6.86 / .270
PIN HEIGHT: Y
4.95 / .195
PC TAIL LENGTH: Z
4.63 / .182
TIN: T
5.08/ .200
CKTS:
2-24
VOIDED CKTS:
NONE
PACKAGING:
BULK
PK-41662-001
MATERIAL
NUMBER
ENG
NUMBER
VOIDS
MATERIAL
NUMBER
ENG
NUMBER
VOIDS
41662-0001
-B02Y208
41662-0018
-B19Y208
41662-0002
-B03Y208
41662-0019
-B20Y208
41662-0003
-B04Y208
41662-0020
-B21Y208
41662-0004
-B05Y208
41662-0021
-B22Y208
41662-0005
-B06Y208
41662-0022
-B23Y208
41662-0006
-B07Y208
41662-0023
-B24Y208
41662-0007
-B08Y208
41662-0008
-B09Y208
41662-0009
-B10Y208
41662-0010
-B11Y208
41662-0011
-B12Y208
41662-0012
-B13Y208
41662-0013
-B14Y208
41662-0014
-B15Y208
41662-0015
-B16Y208
41662-0016
-B17Y208
41662-0017
-B18Y208


Similar Part No. - 0026481052

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0026481051 MOLEX3-0026481051 Datasheet
379Kb / 15P
   3.96mm (.156") Pitch KK Header, Breakaway, Vertical, 5 Circuits, Tin (Sn) Plating
0026481053 MOLEX3-0026481053 Datasheet
169Kb / 6P
   3.96mm (.156") Pitch KK Header, Breakaway, Vertical, Polarizing Wall, 5 Circuits, Tin (Sn) Plating
0026481055 MOLEX3-0026481055 Datasheet
280Kb / 10P
   3.96mm (.156") Pitch KK짰 Header, Breakaway, Vertical, Square Pin, with Friction Lock, 5 Circuits, Tin (Sn) Plating
0026481056 MOLEX3-0026481056 Datasheet
382Kb / 12P
   3.96mm (.156") Pitch KK Header, Breakaway, Right Angle, with Friction Lock, 5 Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com