Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0038001436 Datasheet(PDF) 6 Page - Molex Electronics Ltd.

Part # 0038001436
Description  2.54mm (.100") Pitch KK PC Board Connector, Top Entry, 16 Circuits
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

0038001436 Datasheet(HTML) 6 Page - Molex Electronics Ltd.

Back Button 0038001436 Datasheet HTML 2Page - Molex Electronics Ltd. 0038001436 Datasheet HTML 3Page - Molex Electronics Ltd. 0038001436 Datasheet HTML 4Page - Molex Electronics Ltd. 0038001436 Datasheet HTML 5Page - Molex Electronics Ltd. 0038001436 Datasheet HTML 6Page - Molex Electronics Ltd. 0038001436 Datasheet HTML 7Page - Molex Electronics Ltd. 0038001436 Datasheet HTML 8Page - Molex Electronics Ltd. 0038001436 Datasheet HTML 9Page - Molex Electronics Ltd. 0038001436 Datasheet HTML 10Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
KK 100 PCB ASSY 2-25 CKT
4455 SERIES
REV:
ECR/ECN INFORMATION:
SHEET No.
EC No.:
UCP2010-2172
D7
DATE:
4/15/2010
TITLE:
KK 100 PCB ASSY
4455 SERIES DWG
- 4 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SDA-4455
MKIPPER
JBELL
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
Assy Proc:
TOP ENTRY
Assy Proc:
TOP ENTRY
Assy Proc:
TOP ENTRY
Assy Proc:
RIGHT ANGLE
Hooks Cut:
NO
Hooks Cut:
NO
Hooks Cut:
NO
Hooks Cut:
NO
Housing No:
4455-N
Housing No:
4455-N
Housing No:
4455-N
Housing No:
4455-N
Terminal No:
4316-4(P909)
Terminal No:
4316-4(565)
Terminal No:
4316-4(208)
Terminal No:
6516-4(P909)
Dim C:
3.35 / .132
Dim C:
3.35 / .132
Dim C:
3.35 / .132
Dim C:
3.35 / .132
Plating:
P909
Plating:
565
Plating:
208
Plating:
P909
Packaging:
PK-44646-001
Packaging:
PK-44646-001
Packaging:
PK-44646-001
Packaging:
PK-44646-001
Voids:
NONE
Voids:
NONE
Voids:
NONE
Voids:
NONE
Ckts
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
2
22-02-2025
A-4455-CZ02A(P909)
22-18-2023
A-4455-CZ02A(565)
22-18-2021
A-4455-CZ02A(208)
22-15-4025
A-4455-AZ02B(P909)
3
22-02-2035
A-4455-CZ 03A(P909)
22-18-2033
A-4455-CZ 03 A(565)
22-18-2031
A-4455-CZ 03 A(208)
22-15-4035
A-4455-AZ 03B(P909)
4
22-02-2045
A-4455-CZ 04A(P909)
22-18-2043
A-4455-CZ 04 A(565)
22-18-2041
A-4455-CZ 04 A(208)
22-15-4045
A-4455-AZ 04B(P909)
5
22-02-2055
A-4455-CZ 05A(P909)
22-18-2053
A-4455-CZ 05 A(565)
22-18-2051
A-4455-CZ 05 A(208)
22-15-4055
A-4455-AZ 05B(P909)
6
22-02-2065
A-4455-CZ 06A(P909)
22-18-2063
A-4455-CZ 06 A(565)
22-18-2061
A-4455-CZ 06 A(208)
22-15-4065
A-4455-AZ 06B(P909)
7
22-02-2075
A-4455-CZ 07A(P909)
22-18-2073
A-4455-CZ 07 A(565)
22-18-2071
A-4455-CZ 07 A(208)
22-15-4075
A-4455-AZ 07B(P909)
8
22-02-2085
A-4455-CZ 08 A(P909)
22-18-2083
A-4455-CZ 08 A(565)
22-18-2081
A-4455-CZ 08 A(208)
22-15-4085
A-4455-AZ 08B(P909)
9
22-02-2095
A-4455-CZ 09 A(P909)
22-18-2093
A-4455-CZ 09 A(565)
22-18-2091
A-4455-CZ 09 A(208)
22-15-4095
A-4455-AZ 09B(P909)
10
22-02-2105
A-4455-CZ 10 A(P909)
22-18-2103
A-4455-CZ 10 A(565)
22-18-2101
A-4455-CZ 10 A(208)
22-15-4105
A-4455-AZ 10B(P909)
11
22-02-2115
A-4455-CZ 11 A(P909)
22-18-2113
A-4455-CZ 11 A(565)
22-18-2111
A-4455-CZ 11 A(208)
22-15-4115
A-4455-AZ 11B(P909)
12
22-02-2125
A-4455-CZ 12 A(P909)
22-18-2123
A-4455-CZ 12 A(565)
22-18-2121
A-4455-CZ 12 A(208)
22-15-4125
A-4455-AZ 12B(P909)
13
22-02-2135
A-4455-CZ 13 A(P909)
22-18-2133
A-4455-CZ 13 A(565)
22-18-2131
A-4455-CZ 13 A(208)
22-15-4135
A-4455-AZ 13B(P909)
14
22-02-2145
A-4455-CZ 14 A(P909)
22-18-2143
A-4455-CZ 14 A(565)
22-18-2141
A-4455-CZ 14 A(208)
22-15-4145
A-4455-AZ 14B(P909)
15
22-02-2155
A-4455-CZ 15 A(P909)
22-18-2153
A-4455-CZ 15 A(565)
22-18-2151
A-4455-CZ 15 A(208)
22-15-4155
A-4455-AZ 15B(P909)
16
22-02-2165
A-4455-CZ 16 A(P909)
22-18-2163
A-4455-CZ 16 A(565)
22-18-2161
A-4455-CZ 16 A(208)
22-15-4165
A-4455-AZ 16B(P909)
17
22-02-2175
A-4455-CZ 17 A(P909)
22-18-2173
A-4455-CZ 17 A(565)
22-18-2171
A-4455-CZ 17 A(208)
22-15-4175
A-4455-AZ 17B(P909)
18
22-02-2185
A-4455-CZ 18 A(P909)
22-18-2183
A-4455-CZ 18 A(565)
22-18-2181
A-4455-CZ 18 A(208)
22-15-4185
A-4455-AZ 18B(P909)
19
22-02-2195
A-4455-CZ 19 A(P909)
22-18-2193
A-4455-CZ 19 A(565)
22-18-2191
A-4455-CZ 19 A(208)
22-15-4195
A-4455-AZ 19B(P909)
20
22-02-2205
A-4455-CZ 20 A(P909)
22-18-2203
A-4455-CZ 20 A(565)
22-18-2201
A-4455-CZ 20 A(208)
22-15-4205
A-4455-AZ 20B(P909)
21
22-02-2215
A-4455-CZ 21 A(P909)
22-18-2213
A-4455-CZ 21 A(565)
22-18-2211
A-4455-CZ 21 A(208)
22-15-4215
A-4455-AZ 21B(P909)
22
22-02-2225
A-4455-CZ 22 A(P909)
22-18-2223
A-4455-CZ 22 A(565)
22-18-2221
A-4455-CZ 22 A(208)
22-15-4225
A-4455-AZ 22B(P909)
23
22-02-2235
A-4455-CZ 23 A(P909)
22-18-2233
A-4455-CZ 23 A(565)
22-18-2231
A-4455-CZ 23 A(208)
22-15-4235
A-4455-AZ 23B(P909)
24
22-02-2245
A-4455-CZ 24 A(P909)
22-18-2243
A-4455-CZ 24 A(565)
22-18-2241
A-4455-CZ 24 A(208)
22-15-4245
A-4455-AZ 24B(P909)
25
22-02-2255
A-4455-CZ 25 A(P909)
22-18-2253
A-4455-CZ 25 A(565)
22-18-2251
A-4455-CZ 25 A(208)
22-15-4255
A-4455-AZ 25B(P909)


Similar Part No. - 0038001436

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0038001430 MOLEX3-0038001430 Datasheet
630Kb / 17P
   2.54mm (.100") Pitch KK PC Board Connector, Top Entry, 10 Circuits
0038001430 MOLEX1-0038001430_17 Datasheet
45Kb / 2P
   KK 254 PC Board Connector, Top Entry, 10 Circuits
0038001431 MOLEX3-0038001431 Datasheet
630Kb / 17P
   2.54mm (.100") Pitch KK PC Board Connector, Top Entry, 11 Circuits
0038001431 MOLEX1-0038001431_17 Datasheet
45Kb / 2P
   KK 254 PC Board Connector, Top Entry, 11 Circuits
0038001432 MOLEX3-0038001432 Datasheet
630Kb / 17P
   2.54mm (.100") Pitch KK짰 PC Board Connector, Top Entry, 12 Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com