Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0022292281 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0022292281
Description  2.54mm (.100") Pitch KK Wire-to-Board Header, Vertical, with Friction Lock, 28 Circuits
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

0022292281 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0022292281 Datasheet HTML 1Page - Molex Electronics Ltd. 0022292281 Datasheet HTML 2Page - Molex Electronics Ltd. 0022292281 Datasheet HTML 3Page - Molex Electronics Ltd. 0022292281 Datasheet HTML 4Page - Molex Electronics Ltd. 0022292281 Datasheet HTML 5Page - Molex Electronics Ltd. 0022292281 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Shrouded
Partial
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
0°C to +75°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
4A
Voltage - Maximum
250V
Material Info
Old Part Number
AE-6410-28A(501)
Reference - Drawing Numbers
Packaging Specification
PK-6373-001
Product Specification
PS-10-07, PS-99020-0088
Sales Drawing
SDAE-6410-N
This document was generated on 05/24/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0022292281

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0022292201 MOLEX3-0022292201 Datasheet
435Kb / 6P
   2.54mm (.100") Pitch KK짰 Wire-to-Board Header, Vertical, with Friction Lock, 20 Circuits, Gold (Au) Plating
0022292211 MOLEX3-0022292211 Datasheet
435Kb / 6P
   2.54mm (.100") Pitch KK Wire-to-Board Header, Vertical, with Friction Lock, 21 Circuits
0022292221 MOLEX3-0022292221 Datasheet
435Kb / 6P
   2.54mm (.100") Pitch KK Wire-to-Board Header, Vertical, with Friction Lock, 22 Circuits, Gold (Au) Plating
0022292231 MOLEX3-0022292231 Datasheet
435Kb / 6P
   2.54mm (.100") Pitch KK짰 Wire-to-Board Header, Vertical, with Friction Lock, 23 Circuits, Gold (Au) Plating
0022292241 MOLEX3-0022292241 Datasheet
435Kb / 6P
   2.54mm (.100") Pitch KK Wire-to-Board Header, Vertical, with Friction Lock, 24 Circuits, Gold (Au) Plating
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com