Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0039301042 Datasheet(PDF) 8 Page - Molex Electronics Ltd.

Part # 0039301042
Description  4.20mm (.165") Pitch Mini-Fit Jr. Header, Dual Row, Right Angle, with Snap-in Plastic Peg PCB Lock
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

0039301042 Datasheet(HTML) 8 Page - Molex Electronics Ltd.

  0039301042 Datasheet HTML 1Page - Molex Electronics Ltd. 0039301042 Datasheet HTML 2Page - Molex Electronics Ltd. 0039301042 Datasheet HTML 3Page - Molex Electronics Ltd. 0039301042 Datasheet HTML 4Page - Molex Electronics Ltd. 0039301042 Datasheet HTML 5Page - Molex Electronics Ltd. 0039301042 Datasheet HTML 6Page - Molex Electronics Ltd. 0039301042 Datasheet HTML 7Page - Molex Electronics Ltd. 0039301042 Datasheet HTML 8Page - Molex Electronics Ltd. 0039301042 Datasheet HTML 9Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
REVISION:
ECR/ECN INFORMATION:
SHEET No.
EC No:
UCP2010-0398
L3
DATE:
2009/09/02
TITLE:
MINI-FIT JR.
® RIGHT ANGLE
HEADER ASSEMBLIES
WITH MOUNTING PEGS
- 6 -
DOCUMENT NUMBER:
Drawn By:
Checked By:
Approved By:
SDA-5569-NA2*-*
JJAGUILAR
JBELL
FSMITH
Filename: SPOMASTER.DOC
Revision: 1
Location: Workmanager General Docs Class.
Date: 4-15-2002
PART
NUMBER
ENG.
NUMBER
CKT.
SIZE
PLATING
(NOTE 2)
HSG
MAT'L
PART
NUMBER
ENG.
NUMBER
CKT.
SIZE
PLATING
(NOTE 2)
HSG
MAT'L
26-01-3127 5569-02A2GS2-210-T
2
2
26-01-3128 5569-04A2GS2-210-T
4
4
NOT TOOLED5569-06A2GS2-210-T
6
6
NOT TOOLED5569-08A2GS2-210-T
8
8
NOT TOOLED5569-10A2GS2-210-T 10
10
NOT TOOLED5569-12A2GS2-210-T 12
12
NOT TOOLED5569-14A2GS2-210-T 14
14
NOT TOOLED5569-16A2GS2-210-T 16
16
NOT TOOLED5569-18A2GS2-210-T 18
18
NOT TOOLED5569-20A2GS2-210-T 20
20
NOT TOOLED5569-22A2GS2-210-T 22
22
NOT TOOLED5569-24A2GS2-210-T 24
24
26-01-3141
5569-02A2GS3-T
2
2
26-01-3142
5569-04A2GS3-T
4
4
26-01-3143
5569-06A2GS3-T
6
6
26-01-3144
5569-08A2GS3-T
8
8
NOT TOOLED 5569-10A2GS3-T
10
10
NOT TOOLED 5569-12A2GS3-T
12
12
NOT TOOLED 5569-14A2GS3-T
14
14
26-01-3148
5569-16A2GS3-T
16
16
NOT TOOLED 5569-18A2GS3-T
18
18
NOT TOOLED 5569-20A2GS3-T
20
20
NOT TOOLED 5569-22A2GS3-T
22
22
NOT TOOLED 5569-24A2GS3-T
24
24
2
2
4
4
6
6
8
8
10
10
12
12
14
14
16
16
18
18
20
20
22
22
24
24
2
2
4
4
6
6
8
8
10
10
12
12
14
14
16
16
18
18
20
20
22
22
24
24
TRAY PACKAGED PER PK-5569-003
15 µ"
SELECT
GOLD
SEE
NOTE 2
OPTION
"GS2"
94V-0
50 µ"
SELECT
GOLD
SEE
NOTE 2
OPTION
"GS3"
94V-2


Similar Part No. - 0039301042

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0039301042 MOLEX1-0039301042_18 Datasheet
36Kb / 2P
   Mini-Fit Jr. Header, Dual Row, Right Angle, with Snap-in Plastic Peg PCB Lock
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com