Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0039000282 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 0039000282
Description  2.36mm (.093") Diameter, Standard .093" Pin and Socket Crimp Terminal, Series 1189, Female
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

0039000282 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  0039000282 Datasheet HTML 1Page - Molex Electronics Ltd. 0039000282 Datasheet HTML 2Page - Molex Electronics Ltd. 0039000282 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image


Similar Part No. - 0039000282

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0039000280 MOLEX3-0039000280 Datasheet
97Kb / 3P
   1.57mm (.062") Diameter, Standard .062" Pin and Socket Crimp Terminal, Series 1854, 3.68mm (.145") Pitch
0039000280 MOLEX1-0039000280 Datasheet
41Kb / 1P
   1.57mm Diameter, Standard .062 Pin and Socket Crimp Terminal, Series 1854
0039000280 MOLEX1-0039000280_18 Datasheet
41Kb / 1P
   1.57mm Diameter, Standard .062 Pin and Socket Crimp Terminal, Series 1854
0039000281 MOLEX3-0039000281 Datasheet
127Kb / 3P
   2.36mm (.093") Diameter, Standard .093" Pin and Socket Crimp Terminal, Series 1189, Female
0039000283 MOLEX3-0039000283 Datasheet
97Kb / 3P
   2.36mm (.093") Diameter, Standard .093" Pin and Socket Crimp Terminal, Series 1380, Male, with Tin (Sn) over Copper Plated Brass Contact, 18-24 AWG, Reel
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com