Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

22-28-8113 Datasheet(PDF) 5 Page - Molex Electronics Ltd.

Part # 22-28-8113
Description  2.54mm (.100") Pitch KK Header, Breakaway, Right Angle Surface Mount Compatible, 11 Circuits
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

22-28-8113 Datasheet(HTML) 5 Page - Molex Electronics Ltd.

  22-28-8113 Datasheet HTML 1Page - Molex Electronics Ltd. 22-28-8113 Datasheet HTML 2Page - Molex Electronics Ltd. 22-28-8113 Datasheet HTML 3Page - Molex Electronics Ltd. 22-28-8113 Datasheet HTML 4Page - Molex Electronics Ltd. 22-28-8113 Datasheet HTML 5Page - Molex Electronics Ltd. 22-28-8113 Datasheet HTML 6Page - Molex Electronics Ltd. 22-28-8113 Datasheet HTML 7Page - Molex Electronics Ltd. 22-28-8113 Datasheet HTML 8Page - Molex Electronics Ltd. 22-28-8113 Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
REV:
ECR/ECN INFORMATION:
SHEET No.
EC No:
UCP2009-0952
X1
DATE:
10/31/2008
TITLE:
KK 100 HEADER ASSEMBLY
FLAT RIGHT ANGLE
BREAKAWAY
- 3 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD- 42377-001
MKIPPER
JBELL
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
A-42377-0072 / 0106
HEADER NUMBER:
42312-0036
PIN NUMBER:
42663-AZB208
PIN LENGTH: L
.550/13.97
MATING LENGTH: M
.244/6.20
GOLD POINT: G
.140/3.56
PIN HEIGHT: Y
.070/1.78
PC TAIL LENGTH: P
.120/13.05
TIN: T
.135/3.43
CKTS:
2-36
KINKS:
NONE
REMOVED BACKWALLS:
NONE
VOIDED CKTS:
NONE
PACKAGING:
BULK PK-40873-0041
CKTS
MATERIAL
NUMBER
ENG
NUMBER
CKTS
MATERIAL
NUMBER
ENG
NUMBER
02
22-28-8022 42377-0072
20
22-28-8202 42377-0090
03
22-28-8032 42377-0073
21
22-28-8212 42377-0091
04
22-28-8042 42377-0074
22
22-28-8222 42377-0092
05
22-28-8052 42377-0075
23
22-28-8232 42377-0093
06
22-28-8062 42377-0076
24
22-28-8242 42377-0094
07
22-28-8072 42377-0077
25
22-28-8252 42377-0095
08
22-28-8082 42377-0078
26
22-28-8262 42377-0096
09
22-28-8092 42377-0079
27
22-28-8272 42377-0097
10
22-28-8102 42377-0080
28
22-28-8282 42377-0098
11
22-28-8112 42377-0081
29
22-28-8292 42377-0099
12
22-28-8122 42377-0082
30
22-28-8302 42377-0100
13
22-28-8132 42377-0083
31
22-28-8312 42377-0101
14
22-28-8142 42377-0084
32
22-28-8322 42377-0102
15
22-28-8152 42377-0085
33
22-28-8332 42377-0103
16
22-28-8162 42377-0086
34
22-28-8342 42377-0104
17
22-28-8172 42377-0087
35
22-28-8352 42377-0105
18
22-28-8182 42377-0088
36
22-28-8362 42377-0106
19
22-28-8192 42377-0089
A-42377-0107 / 0141
HEADER NUMBER:
42312-0036
PIN NUMBER:
42663-BSB208
PIN LENGTH: L
.630/16.00
MATING LENGTH: M
.324/8.23
GOLD POINT: G
.140/3.56
PIN HEIGHT: Y
.070/1.78
PC TAIL LENGTH: P
.120/3.05
TIN: T
.135/3.43
CKTS:
2-36
KINKS:
NONE
REMOVED BACKWALLS:
NONE
VOIDED CKTS:
NONE
PACKAGING:
BULK PK-40873-0041
CKTS
MATERIAL
NUMBER
ENG
NUMBER
CKTS
MATERIAL
NUMBER
ENG
NUMBER
02
22-28-8023
42377-0107
20
22-28-8203 42377-0125
03
22-28-8033
42377-0108
21
22-28-8213 42377-0126
04
22-28-8043
42377-0109
22
22-28-8223 42377-0127
05
22-28-8053
42377-0110
23
22-28-8233 42377-0128
06
22-28-8063
42377-0111
24
22-28-8243 42377-0129
07
22-28-8073
42377-0112
25
22-28-8253 42377-0130
08
22-28-8083
42377-0113
26
22-28-8263 42377-0131
09
22-28-8093
42377-0114
27
22-28-8273 42377-0132
10
22-28-8103
42377-0115
28
22-28-8283 42377-0133
11
22-28-8113
42377-0116
29
22-28-8293 42377-0134
12
22-28-8123
42377-0117
30
22-28-8303 42377-0135
13
22-28-8133
42377-0118
31
22-28-8313 42377-0136
14
22-28-8143
42377-0119
32
22-28-8323 42377-0137
15
22-28-8153
42377-0120
33
22-28-8333 42377-0138
16
22-28-8163
42377-0121
34
22-28-8343 42377-0139
17
22-28-8173
42377-0122
35
22-28-8353 42377-0140
18
22-28-8183
42377-0123
36
22-28-8363 42377-0141
19
22-28-8193
42377-0124


Similar Part No. - 22-28-8113

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
22-28-8113 MOLEX11-22-28-8113 Datasheet
68Kb / 2P
   KK짰 254 Breakaway Header, Right-Angle Surface Mount Compatible, 11 Circuits, 0.38關m Gold (Au) Selective Plating, Mating Pin Length 8.23mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com