Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5194PBT Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 5194PBT
Description  SPOX Crimp Terminal 5194, 18-24 AWG, Phosphor Bronze, Reel
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

5194PBT Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  5194PBT Datasheet HTML 1Page - Molex Electronics Ltd. 5194PBT Datasheet HTML 2Page - Molex Electronics Ltd. 5194PBT Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Terminal, 18-24
AWG
Hand Crimp Tool
0638116500
Japan
Description
Product #
Applicator for M211A
Bench Press, 18-28
AWG, for 5225 and
5194 Crimp Terminal
0011260028
Hand Extraction Tool 0011260100
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 5194PBT

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
5194PBTL MOLEX3-5194PBTL Datasheet
117Kb / 3P
   SPOX Crimp Terminal 5194, 18-24 AWG, Phosphor Bronze, Bag
More results

Similar Description - 5194PBT

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0039000022 MOLEX3-0039000022 Datasheet
117Kb / 3P
   SPOX Crimp Terminal 5194, 18-24 AWG, Phosphor Bronze, Bag
0008701031 MOLEX1-0008701031 Datasheet
123Kb / 3P
   SPOX??Crimp Terminal 5194, 18-24 AWG, Brass, Reel
0008701031 MOLEX1-0008701031_17 Datasheet
39Kb / 2P
   SPOX Crimp Terminal 5194, 18-24 AWG, Brass, Reel
0008701030 MOLEX1-0008701030 Datasheet
122Kb / 3P
   SPOX??Crimp Terminal 5194, 18-24 AWG, Brass, Bag
0502178000 MOLEX7-0502178000 Datasheet
120Kb / 4P
   3.50mm (.138") Pitch Crimp Terminal 50217, 18-24 AWG, Reel, Phosphor Bronze
0444851211 MOLEX6-0444851211 Datasheet
273Kb / 4P
   Mini-Fit짰 Crimp Terminal, 18-24 AWG, Reel, Phosphor Bronze, Select Gold (Au)
0008700058 MOLEX1-0008700058_17 Datasheet
29Kb / 1P
   SPOX Crimp Terminal 5103, 22-28 AWG, Reel, Phosphor Bronze (CuSn), Chain Type
0008580187 MOLEX1-0008580187 Datasheet
258Kb / 4P
   Trifurcon??Crimp Terminal 6438, 18-20 AWG, Reel, Phosphor Bronze Gold (Au)
0008520071 MOLEX1-0008520071 Datasheet
241Kb / 4P
   3.96mm (.156") Pitch KK짰 Crimp Terminal 2478, 18-24 AWG, Reel, Phosphor Bronze, Tin (Sn)
0008520112 MOLEX1-0008520112 Datasheet
258Kb / 4P
   Trifurcon??Crimp Terminal 6838, 18-20 AWG, Reel, Phosphor Bronze Tin (Sn)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com