Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA-501MN Datasheet(PDF) 2 Page - Rohm

Part # LA-501MN
Description  High efficiency, single-digit numeric displays
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LA-501MN Datasheet(HTML) 2 Page - Rohm

  LA-501MN Datasheet HTML 1Page - Rohm LA-501MN Datasheet HTML 2Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LA-501DN Series
LED displays
!
!
!
!Internal circuit schematic
(example of common cathode)
COM
3,8
a
7
b
6
c
4
d
2
e
1
f
9
g
10
D.P
5
!Absolute maximum ratings
(Ta = 25
°C)
LA-501MD / MN
Parameter
Symbol
PD
PD / seg
IF
IFP
VR
Topr
Tstg
Red
LA-501VD / VN
Unit
mW
mW
mA
mA
V
°C
°C
480
60
20
60∗
5
Orange
LA-501DD / DN
480
60
20
60∗
5
Green
480
60
20
60∗
5
−25~+75
−30~+85
Power dissipation
Power dissipation
Forward current
Peak forward current
Reverse voltage
Operating temperature
Storage temperature
Pulse width 1ms duty 1 / 5
!
!
!
! Electrical and optical characteristics
(Ta = 25
°C)
Not designed for radiation resistance.
Symbol
Unit
Parameter
Red
Spectral line half width
∆λ
nm
Peak wavelength
λP
nm
Reverse current
IR
µA
Forward voltage
VF
Conditions
IF
= 10mA
IF
= 10mA
VR
= 5V
IF
= 10mA
Min.
40
650
2.0
Typ.
100
2.8
Max.
Orange
Min.
40
610
2.0
Typ.
100
2.8
Max.
Green
Min.
40
563
2.1
Typ.
100
2.8
Max.
V
!
!
!
! Luminous intensity
λP
Unit
Color
Red
650
Type
LA-501VN
LA-501VD
Min.
5.6
Typ.
16
Max.
mcd
Orange
610
LA-501DN
LA-501DD
5.6
16
mcd
Green
563
LA-501MN
LA-501MD
5.6
16
mcd
Note : Measured at IF
= 10 mA


Similar Part No. - LA-501MN

ManufacturerPart #DatasheetDescription
logo
Rohm
LA-501MN ROHM-LA-501MN Datasheet
68Kb / 3P
   High efficiency, single-digit numeric displays
LA-501MN ROHM-LA-501MN Datasheet
941Kb / 4P
   High efficiency, single-digit numeric displays
LA-501MN ROHM-LA-501MN Datasheet
393Kb / 5P
   Single Digit LED Numeric Display
More results

Similar Description - LA-501MN

ManufacturerPart #DatasheetDescription
logo
Rohm
LA-101AK ROHM-LA-101AK_17 Datasheet
359Kb / 5P
   High efficiency, single-digit numeric displays
LA-101AK ROHM-LA-101AK_08 Datasheet
85Kb / 4P
   High efficiency, single-digit numeric displays
LA-101AK ROHM-LA-101AK_1 Datasheet
67Kb / 3P
   High efficiency, single-digit numeric displays
LA-501DN ROHM-LA-501DN_1 Datasheet
68Kb / 3P
   High efficiency, single-digit numeric displays
LA-501DN ROHM-LA-501DN_11 Datasheet
941Kb / 4P
   High efficiency, single-digit numeric displays
LA-101AK ROHM-LA-101AK Datasheet
57Kb / 2P
   High efficiency, single-digit numeric displays
LA-601BL ROHM-LA-601BL Datasheet
58Kb / 2P
   High efficiency, single-digit numeric displays
LA-801FP ROHM-LA-801FP Datasheet
56Kb / 2P
   High efficiency, single-digit numeric displays
LB-203BL ROHM-LB-203BL Datasheet
62Kb / 2P
   High efficiency, three-digit numeric displays
LB-303AK ROHM-LB-303AK Datasheet
62Kb / 2P
   High efficiency, three-digit numeric displays
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com