Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0039000022 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 0039000022
Description  SPOX Crimp Terminal 5194, 18-24 AWG, Phosphor Bronze, Bag
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

0039000022 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  0039000022 Datasheet HTML 1Page - Molex Electronics Ltd. 0039000022 Datasheet HTML 2Page - Molex Electronics Ltd. 0039000022 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image


Similar Part No. - 0039000022

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0039000021 MOLEX3-0039000021 Datasheet
118Kb / 3P
   SPOX Crimp Terminal 5194, 18-24 AWG, Phosphor Bronze, Reel
0039000023 MOLEX1-0039000023 Datasheet
53Kb / 1P
   2.5 LOW PROFILE CRIMP RECEPTACLE
More results

Similar Description - 0039000022

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0039000021 MOLEX3-0039000021 Datasheet
118Kb / 3P
   SPOX Crimp Terminal 5194, 18-24 AWG, Phosphor Bronze, Reel
0008701030 MOLEX1-0008701030 Datasheet
122Kb / 3P
   SPOX??Crimp Terminal 5194, 18-24 AWG, Brass, Bag
0008701031 MOLEX1-0008701031 Datasheet
123Kb / 3P
   SPOX??Crimp Terminal 5194, 18-24 AWG, Brass, Reel
0008701031 MOLEX1-0008701031_17 Datasheet
39Kb / 2P
   SPOX Crimp Terminal 5194, 18-24 AWG, Brass, Reel
0502178100 MOLEX7-0502178100 Datasheet
86Kb / 3P
   3.50mm (.138") Pitch Crimp Terminal 50217, 18-24 AWG, Bag, Phosphor Bronze
0444851212 MOLEX6-0444851212 Datasheet
272Kb / 4P
   Mini-Fit Crimp Terminal, 18-24 AWG, Bag, Phosphor Bronze, Select Gold (Au)
0008520113 MOLEX1-0008520113 Datasheet
161Kb / 3P
   Trifurcon??Crimp Terminal 6838, 18-20 AWG, Bag, Phosphor Bronze Tin (Sn)
0008520072 MOLEX1-0008520072 Datasheet
239Kb / 3P
   3.96mm (.156) Pitch KK짰 Crimp Terminal 2478, 18-24 AWG, Bag, Phosphor Bronze, Tin (Sn)
0008520132 MOLEX1-0008520132 Datasheet
144Kb / 2P
   KK짰 Crimp Terminal 8818, 18-22 AWG, Bag, Phosphor Bronze Tin (Sn)
0008580189 MOLEX1-0008580189 Datasheet
161Kb / 3P
   Trifurcon??Crimp Terminal 6438, 18-20 AWG, Bag, Phosphor Bronze Gold (Au)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com