Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

26-61-3140 Datasheet(PDF) 8 Page - Molex Electronics Ltd.

Part # 26-61-3140
Description  3.96mm (.156") Pitch KK Solid Header, Right Angle, without Peg, 14 Circuits, Gold (Au) Plating
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

26-61-3140 Datasheet(HTML) 8 Page - Molex Electronics Ltd.

Back Button 26-61-3140 Datasheet HTML 2Page - Molex Electronics Ltd. 26-61-3140 Datasheet HTML 3Page - Molex Electronics Ltd. 26-61-3140 Datasheet HTML 4Page - Molex Electronics Ltd. 26-61-3140 Datasheet HTML 5Page - Molex Electronics Ltd. 26-61-3140 Datasheet HTML 6Page - Molex Electronics Ltd. 26-61-3140 Datasheet HTML 7Page - Molex Electronics Ltd. 26-61-3140 Datasheet HTML 8Page - Molex Electronics Ltd. 26-61-3140 Datasheet HTML 9Page - Molex Electronics Ltd. 26-61-3140 Datasheet HTML 10Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
41772
REV:
ECR/ECN INFORMATION:
SHEET No.
EC No.:
UCP2010-0165
L6
DATE:
8/24/2009
TITLE:
KK 156 HEADER ASSEMBLY
FLAT RIGHT ANGLE
SOLID BODY W/O PEGS
- 6 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SDA- 41772
MKIPPER
JBELL
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC [SIZE_A](V.1). DOC
Group
A-41772-0353/0367
Group
A-41772-0378/0394
Group
A-41772-0412/0428
Group
A-41772-0429/0445
Header No:
41770-0004/0018
Header No:
41770-0002/0018
Header No:
41770-0002/0018
Header No:
41770-0002/0018
Pin No:
2161-16(102)
Pin No:
2161-56(102)
Pin No:
2161-63(102)
Pin No:
2161-67(102)
Plating:
102-TIN
Plating:
102-TIN
Plating:
102-TIN
Plating:
102-TIN
Pin Length L
25.40/ 1.000
Pin Length L
17.86/ .703
Pin Length L
24.38/ .960
Pin Length L
18.69/ .736
Mating
M
14.86/ .585
Mating
M
5.94/ .234
Mating
M
15.06/ .593
Mating
M
10.48/ .413
Gold Loc G
N/A
Gold Loc G
N/A
Gold Loc G
N/A
Gold Loc G
N/A
Height
Y
4.95/ .195
Height
Y
4.90/ .193
Height
Y
2.71/ .107
Height
Y
2.71/ .107
PC Tail
P
3.56/ .140
PC Tail
P
4.45/ .175
PC Tail
P
4.06/ .160
PC Tail
P
2.92/ .115
Tin Loc
T
OVERALL
Tin Loc
T
OVERALL
Tin Loc
T
OVERALL
Tin Loc
T
OVERALL
Voided Ckts
CKT 4
PIN BEND R.
.045 R
PIN BEND R.
.045 R
PIN BEND R.
.045 R
Pack Per
PK-41772-002
Pack Per
PK-41772-001
Pack Per
PK-41772-001
Pack Per
PK-41772-001
Ckts
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
2
26-60-3029
A-41772-0378
27-60-3020
A-41772-0412
A-41772-0429
3
26-60-3039
A-41772-0379
A-41772-0413
A-41772-0430
4
A-41772-0353
26-60-3049
A-41772-0380
A-41772-0414
A-41772-0431
5
A-41772-0354
26-60-3059
A-41772-0381
A-41772-0415
A-41772-0432
6
A-41772-0355
26-60-3069
A-41772-0382
A-41772-0416
27-60-3061
A-41772-0433
7
A-41772-0356
26-60-3079
A-41772-0383
27-60-3070
A-41772-0417
27-60-3071
A-41772-0434
8
26-62-3083
A-41772-0357
26-60-3089
A-41772-0384
A-41772-0418
A-41772-0435
9
A-41772-0358
26-60-3099
A-41772-0385
A-41772-0419
A-41772-0436
10
A-41772-0359
26-60-3109
A-41772-0386
A-41772-0420
A-41772-0437
11
A-41772-0360
26-60-3119
A-41772-0387
A-41772-0421
A-41772-0438
12
26-62-3123
A-41772-0361
26-60-3129
A-41772-0388
A-41772-0422
A-41772-0439
13
A-41772-0362
26-60-3139
A-41772-0389
A-41772-0423
A-41772-0440
14
A-41772-0363
26-60-3149
A-41772-0390
A-41772-0424
A-41772-0441
15
A-41772-0364
26-60-3159
A-41772-0391
A-41772-0425
A-41772-0442
16
A-41772-0365
26-60-3169
A-41772-0392
A-41772-0426
A-41772-0443
17
A-41772-0366
26-60-3179
A-41772-0393
A-41772-0427
A-41772-0444
18
A-41772-0367
26-60-3189
A-41772-0394
A-41772-0428
A-41772-0445


Similar Part No. - 26-61-3140

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
26-61-3140 MOLEX11-26-61-3140 Datasheet
64Kb / 2P
   KK짰 396 Header, Right-Angle, without Peg, 14 Circuits, Gold (Au) Plating
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com