Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A-41672-A21A102 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # A-41672-A21A102
Description  3.96mm (.156") Pitch KK Header, Breakaway, Right Angle, with Friction Lock, 21 Circuits
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

A-41672-A21A102 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  A-41672-A21A102 Datasheet HTML 1Page - Molex Electronics Ltd. A-41672-A21A102 Datasheet HTML 2Page - Molex Electronics Ltd. A-41672-A21A102 Datasheet HTML 3Page - Molex Electronics Ltd. A-41672-A21A102 Datasheet HTML 4Page - Molex Electronics Ltd. A-41672-A21A102 Datasheet HTML 5Page - Molex Electronics Ltd. A-41672-A21A102 Datasheet HTML 6Page - Molex Electronics Ltd. A-41672-A21A102 Datasheet HTML 7Page - Molex Electronics Ltd. A-41672-A21A102 Datasheet HTML 8Page - Molex Electronics Ltd. A-41672-A21A102 Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
This document was generated on 03/22/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0026481216
Status:
Active
Description:
3.96mm (.156") Pitch KK® Header, Breakaway, Right Angle, with Friction Lock, 21
Circuits, Tin (Sn) Plating
Documents:
3D Model
Product Specification PS-08-50 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Packaging Specification (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
41672
Application
Wire-to-Board
Product Name
KK®
Physical
Breakaway
Yes
Circuits (Loaded)
21
Circuits (maximum)
21
Color - Resin
Black
Durability (mating cycles max)
25
Flammability
94V-0
Glow-Wire Compliant
No
Lock to Mating Part
Yes
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Resin
Polyester
Number of Rows
1
Orientation
Right Angle
PC Tail Length (in)
0.212 In
PC Tail Length (mm)
5.38 mm
PCB Locator
No
PCB Retention
None
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Bag
Pitch - Mating Interface (in)
0.156 In
Pitch - Mating Interface (mm)
3.96 mm
Polarized to Mating Part
No
Polarized to PCB
Yes
Shrouded
No
Stackable
No
Temperature Range - Operating
0°C to +75°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
7A
Voltage - Maximum
250V
Solder Process Data
Lead-free Process Capability
Wave Capable (TH only)
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
41672Series
Mates With
3069 , 3215 , 2139 , 2145 , 6442 , 7674 ,
7675 , 41695 , 41815


Similar Part No. - A-41672-A21A102

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
A-41672-A21A197 MOLEX11-A-41672-A21A197 Datasheet
64Kb / 2P
   KK짰 396 Breakaway Header, Right-Angle with Friction Lock, 21 Circuits, Tin (Sn) Plating
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com