Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

22-50-3125 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 22-50-3125
Description  2.54mm (.100") KK IDT Double Cantilever Contact, 12 Circuits, Tin (Sn), Feed-Through, Friction Ramp
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

22-50-3125 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  22-50-3125 Datasheet HTML 1Page - Molex Electronics Ltd. 22-50-3125 Datasheet HTML 2Page - Molex Electronics Ltd. 22-50-3125 Datasheet HTML 3Page - Molex Electronics Ltd. 22-50-3125 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 05/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0022503125
Status:
Active
Overview:
kk
Description:
2.54mm (.100") KK® IDT Double Cantilever Contact, 12 Circuits, Tin (Sn), Feed-
Through, Friction Ramp and Polarizing Rib, Green ID Strip
Documents:
3D Model
Product Specification PSX-7690S (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
UL
E29179
General
Product Family
IDT and Solder Connectors
Series
7720
Comments
Version H
Crimp Quality Equipment
Yes
Overview
kk
Product Name
KK®
Physical
Circuits (Loaded)
12
Circuits (maximum)
12
Color - Resin
Natural
Durability (mating cycles max)
5
Flammability
94V-2
Gender
Female
Glow-Wire Compliant
No
Lock to Mating Part
None
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Nylon
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Pitch - Term. Interface (in)
0.100 In
Pitch - Term. Interface (mm)
2.54 mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
0°C to +50°C
Termination Interface: Style
IDT or Pierce
Wire Size AWG
24 Stranded, 26 Solid, 26 Stranded Topcoat
Electrical
Current - Maximum per Contact
4A
Voltage - Maximum
250V
Solder Process Data
Lead-free Process Capability
Wave Capable (TH only)
Material Info
Old Part Number
7720SC12H
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
7720Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Insertion Tool for
2.54mm (.100") Pitch
KK® IDT Crimp
Terminals
0638133504
IDT - Semi-automatic
- Bench-Top
Terminator
0011200412


Similar Part No. - 22-50-3125

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
22-50-3105 MOLEX3-22-50-3105 Datasheet
174Kb / 4P
   2.54mm (.100") KK IDT Double Cantilever Contact, 10 Circuits, Tin (Sn)
22-50-3135 MOLEX3-22-50-3135 Datasheet
174Kb / 4P
   2.54mm (.100") KK IDT Double Cantilever Contact, 13 Circuits, Tin (Sn), Feed-Through, Friction Ramp
22-50-3145 MOLEX3-22-50-3145 Datasheet
174Kb / 4P
   2.54mm (.100") KK IDT Double Cantilever Contact, 14 Circuits, Tin (Sn)
22-50-3155 MOLEX3-22-50-3155 Datasheet
174Kb / 4P
   2.54mm (.100") KK짰 IDT Double Cantilever Contact, 15 Circuits, Tin (Sn), Feed-Through, Friction Ramp and Polarizing Rib, Green ID Strip
22-50-3165 MOLEX3-22-50-3165 Datasheet
174Kb / 4P
   2.54mm (.100") KK짰 IDT Double Cantilever Contact, 16 Circuits, Tin (Sn), Feed-Through, Friction Ramp and Polarizing Rib, Green ID Strip
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com