Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0050579218 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0050579218
Description  2.54mm (.100") Pitch SL Crimp Housing, Single Row, Version C, Front Ribs, 18 Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

0050579218 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0050579218 Datasheet HTML 1Page - Molex Electronics Ltd. 0050579218 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0050579218
Status:
Active
Overview:
cgrid__sl_products
Description:
2.54mm (.100") Pitch SL™ Crimp Housing, Single Row, Version C, Front Ribs, 18
Circuits
Documents:
3D Model
Product Specification PS-70058 (PDF)
Drawing (PDF)
Product Specification PS-70400 (PDF)
Packaging Specification (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
TUV
R72081037
UL
E29179
General
Product Family
Crimp Housings
Series
70066
Comments
Version C
Overview
cgrid__sl_products
Product Name
SL™
Physical
Circuits (maximum)
18
Color - Resin
Black
Flammability
94V-0
Gender
Female
Glow-Wire Compliant
No
Material - Resin
Polyester Alloy
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Material Info
Old Part Number
70066-0087
Reference - Drawing Numbers
Packaging Specification
PK-70066-100
Product Specification
PS-70058, PS-70400
Sales Drawing
SD-70066-0071-0094
Test Summary
TS-70058-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
70066Series
Mates With
70544, 70546, 70554 , 70556, 70543, 70545
, 70553 , 70555
Use With
70058 , 71851
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0050579218

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0050579218 MOLEX1-0050579218 Datasheet
47Kb / 1P
   SL Crimp Housing, Single Row, Version C, Front Ribs, 18 Circuits, Black
0050579218 MOLEX1-0050579218_17 Datasheet
44Kb / 2P
   SL Crimp Housing, Single Row, Version C, Front Ribs, 18 Circuits
0050579218 MOLEX1-0050579218_17 Datasheet
47Kb / 1P
   SL Crimp Housing, Single Row, Version C, Front Ribs, 18 Circuits, Black
0050579218 MOLEX1-0050579218_18 Datasheet
47Kb / 1P
   SL Crimp Housing, Single Row, Version C, Front Ribs, 18 Circuits, Black
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com