Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0190020039 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0190020039
Description  Avikrimp Fully Insulated Quick Disconnect, Female, for 14-16 AWG Wire, Metal Strip
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

0190020039 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0190020039 Datasheet HTML 1Page - Molex Electronics Ltd. 0190020039 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0190020039
Status:
Active
Description:
Avikrimp™ Fully Insulated Quick Disconnect, Female, for 14-16 AWG Wire, Metal Strip
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR18689
UL
E79133
General
Product Family
Quick Disconnects
Series
19002
Crimp Quality Equipment
Yes
Product Name
Avikrimp™
Type
Quick Disconnect
Physical
Barrel Type
Closed
Flammability
94V-2
Gender
Female
Glow-Wire Compliant
No
Insulation
Nylon (PA)
Lock to Mating Part
None
Material - Metal
Brass
Orientation
Straight
Packaging Type
Reel
Polarized to Mating Part
No
Tab Thickness
0.81mm (.032")
Tab Width
2.79mm (.110")
Temperature Range - Operating
-65°C to +105°C
Wire Insulation Diameter
3.94mm (.155") max.
Wire Size AWG
14, 16
Wire Size mm²
1.30 - 2.00
Electrical
Voltage - Maximum
300V
Material Info
Old Part Number
BB-5281Z
Reference - Drawing Numbers
Sales Drawing
SD-19002-004
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
19002Series
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Mini-Mac™
Applicator
0638811800
This document was generated on 04/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0190020039

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0190020030 MOLEX3-0190020030 Datasheet
151Kb / 3P
   Avikrimp Fully Insulated Quick Disconnect, Female, for 14-16 AWG Wire, Metal Strip
0190020031 MOLEX3-0190020031 Datasheet
150Kb / 2P
   Avikrimp??Fully Insulated Quick Disconnect, Female, for 14-16 AWG Wire, Box
0190020032 MOLEX3-0190020032 Datasheet
150Kb / 3P
   Avikrimp Fully Insulated Quick Disconnect, Female, for 14-16 AWG Wire, Mylar Tape
0190020033 MOLEX3-0190020033 Datasheet
150Kb / 2P
   Avikrimp??Fully Insulated Quick Disconnect, Female, for 14-16 AWG Wire, Metal Strip
0190020034 MOLEX3-0190020034 Datasheet
150Kb / 2P
   Avikrimp Fully Insulated Quick Disconnect, Female, for 14-16 AWG Wire, Box
More results

Similar Description - 0190020039

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0190020041 MOLEX3-0190020041 Datasheet
151Kb / 3P
   Avikrimp??Fully Insulated Quick Disconnect, Female, for 14-16 AWG Wire, Metal Strip
0190020030 MOLEX3-0190020030 Datasheet
151Kb / 3P
   Avikrimp Fully Insulated Quick Disconnect, Female, for 14-16 AWG Wire, Metal Strip
0190020027 MOLEX3-0190020027 Datasheet
151Kb / 3P
   Avikrimp??Fully Insulated Quick Disconnect, Female, for 14-16 AWG Wire, Metal Strip
0190020036 MOLEX3-0190020036 Datasheet
149Kb / 2P
   Avikrimp Fully Insulated Quick Disconnect, Female, for 14-16 AWG Wire, Metal Strip
0190020033 MOLEX3-0190020033 Datasheet
150Kb / 2P
   Avikrimp??Fully Insulated Quick Disconnect, Female, for 14-16 AWG Wire, Metal Strip
0190020061 MOLEX3-0190020061 Datasheet
150Kb / 2P
   Avikrimp Fully Insulated Quick Disconnect, Female, for 14-16 AWG Wire, Metal Strip
0190020037 MOLEX3-0190020037 Datasheet
150Kb / 2P
   Avikrimp??Fully Insulated Quick Disconnect, Female, for 14-16 AWG Wire, Box
0190020040 MOLEX3-0190020040 Datasheet
150Kb / 2P
   Avikrimp Fully Insulated Quick Disconnect, Female, for 14-16 AWG Wire, Box
0190020028 MOLEX3-0190020028 Datasheet
150Kb / 2P
   Avikrimp??Fully Insulated Quick Disconnect, Female, for 14-16 AWG Wire, Box
0190020034 MOLEX3-0190020034 Datasheet
150Kb / 2P
   Avikrimp Fully Insulated Quick Disconnect, Female, for 14-16 AWG Wire, Box
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com