Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

22-28-6075 Datasheet(PDF) 11 Page - Molex Electronics Ltd.

Part # 22-28-6075
Description  2.54mm (.100") Pitch KK Header, Breakaway, Right Angle, 7 Circuits
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

22-28-6075 Datasheet(HTML) 11 Page - Molex Electronics Ltd.

Back Button 22-28-6075 Datasheet HTML 4Page - Molex Electronics Ltd. 22-28-6075 Datasheet HTML 5Page - Molex Electronics Ltd. 22-28-6075 Datasheet HTML 6Page - Molex Electronics Ltd. 22-28-6075 Datasheet HTML 7Page - Molex Electronics Ltd. 22-28-6075 Datasheet HTML 8Page - Molex Electronics Ltd. 22-28-6075 Datasheet HTML 9Page - Molex Electronics Ltd. 22-28-6075 Datasheet HTML 10Page - Molex Electronics Ltd. 22-28-6075 Datasheet HTML 11Page - Molex Electronics Ltd. 22-28-6075 Datasheet HTML 12Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
REV:
ECR / ECN INFORMATION:
SHEET No.
EC No.:
UCP2009-1603
K13
DATE:
4/23/2009
TITLE:
KK 100 HEADER ASSEMBLY
FLAT RIGHT ANGLE
BREAKAWAY
- 9 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD- 42376-001
MKIPPER
JBELL
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
42376-0718 / ----
HEADER NUMBER:
42312-0002/0036
PIN NUMBER:
42663-ANA154
PIN LENGTH: L
.510/12.95
MATING LENGTH: M
.175/4.45
GOLD POINT: G
N/A
PIN HEIGHT: Y
.248/6.30
PC TAIL LENGTH: P
.100/2.54
TIN: T
OVERALL
CKTS:
2-36
KINKS:
NONE
REMOVED BACKWALLS:
NONE
VOIDED CKTS:
NONE
PACKAGING:
BULK PK-40873-0041
CKTS
MATERIAL
NUMBER
ENG
NUMBER
CKTS
MATERIAL
NUMBER
ENG
NUMBER
02
423760718
42376-0718
20
03
21
04
22
05
23
06
24
07
25
08
26
09
27
10
28
11
29
12
30
13
31
14
32
15
33
16
34
17
35
18
36
19
42376-0683 / ----
HEADER NUMBER:
42312-0002/0036
PIN NUMBER:
42663-CTB208
PIN LENGTH: L
.740/18.80
MATING LENGTH: M
.405/10.29
GOLD POINT: G
.180/4.57
PIN HEIGHT: Y
.235/5.97
PC TAIL LENGTH: P
.123/3.12
TIN: T
.135/3.43
CKTS:
2-36
KINKS:
NONE
REMOVED BACKWALLS:
NONE
VOIDED CKTS:
NONE
PACKAGING:
BULK PK-40873-0041
CKTS
MATERIAL
NUMBER
ENG
NUMBER
CKTS
MATERIAL
NUMBER
ENG
NUMBER
02
20
03
21
04
22
05
23
06
423760687
42376-0687
24
07
25
08
26
09
27
10
28
11
29
12
30
13
31
14
32
15
33
16
34
17
35
18
36
19


Similar Part No. - 22-28-6075

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
22-28-6075 MOLEX11-22-28-6075 Datasheet
59Kb / 2P
   KK짰 254 Breakaway Header, Right-Angle, 7 Circuits, 0.76關m (30關") Gold (Au) Selective Plating, Mating Pin Length 10.29mm (.405")
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com