Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

556908A2GS Datasheet(PDF) 7 Page - Molex Electronics Ltd.

Part # 556908A2GS
Description  4.20mm (.165") Pitch Mini-Fit Jr. Header, Dual Row, Right Angle, with Snap-in Plastic Peg PCB Lock
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

556908A2GS Datasheet(HTML) 7 Page - Molex Electronics Ltd.

  556908A2GS Datasheet HTML 1Page - Molex Electronics Ltd. 556908A2GS Datasheet HTML 2Page - Molex Electronics Ltd. 556908A2GS Datasheet HTML 3Page - Molex Electronics Ltd. 556908A2GS Datasheet HTML 4Page - Molex Electronics Ltd. 556908A2GS Datasheet HTML 5Page - Molex Electronics Ltd. 556908A2GS Datasheet HTML 6Page - Molex Electronics Ltd. 556908A2GS Datasheet HTML 7Page - Molex Electronics Ltd. 556908A2GS Datasheet HTML 8Page - Molex Electronics Ltd. 556908A2GS Datasheet HTML 9Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
REVISION:
ECR/ECN INFORMATION:
SHEET No.
EC No:
UCP2010-0398
L3
DATE:
2009/09/02
TITLE:
MINI-FIT JR.
® RIGHT ANGLE
HEADER ASSEMBLIES
WITH MOUNTING PEGS
- 5 -
DOCUMENT NUMBER:
Drawn By:
Checked By:
Approved By:
SDA-5569-NA2*-*
JJAGUILAR
JBELL
FSMITH
Filename: SPOMASTER.DOC
Revision: 1
Location: Workmanager General Docs Class.
Date: 4-15-2002
PART
NUMBER
ENG.
NUMBER
CKT.
SIZE
PLATING
(NOTE 2)
HSG
MAT'L
PART
NUMBER
ENG.
NUMBER
CKT.
SIZE
PLATING
(NOTE 2)
HSG
MAT'L
39-31-9029
5569-02A2S-BL
2
39-31-9049
5569-04A2S-BL
4
39-31-9069
5569-06A2S-BL
6
39-31-9089
5569-08A2S-BL
8
39-31-9109
5569-10A2S-BL
10
39-31-9129
5569-12A2S-BL
12
39-31-9149
5569-14A2S-BL
14
39-31-9169
5569-16A2S-BL
16
39-31-9189
5569-18A2S-BL
18
39-31-9209
5569-20A2S-BL
20
39-31-9229
5569-22A2S-BL
22
39-31-9249
5569-24A2S-BL
24
BULK PACKAGED PER PK-5569-002
TIN OVER
NICKEL
SEE
NOTE 2
OPTION
"S"
BLACK
94V-2


Similar Part No. - 556908A2GS

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
5569-02A1 MOLEX3-5569-02A1 Datasheet
248Kb / 4P
   4.20mm (.165") Pitch Mini-Fit Jr.??Header, Dual Row, Right Angle, with PCB Mounting Flange, 2 Circuits, PA Polyamide Nylon 6/6 94V-2, Tin (Sn) Plating
5569-02A1 MOLEX11-5569-02A1 Datasheet
46Kb / 2P
   Mini-Fit짰 Jr. Header, Dual Row, Right Angle, with PCB Mounting Flange, 2 Circuits, PA Polyamide Nylon 6/6 94V-2, Tin (Sn) Plating
5569-02A1-210 MOLEX3-5569-02A1-210 Datasheet
248Kb / 4P
   4.20mm (.165") Pitch Mini-Fit Jr. Header, Dual Row, Right Angle, with PCB Mounting Flange, 2 Circuits
5569-02A1-210 MOLEX11-5569-02A1-210 Datasheet
46Kb / 2P
   Mini-Fit짰 Jr. Header, Dual Row, Right Angle, with PCB Mounting Flange, 2 Circuits, PA Polyamide Nylon 6/6 94V-0, Tin (Sn) Plating
5569-02A2 MOLEX3-5569-02A2 Datasheet
280Kb / 9P
   4.20mm (.165") Pitch Mini-Fit Jr. Header, Dual Row, Right Angle, with Snap-in Plastic Peg PCB Lock
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com