Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

39-01-2185 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 39-01-2185
Description  4.20mm (.165") Pitch Mini-Fit Jr. Receptacle Housing, Dual Row, UL 94V-0, 18 Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

39-01-2185 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  39-01-2185 Datasheet HTML 1Page - Molex Electronics Ltd. 39-01-2185 Datasheet HTML 2Page - Molex Electronics Ltd. 39-01-2185 Datasheet HTML 3Page - Molex Electronics Ltd. 39-01-2185 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0039012185
Status:
Active
Overview:
minifit_jr
Description:
4.20mm (.165") Pitch Mini-Fit Jr.™ Receptacle Housing, Dual Row, UL 94V-0, 18
Circuits
Documents:
3D Model
Product Specification PS-5556-001 (PDF)
Test Summary (PDF)
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
Agency Certification
CSA
LR19980
TUV
R72081037
UL
E29179
General
Product Family
Crimp Housings
Series
5557
Comments
Current = 13A max. per circuit when header is mated
to a receptacle loaded with 45750 series terminals
crimped to 16 AWG wire. . See Molex product
specification PS-45750-001 for additional current de-
rating information.
Overview
minifit_jr
Product Name
Mini-Fit Jr.™
Physical
Breakaway
No
Circuits (maximum)
18
Color - Resin
Ivory
Flammability
94V-0
Gender
Female
Glow-Wire Compliant
No
Material - Resin
Nylon
Number of Rows
2
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface (in)
0.165 In
Pitch - Mating Interface (mm)
4.20 mm
Pitch - Term. Interface (in)
0.165 In
Pitch - Term. Interface (mm)
4.20 mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Electrical
Current - Maximum per Contact
13A
Material Info
Old Part Number
5557-18R-210
Reference - Drawing Numbers
Packaging Specification
SPK-5557-001
Product Specification
PS-5556-001, RPS-5557-004, RPS-5557-024,
RPS-5557-031, RPS-5557-036, RPS-5557-037,
RPS-5557-050, RPS-5557-058
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
5557Series
Mates With
5559d , 5566vw , 5566vwo , 5569rdf ,
5569rdp , 43810a , 43810b , 43810c ,
43810d , 44068a , 44068b , 44068c ,
44068d , 44281 , 44472dw , 44472dwo ,
87427, 87427r, 87427rf, 42404 , 44474 ,
42440 , 43879 , 42475
Use With
5556 , 44476 , 44485 , 41995


Similar Part No. - 39-01-2185

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39-01-2185 MOLEX11-39-01-2185 Datasheet
41Kb / 2P
   Mini-Fit Jr.??Receptacle Housing, Dual Row, UL 94V-0, 18 Circuits
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com