Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

41771-0028 Datasheet(PDF) 7 Page - Molex Electronics Ltd.

Part # 41771-0028
Description  3.96mm (.156") Pitch KK Solid Header, Vertical, without Peg, 11 Circuits, Gold (Au) Plating
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

41771-0028 Datasheet(HTML) 7 Page - Molex Electronics Ltd.

  41771-0028 Datasheet HTML 1Page - Molex Electronics Ltd. 41771-0028 Datasheet HTML 2Page - Molex Electronics Ltd. 41771-0028 Datasheet HTML 3Page - Molex Electronics Ltd. 41771-0028 Datasheet HTML 4Page - Molex Electronics Ltd. 41771-0028 Datasheet HTML 5Page - Molex Electronics Ltd. 41771-0028 Datasheet HTML 6Page - Molex Electronics Ltd. 41771-0028 Datasheet HTML 7Page - Molex Electronics Ltd. 41771-0028 Datasheet HTML 8Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
41771
REV:
ECR/ECN NFORMATION:
SHEET No.
EC No.:
UCP2010-1257
H3
DATE:
11/30/2009
TITLE:
KK 156 HEADER ASSY
FLAT VERT
W/O PEGS
- 5 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD- 41771-001
MKIPPER
SSOUSEK
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC [SIZE_A](V.1). DOC
Group
A-41771-0695/0711
Group
A-41771-0882/0898
Group
A-417710763/0771
Group
A-41771-0772/0780
Header No:
41770-0002/0018
Header No:
41770-0002/0018
Header No:
41770-0002/0018
Header No:
41770-0002/0018
Pin No:
2161-36 (501)
Pin No:
2161-38 (501)
Pin No:
2161-94 (102)
Pin No:
2161-94 (102)
Plating:
501 - GOLD
Plating:
501 – GOLD
Plating:
102 – TIN
Plating:
102 – TIN
Pin Length L 30.48 / 1.200
Pin Length L
38.10 / 1.500
Pin Length L
18.29 / .720
Pin Length L
18.29 / .720
Mating
X
13.49 / .531
Mating
X
31.62 / 1.245
Mating
X
11.43 / .450
Mating
X
11.43 / .450
Gold Loc G OVERALL
Gold Loc G
OVERALL
Gold Loc G
N/A
Gold Loc G
N/A
PC Tail
P
13.69 / .539
PC Tail
P
3.18 / .125
PC Tail
P
3.84 / .140
PC Tail
P
3.84 / .140
Tin Loc
T
N/A
Tin Loc
T
N/A
Tin Loc
T
OVERALL
Tin Loc
T
OVERALL
Voided Ckts
NONE
Voided Ckts
NONE
Voided Ckts
3, 5, 7, 8, 10
Voided Ckts
3, 10
Pack Per
PK-41771-003
Pack Per
PK-41771-003
Pack Per
PK-41771-001
Pack Per
PK-41771-001
CKTS
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
2
A-41771-0695
41771-0882
A-41771-0882
3
A-41771-0696
41771-0883
A-41771-0883
4
A-41771-0697
41771-0884
A-41771-0884
5
26-61-2052
A-41771-0698
41771-0885
A-41771-0885
6
A-41771-0699
41771-0886
A-41771-0886
7
A-41771-0700
41771-0887
A-41771-0887
8
26-61-2082
A-41771-0701
41771-0888
A-41771-0888
9
A-41771-0702
41771-0889
A-41771-0889
10
A-41771-0703
41771-0890
A-41771-0890
A-41771-0763
27-66-2101
A-41771-0772
11
A-41771-0704
41771-0891
A-41771-0891
27-66-2110
A-41771-0764
A-41771-0773
12
A-41771-0705
41771-0892
A-41771-0892
A-41771-0765
A-41771-0774
13
A-41771-0706
41771-0893
A-41771-0893
A-41771-0766
A-41771-0775
14
A-41771-0707
41771-0894
A-41771-0894
A-41771-0767
A-41771-0776
15
A-41771-0708
41771-0895
A-41771-0895
A-41771-0768
A-41771-0777
16
A-41771-0709
41771-0896
A-41771-0896
A-41771-0769
A-41771-0778
17
A-41771-0710
41771-0897
A-41771-0897
A-41771-0770
A-41771-0779
18
A-41771-0711
41771-0898
A-41771-0898
A-41771-0771
A-41771-0780


Similar Part No. - 41771-0028

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
41771-0028 MOLEX11-41771-0028 Datasheet
70Kb / 2P
   KK짰 396 Header, Vertical, without Peg, 11 Circuits, Gold (Au) Plating
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com