Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

26-60-5110 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 26-60-5110
Description  3.96mm (.156") Pitch KK Solid Header, Right Angle, with Friction Lock, 11 Circuits, Tin (Sn) Plating
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

26-60-5110 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  26-60-5110 Datasheet HTML 1Page - Molex Electronics Ltd. 26-60-5110 Datasheet HTML 2Page - Molex Electronics Ltd. 26-60-5110 Datasheet HTML 3Page - Molex Electronics Ltd. 26-60-5110 Datasheet HTML 4Page - Molex Electronics Ltd. 26-60-5110 Datasheet HTML 5Page - Molex Electronics Ltd. 26-60-5110 Datasheet HTML 6Page - Molex Electronics Ltd. 26-60-5110 Datasheet HTML 7Page - Molex Electronics Ltd. 26-60-5110 Datasheet HTML 8Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
41792
REV:
ECR/ECN INFORMATION:
SHEET No.
EC No.:
UCP2008-2821
H6
DATE:
6/23/2008
TITLE:
KK 156 HEADER ASSEMBLY
FRICTION LOCK
RIGHT ANGLE W/O PEGS
- 2 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SDA- 41792
GAVERILL
MKIPPER
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC [SIZE_A](V.1). DOC
Group
A-41792-0002/0018
Group
A-41792-0511/0527
Group
A-41792-0528/0544
Group
A-41792-0562/0578
Header No:
41790-0002/0018
Header No:
41790-0002/0018
Header No:
41790-0002/0018
Header No:
41790-0002/0018
Pin No:
2161-37(102)
Pin No:
43294-0569
Pin No:
43294-0570
Pin No:
43294-0570
Plating:
102 – TIN
Plating:
208 – 15 GOLD
Plating:
228 – 30 GOLD
Plating:
228 – 30 GOLD
Pin Length L
27.94 / 1.100
Pin Length L
27.94 / 1.100
Pin Length L
27.94 / 1.100
Pin Length L
27.94 / 1.100
Mating
M
11.43 / .450
Mating
M
11.43 / .450
Mating
M
11.43 / .450
Mating
M
11.43 / .450
Gold Loc G
N/A
Gold Loc G
6.86/ .270
Gold Loc G
6.86/ .270
Gold Loc G
6.86/ .270
Height
Y
5.41 / .213
Height
Y
5.41 / .213
Height
Y
5.41 / .213
Height
Y
5.41 / .213
PC Tail
P
3.96/ .156
PC Tail
P
3.96/ .156
PC Tail
P
3.96/ .156
PC Tail
P
3.96/ .156
Tin Loc
T
OVERALL
Tin Loc
T
5.08/ .200
Tin Loc
T
5.08/ .200
Tin Loc
T
5.08/ .200
Voided Ckts
NONE
Voided Ckts
NONE
Voided Ckts
NONE
Voided Ckts
2
Pack Per
PK-41792-002
Pack Per
PK-41792-002
Pack Per
PK-41792-002
Pack Per
PK-41792-002
Ckts
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
2
26-60-5020
A-41792-0002
41792-0511
A-41792-0511
41792-0528
A-41792-0528
41792-0562
A-41792-0562
3
26-60-5030
A-41792-0003
41792-0512
A-41792-0512
41792-0529
A-41792-0529
41792-0563
A-41792-0563
4
26-60-5040
A-41792-0004
41792-0513
A-41792-0513
41792-0530
A-41792-0530
41792-0564
A-41792-0564
5
26-60-5050
A-41792-0005
41792-0514
A-41792-0514
41792-0531
A-41792-0531
41792-0565
A-41792-0565
6
26-60-5060
A-41792-0006
41792-0515
A-41792-0515
41792-0532
A-41792-0532
41792-0566
A-41792-0566
7
26-60-5070
A-41792-0007
41792-0516
A-41792-0516
41792-0533
A-41792-0533
41792-0567
A-41792-0567
8
26-60-5080
A-41792-0008
41792-0517
A-41792-0517
41792-0534
A-41792-0534
41792-0568
A-41792-0568
9
26-60-5090
A-41792-0009
41792-0518
A-41792-0518
41792-0535
A-41792-0535
41792-0569
A-41792-0569
10
26-60-5100
A-41792-0010
41792-0519
A-41792-0519
41792-0536
A-41792-0536
41792-0570
A-41792-0570
11
26-60-5110
A-41792-0011
41792-0520
A-41792-0520
41792-0537
A-41792-0537
41792-0571
A-41792-0571
12
26-60-5120
A-41792-0012
41792-0521
A-41792-0521
41792-0538
A-41792-0538
41792-0572
A-41792-0572
13
26-60-5130
A-41792-0013
41792-0522
A-41792-0522
41792-0539
A-41792-0539
41792-0573
A-41792-0573
14
26-60-5140
A-41792-0014
41792-0523
A-41792-0523
41792-0540
A-41792-0540
41792-0574
A-41792-0574
15
26-60-5150
A-41792-0015
41792-0524
A-41792-0524
41792-0541
A-41792-0541
41792-0575
A-41792-0575
16
26-60-5160
A-41792-0016
41792-0525
A-41792-0525
41792-0542
A-41792-0542
41792-0576
A-41792-0576
17
26-60-5170
A-41792-0017
41792-0526
A-41792-0526
41792-0543
A-41792-0543
41792-0577
A-41792-0577
18
26-60-5180
A-41792-0018
41792-0527
A-41792-0527
41792-0544
A-41792-0544
41792-0578
A-41792-0578


Similar Part No. - 26-60-5110

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
26-60-5110 MOLEX11-26-60-5110 Datasheet
68Kb / 2P
   KK짰 396 Header, Right-Angle with Friction Lock, 11 Circuits, Tin (Sn) Plating
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com