Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RB400D Datasheet(PDF) 2 Page - Rohm

Part # RB400D
Description  Schottky barrier diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RB400D Datasheet(HTML) 2 Page - Rohm

  RB400D Datasheet HTML 1Page - Rohm RB400D Datasheet HTML 2Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RB400D
Diodes
!
!
!
!Electrical characteristic curves
(Ta = 25
°C)
1
µ
10
µ
100
µ
1m
10m
100m
1
FORWARD VOLTAGE : VF (V)
0
0.1
0.2
0.3
0.4
0.5
0.7
0.6
Typ.
pulse measurement
Fig.1 Forward characteristics
Ta=125°C
Ta=75°C
Ta=25°
C
Typ.
pulse measurement
10m
1m
100
µ
10
µ
1
µ
0.1
µ
0
5
10
15
20
25
30
35
REVERSE VOLTAGE : VR (V)
Fig.2 Reverse characteristics
0
1
10
100
1 000
5
10152025
REVERSE VOLTAGE : VR (V)
Fig.3 Capacitance between
terminals characteristics
0
25
125
0.5
AMBIENT TEMPERATURE : Ta (
°C)
Fig.4 Derating curve


Similar Part No. - RB400D

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
RB400D MCC-RB400D Datasheet
137Kb / 2P
   20 to 40 Volts 0.5 Amp Surface Mount Schottky Barrier Diode
logo
Rohm
RB400D ROHM-RB400D Datasheet
212Kb / 4P
   Shottky barrier diode
logo
TRANSYS Electronics Lim...
RB400D TEL-RB400D Datasheet
72Kb / 1P
   Schottky barrier Diodes
logo
Guangdong Kexin Industr...
RB400D KEXIN-RB400D Datasheet
34Kb / 1P
   Schottky barrier diode
logo
Rohm
RB400D ROHM-RB400D Datasheet
1,010Kb / 4P
   Schottky Barrier Diode
More results

Similar Description - RB400D

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com