Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

22-28-6333 Datasheet(PDF) 5 Page - Molex Electronics Ltd.

Part # 22-28-6333
Description  2.54mm (.100") Pitch KK Header, Breakaway, Right Angle, 33 Circuits
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

22-28-6333 Datasheet(HTML) 5 Page - Molex Electronics Ltd.

  22-28-6333 Datasheet HTML 1Page - Molex Electronics Ltd. 22-28-6333 Datasheet HTML 2Page - Molex Electronics Ltd. 22-28-6333 Datasheet HTML 3Page - Molex Electronics Ltd. 22-28-6333 Datasheet HTML 4Page - Molex Electronics Ltd. 22-28-6333 Datasheet HTML 5Page - Molex Electronics Ltd. 22-28-6333 Datasheet HTML 6Page - Molex Electronics Ltd. 22-28-6333 Datasheet HTML 7Page - Molex Electronics Ltd. 22-28-6333 Datasheet HTML 8Page - Molex Electronics Ltd. 22-28-6333 Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
REV:
ECR / ECN INFORMATION:
SHEET No.
EC No.:
UCP2009-1603
K13
DATE:
4/23/2009
TITLE:
KK 100 HEADER ASSEMBLY
FLAT RIGHT ANGLE
BREAKAWAY
- 3 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD- 42376-001
MKIPPER
JBELL
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
A-42376-0072 / 0106
HEADER NUMBER:
42312-0002/0036
PIN NUMBER:
42663-BKB228
PIN LENGTH: L
.600/15.24
MATING LENGTH: M
.361/9.17
GOLD POINT: G
.180/4.57
PIN HEIGHT: Y
.142/3.61
PC TAIL LENGTH: P
.120/3.05
TIN: T
.135/3.43
CKTS:
2-36
KINKS:
NONE
REMOVED BACKWALLS:
NONE
VOIDED CKTS:
NONE
PACKAGING:
BULK PK-40873-0041
CKTS
MATERIAL
NUMBER
ENG
NUMBER
CKTS
MATERIAL
NUMBER
ENG
NUMBER
02
22-28-6024
42376-0072
20
22-28-6204
42376-0090
03
22-28-6034
42376-0073
21
22-28-6214
42376-0091
04
22-28-6044
42376-0074
22
22-28-6224
42376-0092
05
22-28-6054
42376-0075
23
22-28-6234
42376-0093
06
22-28-6064
42376-0076
24
22-28-6244
42376-0094
07
22-28-6074
42376-0077
25
22-28-6254
42376-0095
08
22-28-6084
42376-0078
26
22-28-6264
42376-0096
09
22-28-6094
42376-0079
27
22-28-6274
42376-0097
10
22-28-6104
42376-0080
28
22-28-6284
42376-0098
11
22-28-6114
42376-0081
29
22-28-6294
42376-0099
12
22-28-6124
42376-0082
30
22-28-6304
42376-0100
13
22-28-6134
42376-0083
31
22-28-6314
42376-0101
14
22-28-6144
42376-0084
32
22-28-6324
42376-0102
15
22-28-6154
42376-0085
33
22-28-6334
42376-0103
16
22-28-6164
42376-0086
34
22-28-6344
42376-0104
17
22-28-6174
42376-0087
35
22-28-6354
42376-0105
18
22-28-6184
42376-0088
36
22-28-6364
42376-0106
19
22-28-6194
42376-0089
A-42376-0107 / 0141
HEADER NUMBER:
42312-0002/0036
PIN NUMBER:
42663-CXA154
PIN LENGTH: L
.750/19.05
MATING LENGTH: M
.405/10.29
GOLD POINT: G
N/A
PIN HEIGHT: Y
.248/6.30
PC TAIL LENGTH: P
.120/3.05
TIN: T
OVERALL
CKTS:
2-36
KINKS:
NONE
REMOVED BACKWALLS:
NONE
VOIDED CKTS:
NONE
PACKAGING:
BULK PK-40873-0043
CKTS
MATERIAL
NUMBER
ENG
NUMBER
CKTS
MATERIAL
NUMBER
ENG
NUMBER
02
22-28-6021
42376-0107
20
22-28-6201
42376-0125
03
22-28-6031
42376-0108
21
22-28-6211
42376-0126
04
22-28-6041
42376-0109
22
22-28-6221
42376-0127
05
22-28-6051
42376-0110
23
22-28-6231
42376-0128
06
22-28-6061
42376-0111
24
22-28-6241
42376-0129
07
22-28-6071
42376-0112
25
22-28-6251
42376-0130
08
22-28-6081
42376-0113
26
22-28-6261
42376-0131
09
22-28-6091
42376-0114
27
22-28-6271
42376-0132
10
22-28-6101
42376-0015
28
22-28-6281
42376-0133
11
22-28-6111
42376-0116
29
22-28-6291
42376-0134
12
22-28-6121
42376-0117
30
22-28-6301
42376-0135
13
22-28-6131
42376-0118
31
22-28-6311
42376-0136
14
22-28-6141
42376-0119
32
22-28-6321
42376-0137
15
22-28-6151
42376-0120
33
22-28-6331
42376-0138
16
22-28-6161
42376-0121
34
22-28-6341
42376-0139
17
22-28-6171
42376-0122
35
22-28-6351
42376-0140
18
22-28-6181
42376-0123
36
22-28-6361
42376-0141
19
22-28-6191
42376-0124


Similar Part No. - 22-28-6333

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
22-28-6333 MOLEX11-22-28-6333 Datasheet
59Kb / 2P
   KK짰 254 Breakaway Header, Right-Angle, 33 Circuits, 0.38關m (15關") Gold (Au) Selective Plating, Mating Pin Length 10.29mm (.405")
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com