Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

22-41-3161 Datasheet(PDF) 10 Page - Molex Electronics Ltd.

Part # 22-41-3161
Description  2.54mm (.100") KK IDT Double Cantilever Contact, 16 Circuits, Tin (Sn), Feed-To, 26 Stranded or Solid
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

22-41-3161 Datasheet(HTML) 10 Page - Molex Electronics Ltd.

Back Button 22-41-3161 Datasheet HTML 6Page - Molex Electronics Ltd. 22-41-3161 Datasheet HTML 7Page - Molex Electronics Ltd. 22-41-3161 Datasheet HTML 8Page - Molex Electronics Ltd. 22-41-3161 Datasheet HTML 9Page - Molex Electronics Ltd. 22-41-3161 Datasheet HTML 10Page - Molex Electronics Ltd. 22-41-3161 Datasheet HTML 11Page - Molex Electronics Ltd. 22-41-3161 Datasheet HTML 12Page - Molex Electronics Ltd. 22-41-3161 Datasheet HTML 13Page - Molex Electronics Ltd. 22-41-3161 Datasheet HTML 14Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
REVISION:
SHEET No.
BA
ECR/ECN INFORMATION:
EC No.: UCP2009-2291
DATE:
4/17/2009
TITLE:
KK 100 IDT CONNECTOR ASSEMBLY
8
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD-7720-001
MKIPPER
SSOUSEK
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
A-7720-ANH501B
A-7720-BNH501B
A-7720-CNH501B
A-7720-DNH501B
A-7720-ENH501B
A-7720-FNH501B
HOUSING
7720-AN
HOUSING
7720-BN
HOUSING
7720-CN
HOUSING
7720-DN
HOUSING
7720-EN
HOUSING
7720-FN
TERM. NO 41138-H501
TERM. NO
41138-H501
TERM. NO
41138-H501
TERM. NO 41138-H501
TERM. NO
41138-H501
TERM. NO
41138-H501
PLATING:
501
PLATING:
501
PLATING:
501
PLATING:
501
PLATING:
501
PLATING:
501
COLOR
GREEN
COLOR
GREEN
COLOR
GREEN
COLOR
GREEN
COLOR
GREEN
COLOR
GREEN
MATL NO
ENG NO:
MATL NO
ENG NO:
MATL NO
ENG NO:
MATL NO
ENG NO:
MATL NO
ENG NO:
MATL NO
ENG NO:
22-45-7025
A-7720-A02H501B
22-45-8022
A-7720-B02H501B
22-45-7022
A-7720-C02H501B
22-45-8027
A-7720-D02H501B
22-45-7026
A-7720-E02H501B
22-45-7028
A-7720-F02H501B
22-45-7035
A-7720-A03H501B
22-45-8032
A-7720-B03H501B
A-7720-C03H501B
22-45-8037
A-7720-D03H501B
22-45-7036
A-7720-E03H501B
22-45-7038
A-7720-F03H501B
22-45-7045
A-7720-A04H501B
22-45-8042
A-7720-B04H501B
A-7720-C04H501B
22-45-8047
A-7720-D04H501B
22-45-7046
A-7720-E04H501B
22-45-7048
A-7720-F04H501B
22-45-7055
A-7720-A05H501B
22-45-8052
A-7720-B05H501B
A-7720-C05H501B
22-45-8057
A-7720-D05H501B
22-45-7056
A-7720-E05H501B
22-45-7058
A-7720-F05H501B
22-45-7065
A-7720-A06H501B
A-7720-B06H501B
22-45-7062
A-7720-C06H501B
22-45-8067
A-7720-D06H501B
22-45-7066
A-7720-E06H501B
22-45-7068
A-7720-F06H501B
22-45-7075
A-7720-A07H501B
A-7720-B07H501B
A-7720-C07H501B
22-45-8077
A-7720-D07H501B
22-45-7076
A-7720-E07H501B
22-45-7078
A-7720-F07H501B
22-45-7085
A-7720-A08H501B
22-45-8082
A-7720-B08H501B
22-45-7082
A-7720-C08H501B
22-45-8087
A-7720-D08H501B
22-45-7086
A-7720-E08H501B
22-45-7088
A-7720-F08H501B
22-45-7095
A-7720-A09H501B
A-7720-B09H501B
A-7720-C09H501B
22-45-8097
A-7720-D09H501B
22-45-7096
A-7720-E09H501B
22-45-7098
A-7720-F09H501B
22-45-7105
A-7720-A10H501B
22-45-8102
A-7720-B10H501B
22-45-7102
A-7720-C10H501B
22-45-8107
A-7720-D10H501B
22-45-7106
A-7720-E10H501B
22-45-7108
A-7720-F10H501B
22-45-7115
A-7720-A11H501B
A-7720-B11H501B
A-7720-C11H501B
22-45-8117
A-7720-D11H501B
22-45-7116
A-7720-E11H501B
22-45-7118
A-7720-F11H501B
22-45-7125
A-7720-A12H501B
A-7720-B12H501B
A-7720-C12H501B
22-45-8127
A-7720-D12H501B
22-45-7126
A-7720-E12H501B
22-45-7128
A-7720-F12H501B
22-45-7135
A-7720-A13H501B
A-7720-B13H501B
22-45-7132
A-7720-C13H501B
22-45-8137
A-7720-D13H501B
22-45-7136
A-7720-E13H501B
22-45-7138
A-7720-F13H501B
22-45-7145
A-7720-A14H501B
A-7720-B14H501B
22-45-7142
A-7720-C14H501B
22-45-8147
A-7720-D14H501B
22-45-7146
A-7720-E14H501B
22-45-7148
A-7720-F14H501B
22-45-7155
A-7720-A15H501B
A-7720-B15H501B
A-7720-C15H501B
22-45-8157
A-7720-D15H501B
22-45-7156
A-7720-E15H501B
22-45-7158
A-7720-F15H501B
22-45-7165
A-7720-A16H501B
A-7720-B16H501B
A-7720-C16H501B
22-45-8167
A-7720-D16H501B
22-45-7166
A-7720-E16H501B
22-45-7168
A-7720-F16H501B
22-45-7175
A-7720-A17H501B
A-7720-B17H501B
A-7720-C17H501B
22-45-8177
A-7720-D17H501B
22-45-7176
A-7720-E17H501B
22-45-7178
A-7720-F17H501B
22-45-7185
A-7720-A18H501B
A-7720-B18H501B
A-7720-C18H501B
22-45-8187
A-7720-D18H501B
22-45-7186
A-7720-E18H501B
22-45-7188
A-7720-F18H501B
22-45-7195
A-7720-A19H501B
A-7720-B19H501B
A-7720-C19H501B
22-45-8197
A-7720-D19H501B
22-45-7196
A-7720-E19H501B
22-45-7198
A-7720-F19H501B
22-45-7205
A-7720-A20H501B
A-7720-B20H501B
A-7720-C20H501B
22-45-8207
A-7720-D20H501B
22-45-7206
A-7720-E20H501B
22-45-7208
A-7720-F20H501B
22-45-7215
A-7720-A21H501B
A-7720-B21H501B
A-7720-C21H501B
22-45-8217
A-7720-D21H501B
22-45-7216
A-7720-E21H501B
22-45-7218
A-7720-F21H501B
22-45-7225
A-7720-A22H501B
A-7720-B22H501B
A-7720-C22H501B
22-45-8227
A-7720-D22H501B
22-45-7226
A-7720-E22H501B
22-45-7228
A-7720-F22H501B
22-45-7235
A-7720-A23H501B
A-7720-B23H501B
A-7720-C23H501B
22-45-8237
A-7720-D23H501B
22-45-7236
A-7720-E23H501B
22-45-7238
A-7720-F23H501B
22-45-7245
A-7720-A24H501B
A-7720-B24H501B
A-7720-C24H501B
22-45-8247
A-7720-D24H501B
22-45-7246
A-7720-E24H501B
22-45-7248
A-7720-F24H501B
22-45-7255
A-7720-A25H501B
A-7720-B25H501B
A-7720-C25H501B
22-45-8257
A-7720-D25H501B
22-45-7256
A-7720-E25H501B
22-45-7258
A-7720-F25H501B
22-45-7265
A-7720-A26H501B
A-7720-B26H501B
A-7720-C26H501B
22-45-8267
A-7720-D26H501B
22-45-7266
A-7720-E26H501B
22-45-7268
A-7720-F26H501B
22-45-7275
A-7720-A27H501B
A-7720-B27H501B
A-7720-C27H501B
22-45-8277
A-7720-D27H501B
22-45-7276
A-7720-E27H501B
22-45-7278
A-7720-F27H501B
22-45-7285
A-7720-A28H501B
A-7720-B28H501B
A-7720-C28H501B
22-45-8287
A-7720-D28H501B
22-45-7286
A-7720-E28H501B
22-45-7288
A-7720-F28H501B


Similar Part No. - 22-41-3161

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
22-41-3102 MOLEX3-22-41-3102 Datasheet
492Kb / 20P
   2.54mm (.100") KK짰 IDT Double Cantilever Contact, 10 Circuits, Tin (Sn), Feed-To, 24 Stranded, Solid, Fused, Topcoat, and 26 Fused and Topcoat, Green ID Strip
22-41-3111 MOLEX3-22-41-3111 Datasheet
492Kb / 20P
   2.54mm (.100") KK짰
22-41-3122 MOLEX3-22-41-3122 Datasheet
492Kb / 20P
   2.54mm (.100") KK짰 IDT Double Cantilever Contact, 12 Circuits, Tin (Sn), Feed-To, 24 Stranded, Solid, Fused, Topcoat, and 26 Fused and Topcoat, Green ID Strip
22-41-3141 MOLEX3-22-41-3141 Datasheet
492Kb / 20P
   2.54mm (.100") KK IDT Double Cantilever Contact, 14 Circuits, Tin (Sn), Feed-To, 26 Stranded or Solid
22-41-3142 MOLEX3-22-41-3142 Datasheet
492Kb / 20P
   2.54mm (.100") KK짰 IDT Double Cantilever Contact, 14 Circuits, Tin (Sn), Feed-To, 24 Stranded, Solid, Fused, Topcoat, and 26 Fused and Topcoat, Green ID Strip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com