Electronic Components Datasheet Search |
|
26-48-1105 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
26-48-1105 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 10 page This document was generated on 06/08/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0026481105 Status: Active Description: 3.96mm (.156") Pitch KK® Header, Breakaway, Vertical, Square Pin, with Friction Lock, 10 Circuits, Tin (Sn) Plating Documents: 3D Model Product Specification PS-08-50 (PDF) Drawing (PDF) RoHS Certificate of Compliance (PDF) Agency Certification CSA LR19980 UL E29179 General Product Family PCB Headers Series 41671 Application Wire-to-Board MolexKits Yes Product Name KK® Physical Breakaway Yes Circuits (Loaded) 10 Circuits (maximum) 10 Color - Resin Black Durability (mating cycles max) 25 Flammability 94V-0 Glow-Wire Compliant No Lock to Mating Part Yes Material - Metal Brass Material - Plating Mating Tin Material - Resin Polyester Number of Rows 1 Orientation Vertical PC Tail Length (in) 0.172 In PC Tail Length (mm) 4.37 mm PCB Locator No PCB Retention None PCB Thickness Recommended (in) 0.062 In PCB Thickness Recommended (mm) 1.60 mm Packaging Type Bag Pitch - Mating Interface (in) 0.156 In Pitch - Mating Interface (mm) 3.96 mm Polarized to Mating Part Yes Polarized to PCB No Shrouded Partial Stackable No Temperature Range - Operating 0°C to +75°C Termination Interface: Style Through Hole Electrical Current - Maximum per Contact 7A Voltage - Maximum 250V Solder Process Data Duration at Max. Process Temperature (seconds) 5 Lead-free Process Capability Wave Capable (TH only) Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 41671Series Mates With 3069 Crimp Housing, 2139 Crimp Housing, 6442 KK® Crimp Housing, 41695 Crimp Housing, 7674 IDT Assembly, 7675 IDT Connector, 41815 PCB Connector, 2145 PCB Connector, 3215 KK® PCB Connector |
Similar Part No. - 26-48-1105 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |