Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A-7720-WA20F501B Datasheet(PDF) 8 Page - Molex Electronics Ltd.

Part # A-7720-WA20F501B
Description  2.54mm (.100") KK IDT Double Cantilever Contact, 20 Circuits, Gold (Au), Feed-Through, 22 AWG Wire
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

A-7720-WA20F501B Datasheet(HTML) 8 Page - Molex Electronics Ltd.

Back Button A-7720-WA20F501B Datasheet HTML 4Page - Molex Electronics Ltd. A-7720-WA20F501B Datasheet HTML 5Page - Molex Electronics Ltd. A-7720-WA20F501B Datasheet HTML 6Page - Molex Electronics Ltd. A-7720-WA20F501B Datasheet HTML 7Page - Molex Electronics Ltd. A-7720-WA20F501B Datasheet HTML 8Page - Molex Electronics Ltd. A-7720-WA20F501B Datasheet HTML 9Page - Molex Electronics Ltd. A-7720-WA20F501B Datasheet HTML 10Page - Molex Electronics Ltd. A-7720-WA20F501B Datasheet HTML 11Page - Molex Electronics Ltd. A-7720-WA20F501B Datasheet HTML 12Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
REVISION:
SHEET No.
BA
ECR/ECN INFORMATION:
EC No.: UCP2009-2291
DATE:
4/17/2009
TITLE:
KK 100 IDT CONNECTOR ASSEMBLY
6
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD-7720-001
MKIPPER
SSOUSEK
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
A-7720-WANFP909B
A-7720-WBNFP909B
A-7720-WCNFP909B
A-7720-WDNFP909B
A-7720-WENFP909B
A-7720-WFNFP909B
HOUSING
7720-WAN
HOUSING
7720-WBN
HOUSING 7720-WCN
HOUSING
7720WDN
HOUSING
7720-WEN
HOUSING 7720-WFN
TERM. NO 41138-FP909
TERM. NO
41138-FP909
TERM. NO 41138-FP909
TERM. NO 41138-FP909
TERM. NO
41138-FP909
TERM. NO 41138-FP909
PLATING:
P909
PLATING:
P909
PLATING: P909
PLATING:
P909
PLATING:
P909
PLATING: P909
COLOR
BLACK
COLOR
BLACK
COLOR
BLACK
COLOR
BLACK
COLOR
BLACK
COLOR
BLACK
MATL NO
ENG NO:
MATL NO
ENG NO:
MATL NO
ENG NO:
MATL NO
ENG NO:
MATL NO
ENG NO:
MATL NO
ENG NO:
22-42-6020
A-7720-WA02FP909B
22-42-6021
A-7720-WB02FP909B
22-42-6022
A-7720-WC02FP909B
22-42-6023
A-7720-WD02FP909B
22-42-6024
A-7720-WE02FP909B
22-42-6025
A-7720-WF02FP909B
22-42-6030
A-7720-WA03FP909B
22-42-6031
A-7720-WB03FP909B
22-42-6032
A-7720-WC03FP909B
22-42-6033
A-7720-WD03FP909B
22-42-6034
A-7720-WE03FP909B
22-42-6035
A-7720-WF03FP909B
22-42-6040
A-7720-WA04FP909B
22-42-6041
A-7720-WB04FP909B
22-42-6042
A-7720-WC04FP909B
22-42-6043
A-7720-WD04FP909B
22-42-6044
A-7720-WE04FP909B
22-42-6045
A-7720-WF04FP909B
22-42-6050
A-7720-WA05FP909B
22-42-6051
A-7720-WB05FP909B
22-42-6052
A-7720-WC05FP909B
22-42-6053
A-7720-WD05FP909B
22-42-6054
A-7720-WE05FP909B
22-42-6055
A-7720-WF05FP909B
22-42-6060
A-7720-WA06FP909B
22-42-6061
A-7720-WB06FP909B
22-42-6062
A-7720-WC06FP909B
22-42-6063
A-7720-WD06FP909B
22-42-6064
A-7720-WE06FP909B
22-42-6065
A-7720-WF06FP909B
22-42-6070
A-7720-WA07FP909B
22-42-6071
A-7720-WB07FP909B
22-42-6072
A-7720-WC07FP909B
22-42-6073
A-7720-WD07FP909B
22-42-6074
A-7720-WE07FP909B
22-42-6075
A-7720-WF07FP909B
22-42-6080
A-7720-WA08FP909B
22-42-6081
A-7720-WB08FP909B
22-42-6082
A-7720-WC08FP909B
22-42-6083
A-7720-WD08FP909B
22-42-6084
A-7720-WE08FP909B
22-42-6085
A-7720-WF08FP909B
22-42-6090
A-7720-WA09FP909B
22-42-6091
A-7720-WB09FP909B
22-42-6092
A-7720-WC09FP909B
22-42-6093
A-7720-WD09FP909B
22-42-6094
A-7720-WE09FP909B
22-42-6095
A-7720-WF09FP909B
22-42-6100
A-7720-WA10FP909B
22-42-6101
A-7720-WB10FP909B
22-42-6102
A-7720-WC10FP909B
22-42-6103
A-7720-WD10FP909B
22-42-6104
A-7720-WE10FP909B
22-42-6105
A-7720-WF10FP909B
22-42-6110
A-7720-WA11FP909B
22-42-6111
A-7720-WB11FP909B
22-42-6112
A-7720-WC11FP909B
22-42-6113
A-7720-WD11FP909B
22-42-6114
A-7720-WE11FP909B
22-42-6115
A-7720-WF11FP909B
22-42-6120
A-7720-WA12FP909B
22-42-6121
A-7720-WB12FP909B
22-42-6122
A-7720-WC12FP909B
22-42-6123
A-7720-WD12FP909B
22-42-6124
A-7720-WE12FP909B
22-42-6125
A-7720-WF12FP909B
22-42-6130
A-7720-WA13FP909B
22-42-6131
A-7720-WB13FP909B
22-42-6132
A-7720-WC13FP909B
22-42-6133
A-7720-WD13FP909B
22-42-6134
A-7720-WE13FP909B
22-42-6135
A-7720-WF13FP909B
22-42-6140
A-7720-WA14FP909B
22-42-6141
A-7720-WB14FP909B
22-42-6142
A-7720-WC14FP909B
22-42-6143
A-7720-WD14FP909B
22-42-6144
A-7720-WE14FP909B
22-42-6145
A-7720-WF14FP909B
22-42-6150
A-7720-WA15FP909B
22-42-6151
A-7720-WB15FP909B
22-42-6152
A-7720-WC15FP909B
22-42-6153
A-7720-WD15FP909B
22-42-6154
A-7720-WE15FP909B
22-42-6155
A-7720-WF15FP909B
22-42-6160
A-7720-WA16FP909B
22-42-6161
A-7720-WB16FP909B
22-42-6162
A-7720-WC16FP909B
22-42-6163
A-7720-WD16FP909B
22-42-6164
A-7720-WE16FP909B
22-42-6165
A-7720-WF16FP909B
22-42-6170
A-7720-WA17FP909B
22-42-6171
A-7720-WB17FP909B
22-42-6172
A-7720-WC17FP909B
22-42-6173
A-7720-WD17FP909B
22-42-6174
A-7720-WE17FP909B
22-42-6175
A-7720-WF17FP909B
22-42-6180
A-7720-WA18FP909B
22-42-6181
A-7720-WB18FP909B
22-42-6182
A-7720-WC18FP909B
22-42-6183
A-7720-WD18FP909B
22-42-6184
A-7720-WE18FP909B
22-42-6185
A-7720-WF18FP909B
22-42-6190
A-7720-WA19FP909B
22-42-6191
A-7720-WB19FP909B
22-42-6192
A-7720-WC19FP909B
22-42-6193
A-7720-WD19FP909B
22-42-6194
A-7720-WE19FP909B
22-42-6195
A-7720-WF19FP909B
22-42-6200
A-7720-WA20FP909B
22-42-6201
A-7720-WB20FP909B
22-42-6202
A-7720-WC20FP909B
22-42-6203
A-7720-WD20FP909B
22-42-6204
A-7720-WE20FP909B
22-42-6205
A-7720-WF20FP909B
22-42-6210
A-7720-WA21FP909B
22-42-6211
A-7720-WB21FP909B
22-42-6212
A-7720-WC21FP909B
22-42-6213
A-7720-WD21FP909B
22-42-6214
A-7720-WE21FP909B
22-42-6215
A-7720-WF21FP909B
22-42-6220
A-7720-WA22FP909B
22-42-6221
A-7720-WB22FP909B
22-42-6222
A-7720-WC22FP909B
22-42-6223
A-7720-WD22FP909B
22-42-6224
A-7720-WE22FP909B
22-42-6225
A-7720-WF22FP909B
22-42-6230
A-7720-WA23FP909B
22-42-6231
A-7720-WB23FP909B
22-42-6232
A-7720-WC23FP909B
22-42-6233
A-7720-WD23FP909B
22-42-6234
A-7720-WE23FP909B
22-42-6235
A-7720-WF23FP909B
22-42-6240
A-7720-WA24FP909B
22-42-6241
A-7720-WB24FP909B
22-42-6242
A-7720-WC24FP909B
22-42-6243
A-7720-WD24FP909B
22-42-6244
A-7720-WE24FP909B
22-42-6245
A-7720-WF24FP909B
22-42-6250
A-7720-WA25FP909B
22-42-6251
A-7720-WB25FP909B
22-42-6252
A-7720-WC25FP909B
22-42-6253
A-7720-WD25FP909B
22-42-6254
A-7720-WE25FP909B
22-42-6255
A-7720-WF25FP909B
22-42-6260
A-7720-WA26FP909B
22-42-6261
A-7720-WB26FP909B
22-42-6262
A-7720-WC26FP909B
22-42-6263
A-7720-WD26FP909B
22-42-6264
A-7720-WE26FP909B
22-42-6265
A-7720-WF26FP909B
22-42-6270
A-7720-WA27FP909B
22-42-6271
A-7720-WB27FP909B
22-42-6272
A-7720-WC27FP909B
22-42-6273
A-7720-WD27FP909B
22-42-6274
A-7720-WE27FP909B
22-42-6275
A-7720-WF27FP909B
22-42-6280
A-7720-WA28FP909B
22-42-6281
A-7720-WB28FP909B
22-42-6282
A-7720-WC28FP909B
22-42-6283
A-7720-WD28FP909B
22-42-6284
A-7720-WE28FP909B
22-42-6285
A-7720-WF28FP909B


Similar Part No. - A-7720-WA20F501B

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
A-7720-WA21F501B MOLEX3-A-7720-WA21F501B Datasheet
484Kb / 20P
   2.54mm (.100") KK짰 IDT Double Cantilever Contact, 21 Circuits, Gold (Au), Feed-Through, 22 AWG Wire
A-7720-WA22F501B MOLEX3-A-7720-WA22F501B Datasheet
484Kb / 20P
   2.54mm (.100") KK짰 IDT Double Cantilever Contact, 22 Circuits, Gold (Au), Feed-Through, 22 AWG Wire
A-7720-WA23F501B MOLEX3-A-7720-WA23F501B Datasheet
484Kb / 20P
   2.54mm (.100") KK짰 IDT Double Cantilever Contact, 23 Circuits, Gold (Au), Feed-Through, 22 AWG Wire
A-7720-WA24F501B MOLEX3-A-7720-WA24F501B Datasheet
484Kb / 20P
   2.54mm (.100") KK짰 IDT Double Cantilever Contact, 24 Circuits, Gold (Au), Feed-Through, 22 AWG Wire
A-7720-WA24FP909B MOLEX3-A-7720-WA24FP909B Datasheet
492Kb / 20P
   2.54mm (.100") KK IDT Double Cantilever Contact, 24 Circuits, Tin (Sn), Feed-Through, 22 AWG Wire
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com